Part Number Hot Search : 
11080 LX220 SMCJ1 25NF10 SMCJ1 NMU2006H AAT31 TA7733
Product Description
Full Text Search
 

To Download MBR870 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR870 thru mbr8100 symbol characteristics i (av) maximum average forward rectified current @t c =110 c i fsm maximum ratings 8 125 a a unit o maximum forward voltage (note 1) i f =8a @t j =25 c i f =8a @t j =125 c i f =16a @t j =25 c i f =16a @t j =125 c v f i r maximum dc reverse current at rated dc blocking voltage @t j =25 c @t j =125 c c j typical junction capacitance (note 3) t j operating temperature range 0.85 0.75 0.95 0.85 0.1 7 2.0 280 -55 to +150 -55 to +175 v ma pf o o o o o typical thermal resistance (note 2) r ojc c/w o c o notes: 1. 300us pulse width, duty cycle 2%. 2. thermal resistance junction to case. 3. measured at 1.0mhz and applied reverse voltage of 4.0v dc. o wide temperature range and high t jm schottky barrier rectifiers dim. a b c d e f g h j k l m n q milimeter min. max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 - 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39 inches min. max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 - 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055 dimensions to-220ac c a MBR870 mbr880 mbr890 mbr8100 v rrm v 70 80 90 100 v rms v 49 56 63 70 v dc v 70 80 90 100 a=anode, c=cathode, tab=cathode peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (jedec method) dv/dt voltage rate of change (rated v r ) 10000 v/us c o t stg storage temperature range features * metal of silicon rectifier, majority carrier conducton * guard ring for transient protection * low power loss, high efficiency * high current capability, low v f * high surge capacity * for use in low voltage, high frequency inverters, free whelling, and polarity protection applications mechanical data * case: to-220ac molded plastic * polarity: as marked on the body * weight: 0.08 ounces, 2.24 grams * mounting position: any c(tab) c a www.kersemi.com
MBR870 thru mbr8100 wide temperature range and high t jm schottky barrier rectifiers f ig.2 - ma x i mum no n - re p e t i t i v e s u r g e cu r r e n t n u m b e r of cy cl es a t 60 hz p e a k f o r w ard s u r g e curr e n t , am peres 1 5 10 50 10 0 2 20 0 25 50 75 10 0 12 5 15 0 f i g . 1 - f o r w ar d cu rr e n t de r a t i ng c u r v e avera g e f o r w a r d c u r r e n t a m p e r e s 25 75 100 1 2 5 1 50 2 0 50 8 17 5 case t e m pera t u r e , c 8 . 3 m s sin g le ha lf - s in e - w a ve ( j e d e c me t h o d ) 6 0 4 r e s i s t i ve o r i n du c t i ve l o a d i n st a n t a neo u s f o rw ard vo l t a g e , vo l t s f ig.4 - t y p i c a l f o r w a rd cha r a ct e r i s t i cs i n s t a n t a neous f o rw ard c u r r e n t ,( a ) 0. 2 0 . 3 0. 7 0. 8 1. 0 10 100 0. 4 0 . 5 0 . 6 0. 1 1. 0 0. 9 p u ls e w i d t h 3 0 0u a i n st a n t a neo u s f o rw ard vo l t a g e , vo l t s i n s t a n t a neous f o rw ard c u r r e n t ,( a ) 0. 1 1. 0 10 100 0. 1 p u ls e w i d t h 3 0 0u s 2 % d u ty c y c l e t j = 25 c 10 p e r c e n t o f ra t e d peak reverse vo l t a g e ,(%) f ig.3 - t y p i c a l rever s e cha r a c t eris t i cs i n st an t a n e o u s r e v e r s e cu rr e n t , ( ma ) 20 40 12 0 14 0 0 0. 0 0 1 0. 1 1 100 10 60 80 1 0 0 t j = 1 2 5 c 0. 0 1 t j = 2 5 c t j = 75 c f ig.5 - t ypical junct i o n capacit ance ca pa cit a n c e , ( p f ) re ve rs e vo l t a g e , v o l t s 10 1 10 0 10 0 0 0 1000 10 0 0. 1 4 t j = 25 c , f = 1mh z www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR870

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X