Part Number Hot Search : 
063CS 72510 B20100 BCW65B 00206 68HC05C4 2SD1277 SA160
Product Description
Full Text Search
 

To Download MBR20H100CT-G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high voltage power schottky rectifier mbr20h100c 1 general description high voltage dual schottky rectifier suited for switch mode power supplies and other power converters. this device is intended for use in medium voltage opera- tion, and particularly, in high frequency circuits where low switching losses and low noise are required. mbr20h100c is available in to-220f-3, to-220-3 and to-220-3 (2) packages. features low forward voltage: 0.64v @ 125 o c high surge capacity 175 o c operating junction temperature 20a total (10a each diode leg) guard-ring for stress protection pb-free package applications power supply output rectification power management instrumentation main product characteristics mechanical characteristics case: epoxy, molded epoxy meets ul 94v-0 @ 0.125in. weight (approximately): 2grams (to-220-3, to-220-3 (2) and to-220f-3) finish: all external surf aces corrosion resistant and terminal leads are readily solderable lead temperature for soldering purposes: 260 o c maximum for 10 seconds i f (av) 2 10a v rrm 100v t j 175 o c v f (max) 0.64v figure 1. package types of mbr20h100c to-220-3 (optional) to-220f-3 to-220-3 (2) www.kersemi.com
high voltage power schottky rectifier mbr20h100c 2 figure 2. pin configuration of mbr20h100c (top view) t package figure 3. internal structure of mbr20h100c pin configuration (to-220-3) (optional) tf package (to - 220f-3) (to-220-3 (2)) 1 2 3 a1 k a2 1 2 3 a1 k a2 1 2 3 a1 k a2 a1 a2 k www.kersemi.com
high voltage power schottky rectifier mbr20h100c 3 ordering information circuit type package e1: lead free mbr20h100c - blank: tube package part number marking id packing type lead free green lead free green to-220-3 (2) mbr20h100ct-e1 MBR20H100CT-G1 mbr20h100ct-e1 MBR20H100CT-G1 tube to-220f-3 mbr20h100ctf-e1 mbr20h100ctf -g1 mbr20h100ctf-e1 mbr20h100ctf-g1 tube g1: green t: to-220-3 (2) tf: to-220f-3 to-220-3 (optional) www.kersemi.com
high voltage power schottky rectifier mbr20h100c 4 parameter symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v average rectified forward current (rated v r ) t c =162 o c i f (av) 10 a peak repetitive forward current (rated v r , square wave, 20khz) t c =160 o c i frm 20 a non repetitive peak surge curren t (surge applied at rated load conditions half wave, single phase, 60hz) i fsm 250 a operating junction temperature (note 2) t j 175 o c storage temperature range t stg -65 to 175 o c voltage rate of change (rated v r ) dv/dt 10000 v/ s esd (machine model=c) >400 v esd (human body model=3b) >8000 v note 1: stresses greater than those li sted under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functiona l operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. ex posure to "absolute maximum ratings" for extended periods may affect device reliability. note 2: the heat generated must be less than the thermal conducti vity from junction to ambient: dp d /dt j <1/ ja . absolute maximum ratings (each diode leg) (note 1) parameter symbol condition value unit maximum thermal resistance jc junction to case to-220-3/ to-220-3 (2) 2.0 o c/w to-220f-3 2.5 ja junction to ambient to-220-3/ to-220-3 (2) 60 thermal characteristics www.kersemi.com
high voltage power schottky rectifier mbr20h100c 5 parameter symbol condition value unit maximum instantaneous forward voltage drop (note 3) v f i f =10a, t c =25 o c 0.77 v i f =10a, t c =125 o c 0.64 i f =20a, t c =25 o c 0.88 i f =20a, t c =125 o c 0.73 maximum instantaneous reverse current (note 3) i r rated dc voltage, t c =125 o c 6.0 ma rated dc voltage, t c =25 o c 0.0045 electrical characteristics (each diode leg) note 3: pulse test: pulse width=300 s, duty cycle 2.0%. www.kersemi.com
high voltage power schottky rectifier mbr20h100c 6 figure 4. typical forward voltage figure 5. typical reverse current typical performance characteristics 0.01 0.1 1 10 100 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v f , instantaneous forward voltage (v) i f , instantaneous forward current (a) 25 o c 125 o c 150 o c 175 o c 20 40 60 80 100 1e-9 1e-8 1e-7 1e-6 1e-5 1e-4 1e-3 0.01 i r , reverse current (a) v r , reverse voltage (v) 25 o c 125 o c 150 o c 175 o c www.kersemi.com
high voltage power schottky rectifier mbr20h100c 7 typical performance ch aracteristics (continued) figure 6. capacitance vs. v r , reverse voltage figure 7. average forward current vs. ca se temperature (square, each diode) 100 110 120 130 140 150 160 170 180 0 2 4 6 8 10 12 14 i av , average foward current (a) case temperature ( o c) square 20 40 60 80 100 10 100 1000 10000 capacitance (pf) v r , reverse voltage (v) t j =25 o c www.kersemi.com
high voltage power schottky rectifier mbr20h100c 8 mechanical dimensions to-220-3 unit: mm(inch) 3.560(0.140) 1 4 . 2 3 0 ( 0 . 5 6 0 ) 1.160(0.046) 0.813(0.032) 8 . 7 6 3 ( 0 . 3 4 5 ) 2.540(0.100) 0.356(0.014) 2.080(0.082) 3 7 3.560(0.140) 7 9.660(0.380) 0.550(0.022) 60 0.381(0.015) 2 . 5 8 0 ( 0 . 1 0 2 ) 6 0 8 . 5 2 0 ( 0 . 3 3 5 ) 1.500(0.059) 0.200(0.008) 1 . 8 5 0 ( 0 . 0 7 3 ) 2.540(0.100) 0.381(0.015) 0.406(0.016) 3 . 3 8 0 ( 0 . 1 3 3 ) 10.660(0.420) 4.060(0.160) 1.350(0.053) 2 7 . 8 8 0 ( 1 . 0 9 8 ) 3 0 . 2 8 0 ( 1 . 1 9 2 ) 9 . 5 2 0 ( 0 . 3 7 5 ) 1 6 . 5 1 0 ( 0 . 6 5 0 ) 4.820(0.190) 2.880(0.113) 1.760(0.069) (optional) www.kersemi.com
high voltage power schottky rectifier mbr20h100c 9 3 3 3 9.800(0.386) 10.200(0.402) 3.560(0.140) 3.640(0.143) 11.100(0.437) ref 0.700(0.028) 0.900(0.035) 1.170(0.046) 1.390(0.055) 2.540(0.100) ref 2.540(0.100) ref 9.600(0.378) 10.600(0.417) 12.600(0.496) 13.600(0.535) 9.000(0.354) 9.400(0.370) 1.200(0.047) 1.400(0.055) 0.600(0.024) ref 6.300(0.248) 6.700(0.264) 4.400(0.173) 4.600(0.181) 2.200(0.087) 2.500(0.098) 0.400(0.016) 0.600(0.024) 1.620(0.064) 1.820(0.072) 1.200(0.047) 1.400(0.055) 3.000(0.118) ref to-220-3 (2) unit: mm(inch) ? mechanical dimens ions (continued) www.kersemi.com
high voltage power schottky rectifier mbr20h100c 10 4.300(0.169) 0.450(0.018) 0.600(0.024) 2.540(0.100) 9.700(0.382) 10.300(0.406) 6.900(0.272) 7.100(0.280) 3.000(0.119) 3.400(0.134) 14.700(0.579) 16.000(0.630) 1.000(0.039) 1.400(0.055) 1.100(0.043) 1.500(0.059) 2.790(0.110) 4.500(0.177) 12.500(0.492) 13.500(0.531) 0.550(0.022) 0.900(0.035) 2.540(0.100) 3.000(0.119) 3.550(0.140) 3.370(0.133) 3.900(0.154) 2.350(0.093) 2.900(0.114) 4.900(0.193) [ mechanical dimens ions (continued) to-220f-3 unit: mm(inch) ? www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR20H100CT-G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X