Part Number Hot Search : 
SLE4406 4FST3 RN1102F CDBV0520 TFMBJ65 2J102K 2K30A 2J102K
Product Description
Full Text Search
 

To Download KSP2222ATA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2006 fairchild semiconductor corporation 1 www.fairchildsemi.com ksp2222a rev. b ksp2222a npn genera l purpose amplifier tm july 2006 ksp2222a npn general purpose amplifier features ? collector-emitter voltage: v ceo = 40v ? collector power dissipation: p c (max)=625mw ? available as pn2222a absolute maximum ratings * t a = 25 c unless otherwise noted * 1. these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. 2. these are steady state limits. the factory should be cons ulted on applications involving pulsed or low duty cycle operatio ns. thermal characteristics t a =25 c unless otherwise noted electrical characteristics * t a = 25c unless otherwise noted * dc item are tested by pulse test : pulse width 300us, duty cycle 2% symbol parameter value units v cbo collector-base voltage 75 v v ceo collector-emitter voltage 40 v v ebo emitter-base voltage 6.0 v i c collector current 600 ma t j junction temperature +150 c t stg storage temperature -55 ~ +150 c symbol parameter max units p c collector power dissipation, by r ja 625 mw r jc thermal resistance, junction to case 83.3 c/w r ja thermal resistance, junction to ambient 200 c/w symbol parameter test condition min. typ. max. units v (br)cbo collector-base breakdown voltage i c = 10 a, i e = 0 75 v v (br)ceo collector-emitter breakdown voltage i c = 10ma, i b = 0 40 v v (br)ebo emitter-base breakdown voltage i e = 10 a, i c = 0 6.0 v i cbo collector cutoff current v cb = 60v, i e = 0 0.01 a i ebo emitter cutoff current v eb = 3.0v, i c = 0 10 na h fe dc current gain v ce = 10v, i c = 0.1ma, v ce = 10v, i c = 1ma, v ce = 10v, i c = 10ma, v ce = 10v, i c = 150ma, v ce = 10v, i c = 500ma, 35 50 75 100 40 300 v ce (sat) collector-emitter saturation voltage i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma 0.3 1 v v v be (sat) base-emitter saturation voltage i c = 150ma, i b = 15ma i c = 500ma, i b = 50ma 0.6 1.2 2.0 v v f t current gain bandwidth product i c = 20ma, v ce = 20v, f = 100mhz 300 mhz c obo output capacitance v cb = 10v, i e = 0, f = 1.0mhz 8 pf t on turn on time v cc = 30v, i c = 150ma, i b1 = 15ma, v be(off) = 0.5v 35 ns t off turn off time v cc = 30v, i c = 150ma, i b1 = i b1 = 15ma 285 ns nf noise figure i c = 100 a, v ce = 10v, r s = 1k ? , f = 1.0khz 4 db 1. emitter 2. base 3. collector to-92 1 2 3
2 www.fairchildsemi.com ksp2222a rev. b ksp2222a npn genera l purpose amplifier package dimensions 0.46 0.10 1.27typ (r2.29) 3.86max [1.27 0.20 ] 1.27typ [1.27 0.20 ] 3.60 0.20 14.47 0.40 1 .02 0.10 (0.25) 4.58 0.20 4.58 +0.25 ?.15 0.38 +0.1 0 ?.0 5 0.38 +0.10 ?.05 to-92 dimensions in millimeters
rev. i20 trademarks the following are registered and unregistered trademarks fairch ild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fai rchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms acex? activearray? bottomless? build it now? coolfet? crossvolt ? dome? ecospark? e 2 cmos? ensigna? fact? fast ? fastr? fps? frfet? fact quiet series? globaloptoisolator? gto? hisec? i 2 c? i-lo ? implieddisconnect? intellimax? isoplanar? littlefet? microcoupler? microfet? micropak? microwire? msx? msxpro? ocx? ocxpro? optologic ? optoplanar? pacman? pop? power247? poweredge? powersaver? powertrench ? qfet ? qs? qt optoelectronics? quiet series? rapidconfigure? rapidconnect? serdes? scalarpump? silent switcher ? smart start? spm? stealth? superfet? supersot?-3 supersot?-6 supersot?-8 syncfet? tcm? tinyboost? tinybuck? tinypwm? tinypower? tinylogic ? tinyopto? trutranslation? uhc? unifet? ultrafet ? vcx? wire? across the board. around the world.? the power franchise ? programmable active droop? datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of KSP2222ATA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X