Part Number Hot Search : 
10206 89C5130A CBT3126D LM193W 274AI LXT386 5GWTE13 NCP5381
Product Description
Full Text Search
 

To Download KD144101107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   power entry modules without line filter kd www.schurter.com/pg0 5 connectors iec appliance inlet c14 with fuseholder 1- or 2-pole, line switch 1- or 2-pole and voltage selector standard or medical fuse drawer c14 70 c description - panel mount: screw-on version from front or rear side, snap-in version from front side - 4 functions: appliance inlet protection class i, line switch 1- or 2-pole, fusehol - der with interchangeable fuse drawer for fuse-links 5 x 20 mm or 6.3 x 32 mm, with or without voltage selector (step) - quick connect terminals 4.8 x 0.8 mm approvals - vde certificate number: 40029908 - ul file number: e93617 - csa file number: 38456 characteristics - all single elements are already wired - the fuse drawer fingergrip can be removed by hand for added safety "extra-safe" fuse drawers are available fuse drawer meets requirements of medical standard iec/en 60601-1 the fuse drawer can only be opened with the aid of a tool the fuseholder is accessible from the equipment front - qualified for use in equipment according iec/en 60950 other versions on request - line switch, illuminated - line switch with other rocker marking - line switch 1-pole - for protection class ii references alternative: version with line filter c d weblinks pd f , general product informatio n , approval s , roh s , china-roh s , mating connector s , e-stor e , schurter-stock-chec k , distributor- stock-chec k , accessorie s , wire harnes s newly available variants corresponding to v-lock mating cordset. the connector is equipped with a notch intended for use with the latching cordset. the cord latching system prevents against accidental removal of the cordset. technical data ratings iec 10 a / 250 vac; 50 hz ratings ul/csa 10 a / 125 vac; 60 hz dielectric strength > 3 kvac between l-n > 4 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 40 acc. to iec 60529 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal quick connect terminals 4.8 x 0.8 mm , tin-plated panel thickness s screw: max 8 mm mounting screw torque max 0.5 nm snap-in: 1.5/2/2.5 mm material: housing thermoplastic, black, ul 94v-0 appliance inlet c14 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 10 a, protection class 1 fuseholder 1 or 2 pole, shocksafe category pc2 acc. to iec 60127-6, for fuse-links 5 x 20 or 6.3 x 32 mm rated power acceptance @ ta 23 c 5 x 20: 2.5 w (1 pole)/ 2 w (2-pole) per pole 6.3 x 32: 3.15 w (1 pole)/ 2.5 w (2-pole) per pole power acceptance @ ta > 23c admissible power acceptance at hig - her ambient temperature see derating curves line switch rocker switch 2-pole, non-illuminated, acc. to iec 61058-1 technical detail s voltage selectors optional, step, 2-4 digits
 power entry modules without line filter kd www.schurter.com/pg0 5 connectors dimensions 83.5 mm screw on pcb mounting 66.2 75.5 30 55 4.8x0.8 r 4.5 r 6 r 3.1 66.5 +0.2 0 0.15 83.5 18 27.5 27.2 ? 3.2 ? 6.3x90? 27.5 +0.2 0 r 3 0 -0.2 75.5 230 2.2 2 m3/? 3.6 snap-in mounting 66.2 30 55 4.8x0.8 r 4.5 r 3.1 66.5 +0.2 0 18 27.5 27.2 s 27.5 +0.2 0 r 3 0 -0.2 69 230 2.2 2 0.1 diagrams without voltage selector 1-pole without voltage selector 2-pole with voltage selector 1-pole with voltage selector 2-pole derating curves fuses 5 x 20 mm (1-pole) admissible power acceptance in watt 1.5 1.0 0.5 0.0 2.5 2.0 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c fuses 5 x 20 mm (2-pole, per pole) admissible power acceptance in watt per pole 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n 2.0 1.5 1.0 0.5 0.0 ambient air temperature ta c fuses 6.3 x 32 mm (1-pole) admissible power acceptance in watt 0 2 0 4 0 6 0 8 0 1 00 1.5 1.0 0.5 0.0 2.5 3.15 2.0 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c fuses 6.3 x 32 mm (2-pole, per pole) admissible power acceptance in watt per pole 1.5 1.0 0.5 0.0 2.5 2.0 0 2 0 4 0 6 0 8 0 100 i = < < i n i = 0.7 i n i = 1.0 i n ambient air temperature ta c
 power entry modules without line filter kd www.schurter.com/pg0 5 connectors fuse drawer must be ordered separately type panel mounting panel thickness s [mm] fuseholder line switch voltage selector max. 4 pos* order number kd screw - 1-pole rocker switch 2-4 digits kd13.4101.151 kd screw - 1-pole rocker switch without kd13.1101.151 kd screw - 2-pole rocker switch 2-4 digits kd14.4101.151 kd screw - 2-pole rocker switch without kd14.1101.151 kd snap-in 1.5 1-pole rocker switch 2-4 digits kd13.4101.105 kd snap-in 2 1-pole rocker switch 2-4 digits kd13.4101.107 kd snap-in 2.5 1-pole rocker switch 2-4 digits kd13.4101.109 kd snap-in 1.5 1-pole rocker switch without kd13.1101.105 kd snap-in 2 1-pole rocker switch without kd13.1101.107 kd snap-in 2.5 1-pole rocker switch without kd13.1101.109 kd snap-in 1.5 2-pole rocker switch 2-4 digits kd14.4101.105 kd snap-in 2 2-pole rocker switch 2-4 digits kd14.4101.107 kd snap-in 2.5 2-pole rocker switch 2-4 digits kd14.4101.109 kd snap-in 1.5 2-pole rocker switch without kd14.1101.105 kd snap-in 2 2-pole rocker switch without kd14.1101.107 kd snap-in 2.5 2-pole rocker switch without kd14.1101.109 can be used as 2-/3-position voltage selector - take only corresponding terminals packaging unit 20 pcs required accessor y description fusedrawer 3 fusedrawer for fuse links 5x20mm resp. 6.3x32mm fingergrip, 5 x 20, 2-pole, voltage selectors 4303.2014.00 fingergrip, 5 x 20, 2-pole, voltage selectors, 100, 120, 220, 240 4303.2014.01 fingergrip, 5 x 20, 2-pole, voltage selectors, 110, 150, 220 4303.2014.02 fingergrip, 5 x 20, 2-pole, voltage selectors, 110, 220 4303.2014.03 ... accessorie s assorted cover s rear cover 0859.0074 wire harnes s wire harness for schurter products
4 power entry modules without line filter kd www.schurter.com/pg0 5 connectors cord retaining kit s cord retaining strain relief flat head, a 4700.0001 mating outlets/connector s category / description appliance outletoverview complet e iec appliance outlet f, screw-on mounting, front side, solder terminal 478 7 iec appliance outlet f, snap-in mounting, front side, solder or quick-connect terminal 478 8 iec appliance outlet f or h, screw-on mounting, front side, solder, pcb or quick-connect terminal 509 1 iec appliance outlet f or h, screw-on mounting, front side, solder or quick-connect terminal 509 2 appliance outletfurther types tok d connectoroverview complet e iec connector c15, rewireable, straight 010 1 iec connector c15a, rewireable, straight 010 2 iec connector c15a, rewireable, straight 0102- g iec connector c15a, rewireable, angled 011 2 iec connector c13, rewireable, angled 401 2 connectorfurther types tok d ... power cordoverview complet e power cord with iec connector c13, angled 031 1 power cord with iec connector c13, angled 301 1 power cord with iec connector c13, angled 301 2 power cord with iec connector c13, angled 301 3 power cord with iec connector c13 302 0 power cordfurther types tok d ... the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of KD144101107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X