Part Number Hot Search : 
LB540Z MD180 BAS40 BYV95B EMK23 BGO847 P4SMBJ P4SMBJ
Product Description
Full Text Search
 

To Download KAV756DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  so t -363 unit: mm 1.3 +0.1 -0.1 0.65 0.525 1.25 +0.1 -0.1 0.36 0.1 +0.05 -0.02 0.1max 0.95 +0.05 -0.05 2.3 +0.15 -0.15 0.3 +0.1 -0.1 2.1 +0.1 -0.1 KAV756DW (bav756dw) features fast switching speed ultra-small surface mount package for general purpose switching applications high conductance absolute maximum ratings ta = 25 parameter symbol rating unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage v rrm working peak reverse voltage v rwm dc blocking voltage v r rms reverse voltage v r(rms) 53 v average rectified output current i o 150 ma forward continuous current i fm 300 ma non-repetitivepeakforwardsurgecurrent@t=1.0 s 2.0 @ t = 1.0s 1.0 power dissipation p d 200 mw thermal resistance junction to ambient air r ja 625 k/w operating and storage temperature range t , t stg -65to+150 a 75 v i fsm electrical characteristics ta = 25 parameter symbol testconditons min typ max unit i f = 1.0ma 0.715 i f = 10ma 0.855 i f = 50ma 1.0 i f = 150ma 1.25 v r = 75v 2.5 a v r = 75v, t j = 150 50 a v r = 25v, t j = 150 30 a v r = 20v 25 na junction capacitance c j v r = 0, f = 1.0mhz 2 pf reverse recovery time t rr i f =i r = 10ma,i rr =0.1xi r ,r l = 100 4ns v v fm maximum forward voltage i rm maximum peak reverse current marking marking kca product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of KAV756DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X