Part Number Hot Search : 
ATMEGA 1SMC24A SI106 MT321220 THC956 A103M MN101EF MN101EF
Product Description
Full Text Search
 

To Download K70X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hdsp series low current seven segment displays data sheet description these low current seven segment displays are designed for applications requiring low power consumption. they are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. drive currents as low as 1 ma per segment are available. pin for pin equivalent displays are also available in a standard current or high light ambient design. the standard current displays are available in all colors and are ideal for most applications. the high light ambient displays are ideal for sunlight ambients or long string lengths. for additional information see the 7.6 mm micro bright seven segment displays, 10 mm seven segment displays, 7.6 mm/10.9 mm seven segment displays, 14.2 mm seven segment displays, 20 mm seven segment displays, or high light ambient seven segment displays data sheets. hdsp-335x series, hdsp-555x series hdsp-751x series, hdsp-a10x series hdsp-a80x series, hdsp-a90x series hdsp-e10x series, hdsp-f10x series hdsp-g10x series, hdsp-h10x series hdsp-k12x, K70X series, hdsp-n10x series features  low power consumption  industry standard size  industry standard pinout  choice of character size C 7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in)  choice of colors C algaas red, high efficiency red (her), yellow, green  excellent appearance C evenly lighted segments C 50 viewing angle  design flexibility C common anode or common cathode C single and dual digit C left and right hand decimal points C 1. overflow character  categorized for luminous intensity C yellow and green categorized for color use of like categories yields a uniform display  excellent for long digit string multiplexing
2 devices algaas hdsp- her hdsp- yellow hdsp- green hdsp- description package drawing a101 7511 a801 a901 7.6 mm common anode right hand decimal a a103 7513 a803 a903 7.6 mm common cathode right hand decimal b a107 7517 a807 a907 7.6 mm common anode 1. overflow c a108 a908 7.6 mm common cathode 1. overflow d f101 10 mm common anode right hand decimal e f103 10 mm common cathode right hand decimal f f107 10 mm common anode 1. overflow g f108 10 mm common cathode 1. overflow h g101 10 mm two digit common anode right hand decimal x g103 10 mm two digit common cathode right hand decimal y e100 10.9 mm common anode left hand decimal i e101 3351 10.9 mm common anode right hand decimal j e103 3353 10.9 mm common cathode right hand decimal k 3356 10.9 mm universal 1. overflow[1] l h101 5551 14.2 mm common anode right hand decimal m h103 5553 14.2 mm common cathode right hand decimal n h107 5557 14.2 mm common anode 1. overflow o h108 5558 14.2 mm common cathode 1. overflow p k121 14.2 mm two digit common anode right hand decimal r k123 k703 14.2 mm two digit common cathode right hand decimal s n101 20 mm common anode right hand decimal t n103 20 mm common cathode right hand decimal u n105 20 mm common cathode left hand decimal v note: 1. universal pinout brings the anode and cathode of each segment's led out to separate pins. see internal diagrams l or w.
3 part numbering system notes: 1. for codes not listed in the figure above, please refer to the respective datasheet or contact your nearest avago representative for details. 2. bin options refer to shippable bins for a part number. color and intensity bins are typically restricted to 1 bin per tube (exceptions may apply). please refer to respective datasheet for specific bin limit information. mechanical option [1] 00: no mechanical option color bin options [1, 2] 0: no color bin limitation maximum intensity bin [1, 2] 0: no maximum intensity bin limitation minimum intensity bin [1, 2] 0: no minimum intensity bin limitation device con?guration/color [1] g: green device speci?c con?guration [1] refer to respective datasheet package [1] refer to respective datasheet 5082 C x xx x C x x x xx hdsp C x xx x C x x x xx
4 package dimensions function pin a b c d 1 2 3 4 5 6 7 8 9 10 anode [4] cathode f cathode g cathode e cathode d anode [4] cathode dp cathode c cathode b cathode a cathode [5] anode f anode g anode e anode d cathode [5] anode dp anode c anode b anode a anode [4] cathode plus cathode minus nc nc anode [4] cathode dp cathode c cathode b nc cathode [5] anode plus anode minus nc nc cathode [5] anode dp anode c anode b nc notes: 1. all dimensions in millimetres (inches). 2. maximum. 3. all untoleranced dimensions are for reference only. 4. redundant anodes. 5. redundant cathodes.
5 package dimensions (cont.) function pin e f g h 1 2 3 4 5 6 7 8 9 10 anode [4] cathode f cathode g cathode e cathode d anode [4] cathode dp cathode c cathode b cathode a cathode [5] anode f anode g anode e anode d cathode [5] anode dp anode c anode b anode a anode [4] cathode plus cathode minus nc nc anode [4] cathode dp cathode c cathode b nc cathode [5] anode plus anode minus nc nc cathode [5] anode dp anode c anode b nc notes: 1. all dimensions in millimetres (inches). 2. maximum. 3. all untoleranced dimensions are for reference only. 4. redundant anodes. 5. redundant cathodes.
6 package dimensions (cont.) function pin i j k l 1 2 3 4 5 6 7 8 9 10 11 12 13 14 cathode a cathode f anode [3] no pin no pin cathode dp cathode e cathode d no conn. [5] cathode c cathode g no pin cathode b anode [3] cathode a cathode f anode [3] no pin no pin no conn. [5] cathode e cathode d cathode dp cathode c cathode g no pin cathode b anode [3] anode a anode f cathode [6] no pin no pin no conn. [5] anode e anode d anode dp anode c anode g no pin anode b cathode [6] cathode d anode d no pin cathode c cathode e anode e anode c anode dp cathode dp cathode b cathode a no pin anode a anode b notes: 1. all dimensions in millimetres (inches). 2. all untoleranced dimensions are for reference only. 3. redundant anodes. 4. unused dp position. 5. see internal circuit diagram. 6. redundant cathodes. 7. see part number table for l.h.d.p. and r.h.d.p. designation.
7 package dimensions (cont.) function pin m n o p 1 2 3 4 5 6 7 8 9 10 cathode e cathode d anode [4] cathode c cathode dp cathode b cathode a anode [4] cathode f cathode g anode e anode d cathode [5] anode c anode dp anode b anode a cathode [5] anode f anode g cathode c anode c, d cathode b anode a, b, dp cathode dp cathode a anode a, b, dp anode c, d cathode d no pin anode c cathode c, d anode b cathode a, b, dp anode dp anode a cathode a, b, dp cathode c, d anode d no pin notes: 1. all dimensions in millimetres (inches). 2. maximum. 3. all untoleranced dimensions are for reference only. 4. redundant anodes. 5. redundant cathodes.
8 package dimensions (cont.) function pin t u v 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 no pin cathode a cathode f anode [3] cathode e anode [3] no connec no pin no pin cathode dp cathode d anode [3] cathode c cathode g cathode b no pin anode [3] no pin no pin anode a anode f cathode [6] anode e cathode [6] no connec no pin no pin anode dp anode d cathode [6] anode c anode g anode b no pin cathode [6] no pin no pin anode a anode f cathode [6] anode e cathode [6] anode dp no pin no pin no pin anode d cathode [6] anode c anode g anode b no pin cathode [6] no pin notes: 1. all dimensions in millimetres (inches). 2. all untoleranced dimensions are for reference only. 3. redundant anodes. 4. unused dp position. 5. see internal circuit diagram. 6. redundant cathodes. 7. see part number table for l.h.d.p. and r.h.d.p. designation.
9 package dimensions (cont.) function pin r, x s, y 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 e cathode no. 1 d cathode no. 1 c cathode no. 1 dp cathode no. 1 e cathode no. 2 d cathode no. 2 g cathode no. 2 c cathode no. 2 dp cathode no. 2 b cathode no. 2 a cathode no. 2 f cathode no. 2 digit no. 2 anode digit no. 1 anode b cathode no. 1 a cathode no. 1 g cathode no. 1 f cathode no. 1 e anode no. 1 d anode no. 1 c anode no. 1 dp anode no. 1 e anode no. 2 d anode no. 2 g anode no. 2 c anode no. 2 dp anode no. 2 b anode no. 2 a anode no. 2 f anode no. 2 digit no. 2 cathode digit no. 1 cathode b anode no. 1 a anode no. 1 g anode no. 1 f anode no. 1 notes: 1. all dimensions in millimetres (inches). 2. all untoleranced dimensions are for reference only. 3. where applicable.
10 u tv mn o p ij kl a, e b, f c, g d, h internal circuit diagram
11 internal circuit diagram (cont.) hole pattern for pcb layout to achieve uniform 0.450 in. digit to digit pitch. for hdsp-fxxx to hdsp-gxxx. absolute maximum ratings description algaas red - hdsp-a10x/ e10x/h10x/k12x/ n10x/f10x/g10x series her hdsp-751x/ 335x/555x/K70X series yellow hdsp-a80x series green hdsp-a90x series units average power per segment or dp 37 52 64 mw peak forward current per segment or dp 45 ma dc forward current per segment or dp 15 [1] 15 [2] ma operating temperature range C 20 to +100 [9] C 40 to +100 c storage temperature range C 55 to +100 c reverse voltage per segment or dp 3.0 v wave soldering temperature for 3 seconds (1.60 mm [0.063 in.] below seating body) 250 c notes: 1. derate above 91c at 0.53 ma/c. 2. derate her/yellow above 80c at 0.38 ma/c and green above 71c at 0.31 ma/c
12 electrical/optical characteristics at t a = 25c algaas red device series hdsp- parameter symbol min. typ. max. units test conditions a10x luminous intensity/segment [1,2] (digit average) i v 315 600  cd i f = 1 ma 3600 i f = 5 ma f10x, g10x 330 650 i f = 1 ma 3900 i f = 5 ma e10x 390 650 i f = 1 ma 3900 i f = 5 ma h10x, k12x 400 700 i f = 1 ma 4200 i f = 5 ma n10x 270 590 i f = 1 ma 3500 i f = 5 ma all devices forward voltage/segment or dp v f 1.6 v i f = 1 ma 1.7 i f = 5 ma 1.8 2.2 i f = 20 ma pk peak wavelength  peak 645 nm dominant wavelength [3]  d 637 nm reverse voltage/segment or dp [4] v r 3.0 15 v i r = 100  a temperature coefficient of v f / segment or dp  v f /c -2 mv mv/c a10x thermal resistance led junction-to-pin r  j-pin 255 c/w/seg f10x, g10x 320 e10x 340 h10x, k12x 400 n10x 430
13 high efficiency red device series hdsp- parameter symbol min. typ. max. units test conditions 751x luminous intensity/segment [1,2,6] (digit average) i v 160 270  cd i f = 2 ma 1050 i f = 5 ma 335x, 555x, K70X 200 300 i f = 2 ma 1200 i f = 5 ma 270 370 i f = 2 ma 1480 i f = 5 ma all devices forward voltage/segment or dp v f 1.6 v i f = 2 ma 1.7 i f = 5 ma 2.1 2.5 i f = 20 ma pk peak wavelength  peak 635 nm dominant wavelength [3]  d 626 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100  a temperature coefficient of v f / segment or dp  v f /c -2 mv/c 751x thermal resistance led junction-to-pin r  j-pin 200 c/w 335x 280 555x, K70X 345 yellow device series hdsp- parameter symbol min. typ. max. units test conditions a80x luminous intensity/segment [1,2] (digit average) i v 250 420  cd i f = 4 ma 1300 i f = 10 ma forward voltage/segment or dp v f 1.7 v i f = 4 ma 1.8 i f = 5 ma 2.1 2.5 i f = 20 ma pk peak wavelength  peak 583 nm dominant wavelength [3,5]  d 581.5 585 592.5 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100  a temperature coefficient of v f / segment or dp  v f /c -2 mv/c thermal resistance led junction-to-pin r  j-pin 200 c/w
14 green device series hdsp- parameter symbol min. typ. max. units test conditions a90x luminous intensity/segment [1,2] (digit average) i v 250 475  cd i f = 4 ma 1500 i f = 10 ma forward voltage/segment or dp v f 1.9 v i f = 4 ma 2.0 i f = 10 ma 2.1 2.5 i f = 20 ma pk peak wavelength  peak 566 nm dominant wavelength [3,5]  d 571 577 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100  a temperature coefficient of v f / segment or dp  v f /c -2 mv/c thermal resistance led junction-to-pin r  j-pin 200 c/w notes: 1. device case temperature is 25c prior to the intensity measurement. 2. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the pack age. 3. the dominant wavelength, ld, is derived from the cie chromaticity diagram and is the single wavelength which defines the col or of the device. 4. typical specification for reference only. do not exceed absolute maximum ratings. 5. the yellow (hdsp-a800) and green (hdsp-a900) displays are cat egorized for dominant wavelength. the category is designated b y a number adjacent to the luminous intensity category letter.
15 figure 3. relative luminous intensity vs. dc forward current. figure 1. maximum allowable average or dc current vs. ambient temperature. figure 4. relative efficiency (luminous intensity per unit current) vs. peak current. figure 2. forward current vs. forward voltage. algaas red
16 figure 7. relative luminous intensity vs. dc forward current. figure 5. maximum allowable average or dc current vs. ambient temperature. figure 8. relative efficiency (luminous intensity per unit current) vs. peak current. figure 6. forward current vs. forward voltage. her, yellow, green
17 intensity bin limits (mcd) algaas red hdsp-a10x iv bin category min. max. e 0.315 0.520 f 0.428 0.759 g 0.621 1.16 h 0.945 1.71 i 1.40 2.56 j 2.10 3.84 k 3.14 5.75 l 4.70 8.55 her hdsp-751x iv bin category min. max. b 0.160 0.240 c 0.200 0.300 d 0.250 0.385 e 0.315 0.520 f 0.428 0.759 g 0.621 1.16 hdsp-e10x/f10x/g10x iv bin category min. max. d 0.391 0.650 e 0.532 0.923 f 0.755 1.39 g 1.13 2.08 h 1.70 3.14 hdsp-h10x/k12x iv bin category min. max. c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50 hdsp-n10x iv bin category min. max. a 0.270 0.400 b 0.325 0.500 c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50 hdsp-335x iv bin category min. max. b 0.240 0.366 c 0.300 0.477 d 0.391 0.650 e 0.532 0.923 f 0.755 1.39 g 1.13 2.08 h 1.70 3.14 hdsp-555x/K70X iv bin category min. max. a 0.270 0.400 b 0.325 0.500 c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2010 avago technologies. all rights reserved. obsoletes 5989-3880en av02-2554en - december 1, 2010 color categories color bin dominant wavelength (nm) min. max. yellow 1 581.50 585.00 3 584.00 587.50 2 586.50 590.00 4 589.00 592.50 green 2 573.00 577.00 3 570.00 574.00 4 567.00 571.00 5 564.00 568.00 note: all categories are established for classification of products. products may not be available in all categories. please contact your avago representa- tives for further clarification/information. electrical/optical for more information on electrical/optical characteristics, please see application note 1005. contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for information on soldering leds, please refer to appli- cation note 1027. intensity bin limits (mcd) (cont.) yellow hdsp-a80x iv bin category min. max. d 0.250 0.385 e 0.315 0.520 f 0.425 0.760 g 0.625 1.14 h 0.940 1.70 i 1.40 2.56 j 2.10 3.84 k 3.14 5.76 l 4.71 8.64 m 7.07 13.00 n 10.60 19.40 o 15.90 29.20 p 23.90 43.80 q 35.80 65.60 green hdsp-a90x iv bin category min. max. e 0.315 0.520 f 0.425 0.760 g 0.625 1.14 h 0.940 1.70 i 1.40 2.56 j 2.10 3.84 k 3.14 5.76 l 4.71 8.64 m 7.07 13.00 n 10.60 19.40 o 15.90 29.20 p 23.90 43.80 q 35.80 65.60


▲Up To Search▲   

 
Price & Availability of K70X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X