Part Number Hot Search : 
25VF04 WH1602B 1209S CTW13X8 KE220 S3D1723 AD8115 RU6199Q
Product Description
Full Text Search
 

To Download K2869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.2.00 sep 07, 2005 page 1 of 8 2sK2869(l), 2sK2869(s) silicon n channel mos fet high speed power switching rej03g1037-0200 (previous: ade-208-570) rev.2.00 sep 07, 2005 features ? low on-resistance r ds = 0.033 ? typ. ? high speed switching ? 4 v gate drive device can be driven from 5 v source outline renesas package code: prss0004zd-b (package name: dpak(l)-(2)) 1. gate 2. drain 3. source 4. drain renesas package code: prss0004zd-c (package name: dpak(s)) 1 2 3 4 1 2 3 4 d g s
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 2 of 8 absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v drain current i d 20 a drain peak current i d(pulse) * 1 80 a body to drain diode reverse drain current i dr 20 a avalanche current i ap * 3 20 a avalanche energy e ar * 3 34 mj channel dissipation pch* 2 30 w channel temperature tch 150 c storage temperature tstg ?55 to +150 c notes: 1. pw 10 s, duty cycle 1 % 2. value at tc = 25 c 3. value at tch = 25 c, rg 50 ? electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 60 ? ? v i d = 10 ma, v gs = 0 gate to source breakdown voltage v (br)gss 20 ? ? v i g = 100 a, v ds = 0 gate to source leak current i gss ? ? 10 a v gs = 16 v, v ds = 0 zero gate voltage drain current i dss ? ? 10 a v ds = 60 v, v gs = 0 gate to source cutoff voltage v gs(off) 1.5 ? 2.5 v i d = 1 ma, v ds = 10 v r ds(on) ? 0.033 0.045 ? i d = 10 a, v gs = 10 v* 4 static drain to source on state resistance r ds(on) ? 0.055 0.07 ? i d = 10 a, v gs = 4 v* 4 forward transfer admittance |y fs | 10 16 ? s i d = 10 a, v ds = 10 v* 4 input capacitance ciss ? 740 ? pf output capacitance coss ? 380 ? pf reverse transfer capacitance crss ? 140 ? pf v ds = 10 v, v gs = 0, f = 1 mhz turn-on delay time t d(on) ? 10 ? ns rise time t r ? 110 ? ns turn-off delay time t d(off) ? 105 ? ns fall time t f ? 120 ? ns i d = 10 a, v gs = 10 v, r l = 3 ? body to drain diode forward voltage v df ? 1.0 ? v i f = 20 a, v gs = 0 body to drain diode reverse recovery time t rr ? 40 ? v i f = 20 a, v gs = 0 di f / dt = 50a/ s note: 4. pulse test
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 3 of 8 main characteristics power vs. temperature derating channel dissipation pch (w) case temperature t c ( c) maximum safe operation area drain to source voltage v ds (v) drain current i d (a) typical output characteristics drain current i d (a) drain to source voltage v ds (v) typical transfer characteristics gate to source voltage v gs (v) drain current i d (a) gate to source voltage v gs (v) drain to source saturation voltage vs. gate to source voltage drain to source saturation voltage v ds (on) (v) drain current i d (a) static drain to source on state resistance vs. drain current static drain to source on state resistance r ds (on) ( ? ) 40 30 20 10 0 50 100 150 200 200 100 50 10 20 5 1 2 0.5 0.2 12 51020 5010 0 20 16 12 8 4 0 12345 0 2 46810 ta = 25 c tc = 75 c 25 c ?25 c operation in this area is limited by r ds(on) v ds = 10 v pulse test 100 s 1 ms pw = 10 ms (1shot) dc operat ion (tc = 25 c) 10 s 50 40 30 20 10 3.5 v 4 v 5 v v gs = 3 v 6 v 4.5 v 10 v pulse test 0.1 1 10 0.2 5 0.5 0.02 0.05 0.01 2 0.5 1.0 0.8 0.6 0.4 0.2 0 48 12 16 20 i d = 15 a 5 a 10 a 50 20 0.2 0.1 v gs = 4 v gs 10 v pulse test pulse test
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 4 of 8 case temperature t c ( c) static drain to source on state resistance vs. temperature static drain to source on state resistance r ds (on) ( ? ) forward transfer admittance vs. drain current drain current i d (a) forward transfer admittance ? y fs ? (s) body to drain diode reverse recovery time reverse drain current i dr (a) reverse recovery time t rr (ns) typical capacitance vs. drain to source voltage drain to source voltage v ds (v) capacitance c (pf) dynamic input characteristics gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) switching characteristics switching time t (ns) drain current i d (a) 0.10 0.08 0.06 0.04 0.02 ?40 0 40 80 120 160 0 0.1 0.3 1 3 10 30 100 50 20 5 10 1 2 0.5 v gs = 4 v 10 v 2, 5 a 10 a 2, 5, 10 a 25 c tc = ?25 c 75 c pulse test v ds = 10 v pulse test 0.1 0.3 1 3 10 30 100 01020304050 2000 5000 1000 100 200 500 100 80 60 40 20 0 20 16 12 8 4 816243240 0 1000 500 50 100 20 10 200 1000 300 30 100 3 10 1 0.1 0.3 1 3 10 30 100 di / dt = 50 a / s v gs = 0, ta = 25 c 10 20 50 v gs = 0 f = 1 mhz ciss coss crss i d = 20 a v gs v ds v dd = 50 v 25 v 10 v v dd = 50 v 25 v 10 v t f t r t d(on) t d(off) v gs = 10 v, v dd = 30 v pw = 5 s, duty < 1 %
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 5 of 8 pulse width pw (s) normalized transient thermal impedance s (t) normalized transient thermal impedance vs. pulse width channel temperature tch ( c) repetitive avalanche energy e ar (mj) maximum avalanche energy vs. channel temperature derating source to drain voltage v sd (v) reverse drain current i dr (a) reverse drain current vs. source to drain voltage d. u. t rg i ap monitor v ds monitor v dd 50 ? vin 15 v 0 i d v ds i ap v (br)dss l v dd e = ? l ? i ap 2 ? 2 1 v dss v dss ? v dd ar avalanche test circuit avalanche waveform 20 16 12 8 4 0 0.4 0.8 1.2 1.6 2.0 v gs = 0, ?5 v 10 v 5 v 40 32 24 16 8 25 50 75 100 125 150 0 pulse test i ap = 20 a v dd = 25 v duty < 0.1 % rg > 50 ? 3 1 0.3 0.1 0.03 0.01 10 100 1 m 10 m 100 m 1 10 dm p pw t d = pw t ch ? c(t) = s (t) ? ch ? c ch ? c = 4.17 c/w, tc = 25 c d = 1 0.5 0.2 0.01 0.02 0.1 0.05 1 shot pulse tc = 25 c
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 6 of 8 vin monitor d.u.t. vin 10 v r l v dd = 30 v t r t d(on) vin 90% 90% 10% 10% vout t d(off) vout monitor 50 ? 90% 10% t f switching time test circuit switching time waveforms
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 7 of 8 package dimensions 6.5 0.5 2.3 0.2 0.55 0.1 1.2 0.3 0.55 0.1 5.5 0.5 1.7 0.5 16.2 0.5 4.7 0.5 5.4 0.5 1.15 0.1 2.29 0.5 2.29 0.5 0.8 0.1 0.55 0.1 3.1 0.5 (0.7) package name prss0004zd-b dpak(l)-(2) / dpak(l)-(2)v mass[typ.] 0.42g ? renesas code jeita package code unit: mm 6.5 0.5 5.4 0.5 2.3 0.2 0.55 0.1 0 ? 0.25 0.55 0.1 1.5 0.5 5.5 0.5 2.5 0.5 (1.2) 0.8 0.1 2.29 0.5 2.29 0.5 1.2 max (5.1) (5.1) 1.0 max. (0.1) (0.1) package name prss0004zd-c dpak(s) / dpak(s)v mass[typ.] 0.28g sc-63 renesas code jeita package code unit: mm
2sK2869(l), 2sK2869(s) rev.2.00 sep 07, 2005 page 8 of 8 ordering information part name quantity shipping container 2sK2869l-e 3200 pcs box (sack) 2sK2869stl-e 3000 pcs taping note: for some grades, production may be terminated. please contact the renesas sales office to check the state of production before ordering the product.
keep safety first in your circuit designs! 1. renesas technology corp. puts the maximum effort into making semiconductor products better and more reliable, but there is a lways the possibility that trouble may occur with them. trouble with semiconductors may lead to personal injury, fire or property damage. remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placeme nt of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. notes regarding these materials 1. these materials are intended as a reference to assist our customers in the selection of the renesas technology corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to renesas t echnology corp. or a third party. 2. renesas technology corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents i nformation on products at the time of publication of these materials, and are subject to change by renesas technology corp. without notice due to product improvement s or other reasons. it is therefore recommended that customers contact renesas technology corp. or an authorized renesas technology corp. product distrib utor for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. renesas technology corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies o r errors. please also pay attention to information published by renesas technology corp. by various means, including the renesas techn ology corp. semiconductor home page (http://www.renesas.com). 4. when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, a nd algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. renesas technology corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. renesas technology corp. semiconductors are not designed or manufactured for use in a device or system that is used under ci rcumstances in which human life is potentially at stake. please contact renesas technology corp. or an authorized renesas technology corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp ace, nuclear, or undersea repeater use. 6. the prior written approval of renesas technology corp. is necessary to reprint or reproduce in whole or in part these materi als. 7. if these products or technologies are subject to the japanese export control restrictions, they must be exported under a lic ense from the japanese government and cannot be imported into a country other than the approved destination. any diversion or reexport contrary to the export control laws and regulations of japan and/or the country of destination is prohibited. 8. please contact renesas technology corp. for further details on these materials or the products contained therein. sales strategic planning div. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan http://www.renesas.com refer to " http://www.renesas.com/en/network " for the latest and detailed information. renesas technology america, inc. 450 holger way, san jose, ca 95134-1368, u.s.a tel: <1> (408) 382-7500, fax: <1> (408) 382-7501 renesas technology europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k. tel: <44> (1628) 585-100, fax: <44> (1628) 585-900 renesas technology hong kong ltd. 7th floor, north tower, world finance centre, harbour city, 1 canton road, tsimshatsui, kowloon, hong kong tel: <852> 2265-6688, fax: <852> 2730-6071 renesas technology taiwan co., ltd. 10th floor, no.99, fushing north road, taipei, taiwan tel: <886> (2) 2715-2888, fax: <886> (2) 2713-2999 renesas technology (shanghai) co., ltd. unit2607 ruijing building, no.205 maoming road (s), shanghai 200020, china tel: <86> (21) 6472-1001, fax: <86> (21) 6415-2952 renesas technology singapore pte. ltd. 1 harbour front avenue, #06-10, keppel bay tower, singapore 098632 tel: <65> 6213-0200, fax: <65> 6278-8001 renesas technology korea co., ltd. kukje center bldg. 18th fl., 191, 2-ka, hangang-ro, yongsan-ku, seoul 140-702, korea tel: <82> 2-796-3115, fax: <82> 2-796-2145 renesas technology malaysia sdn. bhd. unit 906, block b, menara amcorp, amcorp trade centre, no.18, jalan persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: <603> 7955-9390, fax: <603> 7955-9510 renesas sales offices ? 200 5. re nesas technology corp ., all rights reser v ed. printed in ja pan. colophon .3.0


▲Up To Search▲   

 
Price & Availability of K2869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X