Part Number Hot Search : 
GG1178 AAT863 HZU3CLL J0000F RL4ZZ CLC1011 ACE100 SA130
Product Description
Full Text Search
 

To Download IXTP12N50PM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds99448f(04/08) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 500 v v gs(th) v ds = v gs , i d = 250 a 3.0 5.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss 5 a v gs = 0v t j = 125 c 250 a r ds(on) v gs = 10v, i d = 6a, note 1 500 m polar tm power mosfet (electrically isolated tab) n-channel enhancement mode avalanche rated fast intrinsic diode IXTP12N50PM symbol test conditions maximum ratings v dss t j = 25c to 150c 500 v v dgr t j = 25c to 150c, r gs = 1 m 500 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c 6 a i dm t c = 25 c, pulse width limited by t jm 30 a i a t c = 25 c 12 a e as t c = 25 c 600 mj dv/dt i s i dm , v dd v dss , t j = 150 c 10 v/ns p d t c = 25 c 50 w t j - 55 ... +150 c t jm 150 c t stg - 55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque 1.13/10 nm/lb.in. weight 2.5 g g = gate d = drain s = source features plastic overmolded tab for electrical isolation international standard package unclamped inductive switching (uis) rated low package inductance - easy to drive and to protect advantages easy to mount space savings overmolded to-220 (i xtp...m ) outline g d s isolated tab v dss = 500v i d25 = 6a r ds(on) 500m t rr 300ns
IXTP12N50PM ixys reserves the right to change limits, test conditions, and dimensions. symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 6a, note 1 7.5 13 s c iss 1830 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 182 pf c rss 16 pf t d(on) 22 ns t r v gs = 10v, v ds = 0.5 v dss , i d = 6a 27 ns t d(off) r g = 10 (external) 65 ns t f 20 ns q g(on) 29 nc q gs v gs = 10v, v ds = 0.5 v dss , i d = 6a 11 nc q gd 10 nc r thjc 2.5 c/w source-drain diode characteristic values (t j = 25 c unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0v 12 a i sm repetitive, pulse width limited by t jm 48 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 300 ns q rm 2.8 c i rm 18.2 a notes:1. pulse test, t 300 s; duty cycle, d 2 %. ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 terminals: 1 - gate 2 - drain (collector) 3 - source (emitter) 12 3 isolated to-220 (i xtp...m ) i f = 6a, -di/dt = 150a/ s, v r = 100v, v gs = 0v
? 2008 ixys corporation, all rights reserved IXTP12N50PM fig. 2. extended output characteristics @ 25 o c 0 3 6 9 12 15 18 21 24 27 30 0 3 6 9 12 15 18 21 24 27 30 v d s - volts i d - amperes v gs = 10v 8v 7v 6v fig. 3. output characteristics @ 125 o c 0 2 4 6 8 10 12 024681012 v d s - volts i d - amperes v gs = 10v 7v 5v 6v fig. 1. output characteristics @ 25 o c 0 2 4 6 8 10 12 01234567 v d s - volts i d - amperes v gs = 10v 6v 7v fig. 4. r ds(on ) normalized to i d = 6a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s ( o n ) - normalized i d = 12a i d = 6a v gs = 10 v fig. 5. r ds(on) normalized to i d = 6a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 0 3 6 9 12 15 18 21 24 27 30 i d - amperes r d s ( o n ) - normalized t j = 125 o c t j = 25 o c v gs = 10 v fig. 6. drain current vs. case te mpe rature 0 1 2 3 4 5 6 7 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
IXTP12N50PM ixys reserves the right to change limits, test conditions, and dimensions. fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - picofarads c iss c oss c rss f = 1m h z fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 036912151821242730 q g - nanocoulombs v g s - volts v ds = 250v i d = 6a i g = 10ma fig. 7. input admittance 0 2 4 6 8 10 12 14 16 18 20 4.5 5.0 5.5 6.0 6.5 7.0 7.5 v g s - volts i d - amperes t j = 125 o c 25oc - 40oc fig. 8. transconductance 0 3 6 9 12 15 18 21 24 27 02468101214161820 i d - amperes g f s - siemens t j = - 40 o c 25 o c 125 o c fig. 9. source current vs. source-to-drain voltage 0 5 10 15 20 25 30 35 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v s d - volts i s - amperes t j = 125 o c t j = 25 o c fig. 12. forward-bias safe operating area 0.1 1 10 100 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 150oc t c = 25oc r ds(on) limi t 10ms 25s
? 2008 ixys corporation, all rights reserved ixys ref: t_12n50p(4j)4-14-08-d IXTP12N50PM fig. 13. maximum transient thermal impedance 0.01 0.10 1.00 10.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z ( t h ) j c - o c / w


▲Up To Search▲   

 
Price & Availability of IXTP12N50PM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X