Part Number Hot Search : 
2SA461 TM128 PE3171LF M62461FP T4015 PWR1223 20NM6 MSAD120
Product Description
Full Text Search
 

To Download IRFU1205PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
  www.kersemi.com 1  ? lead-free

 2 www.kersemi.com

 www.kertsemi.com 3

 4 www.kersemi.com

 www.kersemi.com 5

 6 www.kersemi.com

 www.kersemi.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - ? 
 

  ?  
 

 
 
 ? 

 
 
  
! 
   ?
! "
# 
   
? $  
% 
? ! "
!&'
   

 ( )


%  
( 
% *  ++

% * 

( 
% * 
,)   
      

- 
.
/-
( 
! '
!
 
0-

    

 8 www.kersemi.com  

  

  
      
   12 in the assembly line "a" as s embled on ww 16, 1999 example: with assembly this is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 16 part number logo int ernat ional rectifier assembly lot code 916a irf u120 34 year 9 = 1999 dat e code or p = designates lead-free product (optional) note: "p" in ass embly line position indicates "lead-free" 12 34 week 16 a = assembly site code part number irf u120 line a logo lot code as s e mb l y international rectifier

 www.kersemi.com 9   
    
      
    
  as s e mb l y example: with assembly this is an irfu120 year 9 = 199 9 dat e code line a we e k 19 in the ass embly line "a" as s embled on ww 19, 1999 lot code 5678 part number 56 irfu120 international logo rectifier lot code 919a 78 note: "p" in as s embly line pos i ti on i ndi cates "l ead- f r ee"  56 78 as s e mb l y lot code rectifier logo international irfu120 part number we e k 19 dat e code year 9 = 1999 a = assembly site code p = de s i gnat e s l e ad- f r e e product (optional)

 10 www.kersemi.com   

    
      
   tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch


▲Up To Search▲   

 
Price & Availability of IRFU1205PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X