Part Number Hot Search : 
C1952P 132DC SDA006 HX8609A BZ5239 03953 1N4728 A2200
Product Description
Full Text Search
 

To Download IRFRU2405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irfr/u2405 seventh generation hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the d-pak is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu series) is for through- hole mounting applications. power dissipation levels up to 1.5 watts are possible in typical surface mount applications. s d g parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 56 ? i d @ t c = 100c continuous drain current, v gs @ 10v 40 ? a i dm pulsed drain current ? 220 p d @t c = 25c power dissipation 110 w linear derating factor 0.71 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 130 mj i ar avalanche current ? 34 a e ar repetitive avalanche energy ? 11 mj dv/dt peak diode recovery dv/dt ? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings v dss = 55v r ds(on) = 0.016 w i d = 56a ? description l surface mount (irfr2405) l straight lead (irfu2405) l advanced process technology l dynamic dv/dt rating l fast switching l fully avalanche rated d-pak i-pak irfr2405 irfu2405 parameter typ. max. units r q jc junction-to-case CCC 1.4 r q ja junction-to-ambient (pcb mount)* CCC 50 c/w r q ja junction-to-ambient CCC 110 thermal resistance 1 / 10 www.kersemi.com
irfr/u2405 parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 55 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.052 CCC v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance CCC 0.0118 0.016 w v gs = 10v, i d = 34a ? v gs(th) gate threshold voltage 2.0 CCC 4.0 v v ds = 10v, i d = 250a g fs forward transconductance 30 CCC CCC s v ds = 25v, i d = 34a CCC CCC 20 a v ds = 55v, v gs = 0v CCC CCC 250 v ds = 44v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 200 v gs = 20v gate-to-source reverse leakage CCC CCC -200 na v gs = -20v q g total gate charge CCC 70 110 i d = 34a q gs gate-to-source charge CCC 16 23 nc v ds = 44v q gd gate-to-drain ("miller") charge CCC 19 29 v gs = 10v ? t d(on) turn-on delay time CCC 15 CCC v dd = 28v t r rise time CCC 130 CCC i d = 34a t d(off) turn-off delay time CCC 55 CCC r g = 6.8 w t f fall time CCC 78 CCC v gs = 10v ? between lead, CCC CCC 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 2430 CCC v gs = 0v c oss output capacitance CCC 470 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 100 CCC ? = 1.0mhz, see fig. 5 c oss output capacitance CCC 2040 CCC v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance CCC 350 CCC v gs = 0v, v ds = 44v, ? = 1.0mhz c oss eff. effective output capacitance ? CCC 350 CCC v gs = 0v, v ds = 0v to 44v nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance CCC CCC s d g i gss ns 4.5 7.5 i dss drain-to-source leakage current ? repetitive rating; pulse width limited by max. junction temperature. ? i sd 34a, di/dt 190a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l = 0.22mh r g = 25 w , i as = 34a. ? pulse width 300s; duty cycle 2%. s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 34a, v gs = 0v ? t rr reverse recovery time CCC 62 93 ns t j = 25c, i f = 34a q rr reverse recoverycharge CCC 170 260 nc di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 56 ? 220 a ? c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss ? calculated continuous current based on maximum allowable junction temperature. package limitation current is 30a irfr/u2405 irfr/u2405 2 / 10 www.kersemi.com
fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 10 100 1000 0.1 1 10 100 20 s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 4.0 5.0 6.0 7.0 8.0 9.0 10.0 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 56a irfr/u2405 3 / 10 www.kersemi.com
fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 20 40 60 80 100 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 34a v = 11v ds v = 27v ds v = 44v ds 1 10 100 1000 0.4 0.8 1.2 1.6 2.0 2.4 v ,source-to-drain volta g e (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 1000 1 10 100 operation in this area limited by r ds(on) sin g le pulse t t = 175 c = 25 c j c v , drain-to-source volta g e (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 0 800 1600 2400 3200 4000 v , drain-to-source volta g e (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d c iss c oss c rss irfr/u2405 4 / 10 www.kersemi.com
fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. v gs + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 10 20 30 40 50 60 t , case temperature ( c) i , drain current (a) c d limited by package irfr/u2405 5 / 10 www.kersemi.com
q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 175 0 40 80 120 160 200 240 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 14a 24a 34a irfr/u2405 6 / 10 www.kersemi.com
p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet ? power mosfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? * irfr/u2405 7 / 10 www.kersemi.com
d-pak (to-252aa) tape & reel information dimensions are shown in millimeters (inches) tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl notes : 1. controlling dimension : millimeter. 2. all dimensions are show n in millimeters ( inches ). 3. outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch irfr/u2405 10 / 10 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRFRU2405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X