Part Number Hot Search : 
C5571 2SA1179N C1300 T113031 BE100 1N23DR LC72349 VUO62
Product Description
Full Text Search
 

To Download IRFR310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.kersemi.com 1 power mosfet IRFR310, irfu310, sihfr310, sihfu310 features ? dynamic dv/dt rating ? repetitive avalanche rated ? surface mount (IRFR310/sihfr310) ? straight lead (irfu310/sihfu310) ? available in tape and reel ? fast switching ? fully avalanche rated ? lead (pb)-free available description third generation power mosfet s form vishay provide the designer with the best combi nation of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the dpak is designed for su rface mounting using vapor phase, infrared, or wave soldering techniques. the straight lead version (irfu/sihfu series) is for through-hole mounting applications. power dissipation levels up to 1.5 w are possible in typical surface mount applications. note a. see device orientation. product summary v ds (v) 400 r ds(on) ( )v gs = 10 v 3.6 q g (max.) (nc) 12 q gs (nc) 1.9 q gd (nc) 6.5 configuration single n - c hannel m os fet g d s dpak (to-252) ipak (to-251) a v aila b le rohs* compliant ordering information package dpak (to-252) dpak (to-252) d pak (to-252) dpak (to-252) ipak (to-251) lead (pb)-free IRFR310pbf IRFR310trlpbf a IRFR310trpbf a IRFR310trrpbf a irfu310pbf sihfr310-e3 sihfr310tl-e3 a sihfr310t-e3 a sihfr310tr-e3 a sihfu310-e3 snpb IRFR310 IRFR310trl a IRFR310tr a - irfu310 sihfr310 sihfr310tl a sihfr310t a -sihfu310 absolute maximum ratings t c = 25 c, unless otherwise noted parameter symbol limit unit drain-source voltage v ds 400 v gate-source voltage v gs 20 continuous drain current v gs at 10 v t c = 25 c i d 1.7 a t c = 100 c 1.1 pulsed drain current a i dm 6.0 linear derating factor 0.20 w/c linear derating factor (pcb mount) e 0.020 single pulse avalanche energy b e as 86 mj repetitive avalanche current a i ar 1.7 a repetitive avalanche energy a e ar 2.5 mj maximum power dissipation t c = 25 c p d 25 w maximum power dissipation (pcb mount) e t a = 25 c 2.5 peak diode recovery dv/dt c dv/dt 4.0 v/ns operating junction and storage temperature range t j , t stg - 55 to + 150 c soldering recommendations (p eak temperature) for 10 s 260 d
www.kersemi.com 2 IRFR310, irfu310, sihfr310, sihfu310 note a. when mounted on 1" square pcb ( fr-4 or g-10 material). thermal resistance ratings parameter symbol typ. max. unit maximum junction-to-ambient (pcb mounted, steady-state) a r thja -50 c/w maximum junction-to-ambient r thja - 110 maximum junction-to-case r thjc -5.0 specifications t j = 25 c, unless otherwise noted parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0 v, i d = 250 a 400 - - v v ds temperature coefficient v ds /t j reference to 25 c, i d = 1 ma - 0.47 - v/c gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 a 2.0 - 4.0 v gate-source leakage i gss v gs = 20 v - - 100 na zero gate voltage drain current i dss v ds = 400 v, v gs = 0 v - - 25 a v ds = 320 v, v gs = 0 v, t j = 125 c - - 250 drain-source on-state resistance r ds(on) v gs = 10 v i d = 1.0 a b --3.6 forward transconductance g fs v ds = 50 v, i d = 1.0 a b 0.97 - - s dynamic input capacitance c iss v gs = 0 v, v ds = 25 v, f = 1.0 mhz, see fig. 5 c - 170 - pf output capacitance c oss -34- reverse transfer capacitance c rss -6.3- total gate charge q g v gs = 10 v i d = 2.0 a, v ds = 320 v, see fig. 6 and 13 b, c --12 nc gate-source charge q gs --1.9 gate-drain charge q gd --6.5 turn-on delay time t d(on) v dd = 200 v, i d = 2.0 a, r g = 24 , r d = 95 , see fig. 10 b, c -7.9- ns rise time t r -9.9- turn-off delay time t d(off) -21- fall time t f -11- internal drain inductance l d between lead, 6 mm (0.25") from package and center of die contact -4.5- nh internal source inductance l s -7.5- drain-source body diode characteristics continuous source-drain diode current i s mosfet symbol showing the integral reverse p - n junction diode --1.7 a pulsed diode forward current a i sm --6.0 body diode voltage v sd t j = 25 c, i s = 1.7 a, v gs = 0 v b --1.6v body diode reverse recovery time t rr t j = 25 c, i f = 2.0 a, di/dt = 100 a/s b - 240 540 ns body diode reverse recovery charge q rr - 0.85 1.6 c forward turn-on time t on intrinsic turn-on time is neglig ible (turn-on is dominated by l s and l d ) d s g s d g
www.kersemi.com 3 IRFR310, irfu310, sihfr310, sihfu310 typical characteristics 25 c, unless otherwise noted fig. 1 - typical output characteristics, t c = 25 c fig. 2 - typical output characteristics, t c = 150 c fig. 3 - typical transfer characteristics fig. 4 - normalized on-resistance vs. temperature
www.kersemi.com 4 IRFR310, irfu310, sihfr310, sihfu310 fig. 5 - typical capacitance vs. drain-to-source voltage fig. 6 - typical gate charge vs. gate-to-source voltage fig. 7 - typical source-drain diode forward voltage fig. 8 - maximum safe operating area
www.kersemi.com 5 IRFR310, irfu310, sihfr310, sihfu310 fig. 9 - maximum drain current vs. case temperature fig. 10a - switching time test circuit fig. 10b - switching time waveforms fig. 11 - maximum effective transient thermal impedance, junction-to-case fig. 12a - unclamped inductive test circui t fig. 12b - unclamped inductive waveforms p u lse w idth 1 s d u ty factor 0.1 % r d v gs r g d.u.t. 10 v + - v ds v dd v ds 90 % 10 % v gs t d(on) t r t d(off) t f r g i as 0.01 t p d.u.t. l v ds + - v dd 10 v v ary t p to o b tain re qu ired i as i as v ds v dd v ds t p
www.kersemi.com 6 IRFR310, irfu310, sihfr310, sihfu310 fig. 12c - maximum avalanche energy vs. drain current fig. 13a - basic gate charge waveform fig. 13b - gate charge test circuit q gs q gd q g v g charge 10 v d.u.t. 3 ma v gs v ds i g i d 0.3 f 0.2 f 50 k 12 v c u rrent reg u lator c u rrent sampling resistors same type as d.u.t. + -
www.kersemi.com 7 IRFR310, irfu310, sihfr310, sihfu310 fig. 14 - for n-channel p. w . period di/dt diode reco v ery d v /dt ripple 5 % body diode for w ard drop re-applied v oltage re v erse reco v ery c u rrent body diode for w ard c u rrent v gs = 10 v * v dd i sd dri v er gate dri v e d.u.t. i sd w a v eform d.u.t. v ds w a v eform ind u ctor c u rrent d = p. w . period + - + + + - - - * v gs = 5 v for logic le v el and 3 v dri v e de v ices peak diode recovery dv/dt test circuit v dd ? d v /dt controlled b y r g ? i sd controlled b y d u ty factor "d" ? d.u.t. - de v ice u nder test d.u.t. circ u it layo u t considerations ? lo w stray ind u ctance ? gro u nd plane ? lo w leakage ind u ctance c u rrent transformer r g


▲Up To Search▲   

 
Price & Availability of IRFR310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X