Part Number Hot Search : 
DTC12 04023 80910M AN136 ASW101 500MA P1014A IP107
Product Description
Full Text Search
 

To Download IEC61000-4-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mse1pb, mse1pd, mse1pg, mse1pj www.vishay.com vishay general semiconductor revision: 14-aug-13 1 document number: 89067 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount esd capability rectifier typical applications general purpose, polarity protection, and rail-to-rail protection in both consumer and automotive applications. features ? very low profile - typical height of 0.65 mm ? ideal for automated placement ? oxide planar chip junction ? low forward voltage drop, low leakage current ? esd capability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 ? mechanical data case: microsmp ? molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs-compliant, and commercial grade ? base p/nhm3 - halogen-free, rohs-compliant, and automotive grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? m3 suffix meets jesd 201 class 1a whisker test, hm3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes the cathode end notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms primary characteristics i f(av) 1.0 a v rrm 100 v, 200 v, 400 v, 600 v i fsm 20 a v f at i f = 1.0 a 0.925 v i r 1 a t j max. 175 c package microsmp diode variatio ns single die microsmp esmp ? series top view bottom view available maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol mse1pb mse1pd mse1pg mse1pj unit device marking code sb sd sg sj max. repetitive peak reverse voltage v rrm 100 200 400 600 v max. average forward rectified current (fig. 1) i f(av) 1.0 a peak forward surge curr ent 10 ms single half ? sine-wave superimposed on rated load i fsm 20 a operating junction and storage temperature range t j , t stg - 55 to + 175 c electrical characteristics (t a = 25 c, unless otherwise noted) parameter test conditions symbol typ. max. unit max. instantaneous forward voltage i f = 0.5 a t a = 25 c v f (1) 0.940 - v i f = 1.0 a 1.016 1.1 i f = 0.5 a t a = 125 c 0.834 - i f = 1.0 a 0.925 0.98 max. reverse current rated v r t a = 25 c i r (2) -1.0 a t a = 125 c 3.7 50 typical reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 780 - ns typical junction capa citance 4.0 v, 1 mhz c j 5-pf
mse1pb, mse1pd, mse1pg, mse1pj www.vishay.com vishay general semiconductor revision: 14-aug-13 2 document number: 89067 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) thermal resistance from junction to ambi ent and junction to lead mounted on pcb with 6.0 mm x 6.0 mm copper pad areas. r ? jl is measured at the terminal of cathode band. notes (1) immunity to iec 61000-4-2 air discharge mode has a typical perfor mance > 30 kv (2) system esd standard note (1) automotive grade ? ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - forward power loss characteristics thermal characteristics (t a = 25 c, unless otherwise noted) parameter symbol mse1pb mse1pd mse1pg mse1pj unit typical thermal resistance r ? ja (1) 110 c/w r ? jl (1) 30 r ? jc (1) 40 immunity to electrical static di scharge to the following standards ? (t a = 25 c, unless otherwise noted) standard test type test conditions symbol class value aec-q101-001 human body model (con tact mode) c = 100 pf, r = 1.5 k ? v c h3b > 8 kv aec-q101-002 machine model (contact mode) c = 200 pf, r = 0 ? m4 > 400 v jesd22-a114 human body model (con tact mode) c = 100 pf, r = 1.5 k ? 3b > 8 kv jesd22-a115 machine model (contact mode) c = 200 pf, r = 0 ? c > 400 v iec 61000-4-2 (2) human body model (contact mode) c = 150 pf, r = 330 ? 4> 8 kv human body model (a ir-discharge mode) (1) c = 150 pf, r = 330 ? 4 > 15 kv ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode mse1pj-m3/89a 0.006 89a 4500 7" diam eter plastic tape and reel mse1pjhm3/89a (1) 0.006 89a 4500 7" diameter plastic tape and reel 0 0.2 0.4 0.6 0.8 1.0 1.2 95 105 115 125 135 145 165 175 155 lead temperature (c) average forwar d rectified current (a) t l mea s ured at the cathode band terminal 0 0.2 0.4 0.6 0.8 1.0 1.2 0 0.2 0.4 0.8 1.0 1.2 0.6 average forward current (a) average power lo ss (w) d = t p /t t p t d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0.8 d = 1.0
mse1pb, mse1pd, mse1pg, mse1pj www.vishay.com vishay general semiconductor revision: 14-aug-13 3 document number: 89067 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse leakage characteristics fig. 5 - typical j unction capacitance fig. 6 - typical transient thermal impedance package outline dimensions in inches (millimeters) in s tantaneou s forward voltage (v) in s tantaneou s forward current (a) 10 1 0.1 0.01 0.4 0 0.8 1.2 1.6 2.0 2.4 t j = 150 c t j = 125 c t j = 25 c t j = 50 c t j = 75 c t j = 100 c t j = 175 c 100 10 1 0.1 0.001 10 20 30 40 50 60 70 80 90 100 percent of rated peak rever s e voltage (%) in s tantaneou s rever s e current (a) 0.01 t j = 150 c t j = 125 c t j = 25 c t j = 75 c t j = 100 c t j = 175 c rever s e voltage (v) junction capacitanc e (pf) 10 1 0.1 1 10 100 t - pul s e duration ( s ) 1000 1 0.01 1 10 1000 100 0.1 100 10 tran s ient thermal impedance (c/w) junction to ambient 0.106 (2.70) 0.091 (2.30) 0.055 (1.40) 0.047 (1.20) cathode band micro s mp 0.030 (0.75) 0.022 (0.55) 0.030 (0.75) 0.022 (0.55) 0.059 (1.50) 0.043 (1.10) 0.039 (0.98) 0.031 (0.78) 0.091 (2.30) 0.083 (2.10) 0.020 (0.50) 0.043 (1.10) 0.011 (0.27) 0.005 (0.12) 0.079 (2.00) 0.032 (0.80) 0.032 (0.80) mountin g pad layout 0.029 (0.73) 0.025 (0.63)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of IEC61000-4-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X