Part Number Hot Search : 
1201G T2308 T2308 T2308 ALD470 AAT2820 2L64164A GBI20M
Product Description
Full Text Search
 

To Download ESD51C104K4T2A18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designed specifically to be used in esd (electro static dicharge) prone les and systems connected to a wiring harness. these devices average the electrical potential of two objects due to esd charging. applications. that the correct capacitance can be selected to minimize distortion on the circuit. esd capacitors provide a method to integrate voltage diffe- esd product esd 5 voltage 25v = 3 50v = 5 100v = 1 c dielectric x7r = c 104 capacitance code (in pf) 2 sig. digits + number of zeros e.g. 10f =106 k capacitance tolerance j = 5% k = 10% m = 20% how to order 4 failure rate a = commercial 4 = automotive z terminations t = 100% tin z = flexiterm tm 2 packaging 2 = 7" reel 4 = 13" reel a - 18 special code a = std. product type application 5 case size 0603 = 3 0805 = 5 1206 = 6 esd rating 18 = 18kv 20 = 20kv 22 = 22kv 24 = 24kv 26 = 26kv 28 = 28kv 30 = 30kv the esd-safe ? series is an enhanced mlc capacitor developed and esd-safe ? capacitors are commonly utilized on the i/o pins of modu- rentials in low level transient fields. esd-safe ? capacitors are offered in a wide capcitance value range so esdsafe x7r range 30 = 30kv capacitance 0603 0805 1206 code value 50v 100v 25v 50v 100v 25v 50v 100v 472 4.7 (nf) 18kv 18kv 18kv 18kv 18kv 20kv 20kv 20kv 682 6.8 18kv 18kv 18kv 18kv 18kv 20kv 20kv 20kv 103 10 18kv 18kv 18kv 18kv 18kv 20kv 20kv 20kv 153 15 20kv 20kv 20kv 20kv 22kv 22kv 22kv 223 22 20kv 22kv 22kv 22kv 24kv 24kv 24kv 333 33 20kv 22kv 22kv 22kv 24kv 24kv 24kv 473 47 22kv 22kv 22kv 22kv 26kv 26kv 26kv 683 68 22kv 24kv 24kv 24kv 26kv 26kv 26kv 104 100 24kv 24kv 24kv 24kv 26kv 26kv 26kv 154 150 24kv 24kv 28kv 28kv 28kv 224 220 26kv 26kv 28kv 28kv 28kv 334 330 26kv 26kv 28kv 28kv 28kv 474 470 26kv 26kv 28kv 28kv 28kv 684 680 26kv 28kv 28kv 105 1 (f) 26kv 28kv 28kv 155 1.5 30kv 225 2.2 30kv esd withstanding mlc capacitor mlc chips esd-safe ?


▲Up To Search▲   

 
Price & Availability of ESD51C104K4T2A18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X