Part Number Hot Search : 
TK4P55DA E003635 MKT1826 CSS500 2N3958 T2800 MDW1045 MIW4137
Product Description
Full Text Search
 

To Download EM513 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features molded cas e feature for auto ins ertion high current capability low leakage current high surge capability high temperature soldering guaranteed: tens ion mechanical data case:jedec do -41,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.012ounces,0.34 grams mounting pos ition: any maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. units maximum recurrent peak reverse voltage v rrm v max imum rms v oltage v rms v maximum dc blocking voltage v dc v maximum average forw ard rectified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous forw ard voltage @ 1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note1) c j pf typical thermal resistance (note2) r ja <d operating junction temperature range t j storage temperature range t stg 2. thermal resistance f rom junction to ambient at 0.375"(9.5mm) lead length, p.c.board mounted a note: 1. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. - 55 ---- + 150 - 55 ---- + 150 10 50 i r 5.0 a i fsm 1.0 a i f(av) 30.0 em516 1600 1120 EM513 --- em518 galaxy electrical do - 41 em518 1800 voltage range: 1600 --- 2000 v current: 1.0 a plastic silicon rectifier 250 /10s ec/0.375" (9.5m m ) lead length at 5 lbs EM513 50.0 1800 2000 1400 2000 1600 1260 1.1 www.galaxycn.com bl bl galaxy electrical document number 0260033 1. free datasheet http:///
1 0 100 10 20 30 40 45 10 8.3ms single half (jedec method) sine-wave 440 0.2 0 0.4 0.6 0.8 1.0 0 25 50 75 100 125 150 single phase half wave 60hz resistive or inductive load 175 .01 .1 1 10 1.2 1.4 20 1.5 pulse width=300 | s t j =25 4 .4 .04 .6 .8 1.0 bl galaxy electrical www.galaxycn.com document number 0260033 2. amperes instantaneous forward current, amperes characteri stics junction capacitance, pf EM513 --- em518 ambient temperature, instantaneous forward voltage,volts fig.1 -- typical forward current derating curve fig.2 -- typical instantaneous forward ratings and characteristic curves average forward current current, micro amperes reverse voltage, volts percent of rated peak reverse voltage, % fig.5 -- typical juncti on capacitance fig.4 -- typical reverse characteristics number of cycles at 60hz instantaneous reverse fig. 3 -- maxi mum non-repetitive forward surge current current, amperes peak forward surge 0 .01 20 40 60 1 10 80 100 120 140 tj=25 ?? .1 .4 4 .04 tj=100 ?? .1 1 10 10 40 100 200 40 100 4 .4 4 1 tj=25 ?? free datasheet http:///


▲Up To Search▲   

 
Price & Availability of EM513

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X