Part Number Hot Search : 
12S12 AN929 9S12XEQ 1H222 TXMEGA64 PL611 1N4004E ZPD12
Product Description
Full Text Search
 

To Download EEUEB1J100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ eb ? eee-87 ? d 0.5 5to 8 10 < d 0.05 f 0.5 sleeve 14 min. 3 min. l ? ( 8  15 only l 1.5) ? l < 1 6:l 1.0 l > 2 0:l 2.0 pressure relief 6.3 < + d 0.5 features en du ra nc e : +1 05 ? 5 000 h to 10000 h high t ripple hight frequency (hight voltage) rohs directiv e compliant radial lead type series: eb type: a speci? cations category temp. range 40 c to +105 c 25 c to +105 c rated w.v. range 10 v.dc to 63 v.dc 160 v.dc to 450 v.dc nominal cap. range 0 .47 f to 3300 f 10 f to 330 f capacitance tolerance 20 % (120 hz/+20 c) dc leak age cur rent i < 0.01 cv or 3 (a) after 2 minutes ap pli ca tion of rated working voltage at +20 c (whichever is greater) tan please see the attached standard products list endurance after following life test with dc voltage an d +105 c2 c ripple current value applied (the sum of dc and ripple pe ak voltage s hall not exceed the rated working voltage), when the capacitors are restord to 20 c, the capacitors shall meet the limits speci ed below. (10 to 63 v.dc) durati on : 5  11 to 8  11.5 : 5000 hours 5  15 to 6.3  15 : 7000 hours 8  15 to 12.5  25 : 1 0000 hours capacitance change 30 % of initial measured value tan < 300 % of initial speci ed value dc leakag e current < initial speci ed value (160 to 450 v. dc) duration : 5000 hours capacitance change 20 % of initial measured value tan < 200 % of initial speci ed value dc leakag e current < initial speci ed value shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c , capacitors shall meet the limits speci ed in endurance. (with voltage treatment) body dia. d5 6.3 8 10 12.5 16 18 lead dia. d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead space f 2.0 2.5 3.5 5.0 5.0 7.5 7.5 frequency correction factor for ripple current (10 ~ 63 v.dc) capacitance (f) frequency (hz) 60 120 1 k 1 0 k 100 k 0.47 to 10 0.75 1.00 1.40 1.55 1.65 22 to 470 0.85 1.00 1.20 1.25 1.30 1 000 to 3300 0.95 1.00 1.05 1.10 1.15 w. v. (v. dc) frequency (hz) 120 1 k 10 k to 30k 30 k to 100k 160 to 250 0.55 0.85 0.90 1.00 350 to 450 0.5 00.800.901.00 di men sions in mm (not to scale) (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ eb ? eee-88 ? standard prod ucts w.v. cap. (20 %) case size speci cation lead length part no. min. packaging q'ty dia. length ripple current (120 hz) (+105 c) tan (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b taping ? h (v) (?) ( mm) (mm) (ma r. m.s.) (hours) (mm) ( mm) (mm) (mm) (pcs) (pcs) 10 100 5 15 1050.3 07 000 0.5 2 .0 5.0 2.5 eeueb1a101( ) 200 2 000 5 11 660.30 5 000 0.5 2 .0 5.0 2.5 eeueb1a101s( ) 200 2 000 220 6.3 15 152 0.30 7 000 0.5 2.5 5.0 2.5 eeueb1a221( ) 200 2 000 6.3 11.2 100 0.30 5000 0.5 2.5 5.0 2.5 eeueb1a221s( ) 200 2 000 470 8 15 27 80 .3 01 0000 0.6 3.5 5.0 eeueb1a4 71( ) 200 1 000 8 11.5 1800.305 000 0.6 3.5 5.0 eeueb1a471s( ) 200 1 000 22 00 12.5 20 540 0.32 10000 0.6 5.0 5.0 eeueb1a 222( ) 200 500 33 00 12.5 25 802 0.34 10000 0.6 5.0 5.0 eeueb1a332( ) 200 500 16 1 000 10 20 430 0.25 10000 0.6 5.0 5.0 eeueb1c1 02( ) 200 500 22 00 12.5 25 706 0.27 10000 0.6 5.0 5.0 eeueb1c2 22( ) 200 500 25 47 5 15 780.22 7 000 0.5 2 .0 5.0 2.5 eeueb1e470( ) 200 2 000 5 11 550.22 5 000 0.5 2 .0 5.0 2.5 eeueb1e470s( ) 200 2 000 100 6.3 15 135 0.22 7000 0.5 2.5 5.0 2.5 eeueb1e1 01( ) 200 2 000 6.3 11.2 95 0.22 5 000 0.5 2.5 5.0 2.5 eeueb1e101s( ) 200 2 000 220 8 11.5 125 0.2 25 000 0.6 3.5 5.0 eeueb1e221s( ) 200 1 000 33 0 8 15 25 50 .2 21 0000 0.6 3.5 5.0 eeueb1e331( ) 200 1 000 47 0 10 16 32 10 .2 21 0000 0.6 5.0 5.0 eeueb1e471( ) 200 500 1 000 12.5 20 498 0.22 10000 0.6 5.0 5.0 eeueb1e1 02( ) 200 500 35 33 5 15 660.18 7 000 0.5 2 .0 5.0 2.5 eeueb1v3 30( ) 200 2 000 5 11 460.18 5 000 0.5 2 .0 5.0 2.5 eeueb1v330s( ) 200 2 000 22 0 8 15 19 70 .1 81 0000 0.6 3.5 5.0 eeueb1v2 21( ) 200 1 000 33 0 10 16 27 80 .1 81 0000 0.6 5.0 5.0 eeueb1v331( ) 200 500 47 0 10 20 34 90 .1 81 0000 0.6 5.0 5.0 eeueb1v471( ) 200 500 1 000 12.5 25 586 0.18 10000 0.6 5.0 5.0 eeueb1v1 02( ) 200 500 50 0.47 5 11 4 0.15 5000 0.5 2.0 5.0 2.5 eeueb1hr47s( ) 200 2 000 1 5 11 8 0.1 55 000 0.5 2 .0 5.0 2.5 eeueb1h1r0s( ) 200 2 000 2.2 5 11 15 0.15 5000 0.5 2.0 5.0 2.5 eeueb1h2r2s( ) 200 2 000 3.3 5 11 18 0.15 5 000 0.5 2 .0 5.0 2.5 eeueb1h3r3s( ) 200 2 000 4.7 5 11 18 0.15 5000 0.5 2.0 5.0 2.5 eeueb1h4r7s( ) 200 2 000 10 5 11 27 0.15 5 000 0.5 2 .0 5.0 2.5 eeueb1h100s( ) 200 2 000 22 5 15 550. 15 7 000 0.5 2 .0 5.0 2.5 eeueb1h2 20( ) 200 2 000 5 11 390.15 5 000 0.5 2 .0 5.0 2.5 eeueb1h220s( ) 200 2 000 47 6.3 15 87 0. 15 7 000 0.5 2.5 5.0 2.5 eeueb1h4 70( ) 200 2 000 6.3 11.2 61 0.15 5 000 0.5 2.5 5.0 2.5 eeueb1h470s( ) 200 2 000 100 8 11.5 99 0.15 5 000 0.6 3.5 5.0 eeueb1h101s( ) 200 1 000 22 0 10 16 23 40 .1 51 0000 0.6 5.0 5.0 eeueb1h221( ) 200 500 33 0 10 20 29 30 .1 51 0000 0.6 5.0 5.0 eeueb1h331( ) 200 500 47 0 12 .5 20 37 00 .1 51 0000 0.6 5.0 5.0 eeueb1h4 71( ) 200 500 63 0.47 5 15 60.1 27 000 0.5 2 .0 5.0 2.5 eeueb1jr 47( ) 200 2 000 5 11 4.50.1 25 000 0.5 2 .0 5.0 2.5 eeueb1jr47s( ) 200 2 000 1 5 15 120.12 7 000 0.5 2 .0 5.0 2.5 eeueb1j1 r0( ) 200 2 000 5 11 90.1 25 000 0.5 2 .0 5.0 2.5 eeueb1j1r0s( ) 200 2 000 2.2 5 15 220.12 7 000 0.5 2 .0 5.0 2.5 eeueb1j2 r2( ) 200 2 000 5 11 16.50.125 000 0.5 2 .0 5.0 2.5 eeueb1j2r2s( ) 200 2 000 3.3 5 15 300.12 7 000 0.5 2 .0 5.0 2.5 eeueb1j3r3( ) 200 2 000 5 11 200.12 5 000 0.5 2 .0 5.0 2.5 eeueb1j3r3s( ) 200 2 000 4.7 5 15 300.12 7 000 0.5 2 .0 5.0 2.5 eeueb1j4r7( ) 200 2 000 5 11 230.12 5 000 0.5 2 .0 5.0 2.5 eeueb1j4r7s( ) 200 2 000 10 5 15 460.12 7 000 0.5 2 .0 5.0 2.5 eeueb1j1 00( ) 200 2 000 5 11 300.12 5 000 0.5 2 .0 5.0 2.5 eeueb1j100s( ) 200 2 000 22 6.3 15 55 0.12 7 000 0.5 2.5 5.0 2.5 eeueb1j2 20( ) 200 2 000 6.3 11.2 40 0.12 5 000 0.5 2.5 5.0 2.5 eeueb1j220s( ) 200 2 000 33 6.3 15 71 0.12 7 000 0.5 2.5 5.0 2.5 eeueb1j3 30( ) 200 2 000 6.3 11.2 50 0.12 5000 0.5 2.5 5.0 2.5 eeueb1j330s( ) 200 2 000 47 8 15 94 0. 12 1 0000 0.6 3.5 5.0 eeueb1j470( ) 200 1 000 8 11.5 800.125 000 0.6 3.5 5.0 eeueb1j470s( ) 200 1 000 10 0 8 15 18 00 .1 21 0000 0.6 3.5 5.0 eeueb1j1 01( ) 200 1 000 22 0 10 20 29 20 .1 21 0000 0.6 5.0 5.0 eeueb1j2 21( ) 200 500 33 0 12 .5 20 38 10 .1 21 0000 0.6 5.0 5.0 eeueb1j3 31( ) 200 500 47 0 12 .5 25 45 40 .1 21 0000 0.6 5.0 5.0 eeueb1j471( ) 200 500 ?when requesting taped product, please put the letter "b" or "h" be tween the "( )". lead wire pitch b=5 mm, 7.5 mm, h=2.5 mm. ?please refer to the page of ?aping dimensions? endurance : 105 ? 5  11 to 8  11.5=5000 h, 5?5 to 6.3  15=7000 h, 8?5 to 12.5  25=10000 h 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ eb ? eee-89 ? w.v. cap. (20 %) case size speci cation lead length part no. min. packaging q'ty dia. length ripple current (100 khz) (+105 c) tan (120 hz) (+20 c) endur- ance lead dia. lead space straight leads taping straight taping ? b (v) (?) ( mm) (mm) (ma r. m.s.) (hours) (mm )(mm)(mm) (pcs)(pcs) 160 22 10 20 470 0.1 55 000 0.6 5 .0 5.0 eeueb2c2 20( ) 200 500 33 10 20 470 0.1 55 000 0.6 5 .0 5.0 eeueb2c3 30( ) 200 500 47 12.5 20 600 0 .15 5 000 0.6 5 .0 5.0 eeueb2c470( ) 200 500 68 12.5 25 750 0.1 55 000 0.6 5 .0 5.0 eeueb2c 680( ) 200 500 16 20 750 0.15 5 000 0.8 7.5 7.5 eeueb2c 680s( ) 100 250 100 16 25 1060 0.15 5 000 0.8 7.5 7.5 eeueb2c1 01( ) 100 250 18 20 1060 0.15 5 000 0.8 7.5 7.5 eeueb2c101s( ) 100 250 150 16 31.5 1280 0. 15 5 000 0.8 7.5 eeueb2c151 100 18 25 1280 0.15 5 000 0.8 7.5 7.5 eeueb2c151s( ) 100 250 220 16 31.5 1280 0. 15 5 000 0.8 7.5 eeueb2c221 100 18 25 1280 0.15 5 000 0.8 7.5 7.5 eeueb2c221s( ) 100 250 330 18 31.5 1690 0.15 5000 0.8 7.5 eeueb2c331 50 200 22 10 20 470 0.1 55 000 0.6 5 .0 5.0 eeueb2d220( ) 200 500 33 12.5 20 600 0 .15 5 000 0.6 5 .0 5.0 eeueb2d3 30( ) 200 500 47 12.5 20 600 0 .15 5 000 0.6 5 .0 5.0 eeueb2d470( ) 200 500 68 12.5 25 750 0.1 55 000 0.6 5 .0 5.0 eeueb2d680( ) 200 500 16 20 750 0.15 5 000 0.8 7.5 7.5 eeueb2d680s( ) 100 250 100 16 25 1060 0.15 5 000 0.8 7.5 7.5 eeueb2d101( ) 100 250 18 20 1060 0.15 5 000 0.8 7.5 7.5 eeueb2d101s( ) 100 250 150 16 31.5 1280 0. 15 5 000 0.8 7.5 eeueb2d151 100 18 25 1280 0.15 5 000 0.8 7.5 7.5 eeueb2d151s( ) 100 250 220 18 31.5 1690 0.15 5000 0.8 7.5 eeueb2d221 100 250 22 12.5 20 560 0 .15 5 000 0.6 5 .0 5.0 eeueb2e2 20( ) 200 500 33 12.5 20 560 0 .15 5 000 0.6 5 .0 5.0 eeueb2e3 30( ) 200 500 47 12.5 25 710 0.1 55 000 0.6 5 .0 5.0 eeueb2e470( ) 200 500 16 20 710 0.15 5 000 0.8 7.5 7.5 eeueb2e470s( ) 100 250 68 16 25 990 0.15 5 000 0.8 7.5 7.5 eeueb2e680( ) 100 250 18 20 990 0.15 5 000 0.8 7.5 7.5 eeueb2e680s( ) 100 250 100 16 31.5 1200 0. 15 5 000 0.8 7.5 eeueb2e101 100 18 25 1200 0.15 5 000 0.8 7.5 7.5 eeueb2e101s( ) 100 250 150 18 31.5 1470 0.15 5000 0.8 7.5 eeueb2e151 50 350 10 10 20 270 0.20 5000 0.6 5.0 5.0 eeueb2v1 00( ) 200 500 22 12.5 20 350 0 .20 5 000 0.6 5 .0 5.0 eeueb2v2 20( ) 200 500 33 16 20 480 0.2 05 000 0.8 7.5 7.5 eeueb2v330s( ) 100 250 47 16 25 640 0.20 5 000 0.8 7.5 7.5 eeueb2v470( ) 100 250 18 20 640 0.20 5 000 0.8 7.5 7.5 eeueb2v470s( ) 100 250 68 16 31.5 780 0.2 05 000 0.8 7.5 eeueb2 v 680 100 18 25 780 0.20 5 000 0.8 7.5 7.5 eeueb2v 680s( ) 100 250 100 18 31.5 970 0 .20 5 000 0.8 7.5 eeueb2v101 50 400 10 10 20 250 0.24 5000 0.6 5.0 5.0 eeueb2g1 00( ) 200 500 22 12.5 25 410 0.2 45 000 0.6 5 .0 5.0 eeueb2g2 20( ) 200 500 16 20 410 0.24 5 000 0.8 7.5 7.5 eeueb2g220s( ) 100 250 33 16 25 600 0.24 5 000 0.8 7.5 7.5 eeueb2g3 30( ) 100 250 18 20 600 0.24 5 000 0.8 7.5 7.5 eeueb2g330s( ) 100 250 47 16 31.5 730 0.2 45 000 0.8 7.5 eeueb2g470 100 18 25 730 0.24 5 000 0.8 7.5 7.5 eeueb2g470s( ) 100 250 450 10 12.5 20 310 0 .24 5 000 0.6 5 .0 5.0 eeueb2w1 00( ) 200 500 22 16 25 560 0.24 5 000 0.8 7.5 7.5 eeueb2w2 20( ) 100 250 18 20 560 0.24 5 000 0.8 7.5 7.5 eeueb2w220s( ) 100 250 33 16 31.5 680 0.2 45 000 0.8 7.5 eeueb2w3 30( ) 100 18 25 680 0.24 5 000 0.8 7.5 7.5 eeueb2w330s( ) 100 250 47 18 31.5 850 0 .24 5 000 0.8 7.5 eeueb2w470 50 standard prod ucts ?when requesting taped product, please put the letter "b" be tween the "( )". lead wire pitch b=5 mm, 7.5 mm. ?please refer to the page of ?aping dimensions? endurance : 105 ? 5000 h 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEUEB1J100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X