Part Number Hot Search : 
4762A BC817SU 29LV160 TOM9114 004404 012S0 MST9220 TB0691A
Product Description
Full Text Search
 

To Download AUIRF7316Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    
  
d1 d1 d 2 d2 g1 s2 g2 s1 top view 8 1 2 3 4 5 6 7 so-8 
 
features  advanced planar technology  low on-resistance  dual p channel mosfet  surface mount  available in tape & reel  150c operating temperature  automotive [q101] qualified  lead-free , rohs compliant specifically designed for automotive applications, these hexfet ? power mosfet's in a dual so-8 package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. additional features of these automotive qualified hexfet power mosfet's are a 150c junction operating temperature, fast switching speed and improved repetitive avalanche rating. these benefits combine to make this design an extremely efficient and reliable device for use in automotive applications and a wide variety of other applications. the efficient so-8 package provides enhanced thermal characteristics and dual mosfet die capability making it ideal in a variety of power applications. this dual, surface mount so-8 can dramatically reduce board space and is also available in tape & reel. absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. gds gate drain source hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/  www.irf.com 1 v (br)dss -30v r ds(on) typ. 0.042 max. 0.058 i d -4.9a parameter max. units v ds drain-source voltage -30 v i d @ t a = 25c continuous drain current, v gs @ 10v -4.9 i d @ t a = 70c continuous drain current, v gs @ 10v -3.9 i dm pulsed drain current  -30 i s continuous source current (diode conduction) -2.5 p d @t a = 25c power dissipation 2.0 p d @t a = 70c power dissipation 1.3 v gs gate-to-source voltage 20 v e as single pulse avalanche energy 140 mj i ar avalanche current -2.8 a e ar repetitive avalanche energy 0.20 mj dv/dt peak diode recovery dv/dt  -5.0 v/ns t j operating junction and t stg storage temperature range thermal resistance parameter max. units r 62.5 c/w w c -55 to + 150 a

www.irf.com 2  
          

     !  
 "  # $%&'( ) # *%+(   # $% ( ,  # -$./  ,  -$./( 0 %1/02( 3  3 
 ( "  %1&'  4  *112   $5  
     6-7 
(  1  s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage -30 ??? ??? v dynamic electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge ??? 23 34 q gs gate-to-source charge ??? 3.8 5.7 q gd gate-to-drain ("miller") charge ??? 5.9 8.9 t d(on) turn-on delay time ??? 13 19 t r rise time ??? 13 20 t d(off) turn-off delay time ??? 34 51 t f fall time ??? 32 48 c iss input capacitance ??? 710 ??? c oss output capacitance ??? 380 ??? c rss reverse transfer capacitance ??? 180 ??? diode characteristics parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? -0.78 -1.0 v t rr reverse recovery time ??? 44 66 ns t j = 25c,i f = -1.7a q rr reverse recovery charge ??? 42 63 nc di/dt = 100a/ s  v ds = v gs , i d = -250 a conditions v ds = -15v, i d = -4.9a i d = -4.9a v gs = -20v r ds(on) static drain-to-source on-resistance v gs = -4.5v, i d = -3.6a  conditions v gs = 0v, i d = -250 a reference to 25c, i d = -1ma v gs = -10v, i d = -4.9a  t j = 25c, i s = -1.7a, v gs = 0v  integral reverse p-n junction diode. conditions mosfet symbol showing the a pf ns nc v ds = -25v ? = 1.0mhz,see fig.5 na a v ds = -24v, v gs = 0v v ds = -24v, v gs = 0v, t j = 55c v gs = -10v, see fig.10  v gs = 20v v ds = -15v v dd = -15v i d = -1.0a r g = 6.0  v gs = 0v -30 ??? ??? ??? ??? -2.5

www.irf.com 3 qualification information ? so-8 msl1 rohs compliant yes esd machine model class m2(+/- 200v ) ??? (per aec-q101-002) human body model class h1a(+/- 500v ) ??? (per aec-q101-001) charged device model class c5(+/- 2000v ) ??? (per aec-q101-005) moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level. ? qualification standards can be found at international rectifier?s web site: http//www.irf.com/ ?? exceptions (if any) to aec-q101 requirements are noted in the qualification report. ??? highest passing voltage

www.irf.com 4 
   
    
    
    !" 1 10 100 0.1 1 10 d ds 20 s pulse width t = 25c a -i , drain-to-source current (a) -v , drain-to-source voltage (v) j -3.0v vgs top - 15v - 10v - 7.0v - 5.5v - 4.5v - 4.0v - 3.5v bottom - 3.0v 1 10 100 0.1 1 10 d ds a -i , drain-to-source current (a) -v , drain-to-source voltage (v) -3.0v vgs top - 15v - 10v - 7.0v - 5.5v - 4.5v - 4.0v - 3.5v bottom - 3.0v 20 s pulse width t = 150c j 1 10 100 3.0 3.5 4.0 4.5 5.0 5.5 6.0 t = 25c t = 150c j j gs d a -i , drain-to-source current (a) -v , gate-to-source voltage (v) v = -10v 20 s pulse width ds 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 t = 25c t = 150c j j v = 0v gs sd sd a -i , reverse drain current (a) -v , source-to-drain voltage (v)

www.irf.com 5 
 #$%%&'(" !) 
  *!)  
  *!)+ !" 
 ,%-* !) %  -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 4.9a 25 50 75 100 125 150 0 50 100 150 200 250 300 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -1.3a -2.2a -2.8a  
      
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0 102030 a v = -4.5v v = -10v gs gs     
 0.00 0.04 0.08 0.12 0.16 0 3 6 9 12 15 a i = -4.9a d 
      
     !
 

www.irf.com 6 
 #$%%('  %.% /0&%1 
  +"!) +!" 
   !) !" 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 0.50 single pulse (thermal response) 0 10 20 30 40 0 4 8 12 16 20 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs i = d -4.9a v = -15v ds 0 200 400 600 800 1000 1200 1400 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a c iss c oss c rss    
        

www.irf.com 7 so-8 package outline dimensions are shown in millimeters (inches) so-8 part marking e1 d e y b a a1 h k l .189 .1497 0 .013 .050 basic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 bas ic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches min max dim 8 e c .0075 .0098 0.19 0.25 .025 basic 0.635 basic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 f oot p r i nt 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 4. ou t l i ne conf or ms t o j e de c ou t l i ne ms - 012 aa. not e s : 1. dimens ioning & tolerancing per asme y14.5m-1994. 2. cont rol l ing dime ns ion: mil l ime t e r 3. dime ns ions are s hown in mil l ime t e rs [inche s ]. 5 dime ns ion doe s not incl u de mol d pr ot ru s ions . 6 dime ns ion doe s not incl u de mol d pr ot ru s ions . mold protrus ions not to exceed 0.25 [.010]. 7 dimens ion is t he lengt h of lead for soldering to a s ubst rat e. mold protrus ions not to exceed 0.15 [.006]. 8x 1.78 [.070] note: for the most current drawing please refer to ir website at http://www.irf.com/package/

www.irf.com 8 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel dimensions are shown in millimeters (inches)

www.irf.com 9 ordering information base part package type standard pack complete part number form quantity AUIRF7316Q so-8 tube 95 AUIRF7316Q tape and reel 4000 AUIRF7316Qtr

www.irf.com 10  
 unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its prod- ucts and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this informa- tion with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of AUIRF7316Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X