Part Number Hot Search : 
GRM21B SMAJ33A M12546DH DX0907 LTC4240 2151K SQ173Y31 M0365
Product Description
Full Text Search
 

To Download ABS1110403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ordering information high environmental resistance turquoise switches abs type vde 6.4 19.3 11.1 features subminiature size (19.8 11.1 6.4 mm) sealed construction for use in adverse environment-sealed construction by epoxy resin and rubber cap greatly reduces possible miscontact due to contaminants such as dust. conforming to ip67* of iec protective construction classi?ation elastomer double molding technology, an industry ?st and ultrasonic swaging technology contribute to uniform sealing in high production quantities expansion of low-level circuit type ? e offer a au clad 2-ply contact type (for small loads) that we developed speci?ally for small current and voltage loads in the range of 1 ma to 100 ma and 5 v to 30 v. ul/csa/vde/semko approved (as for au-clad twin layer, vde and semko are not approved.) * based on the protective construction classi?ation of iec, items which satisfy the test requirements are denoted with an ip designation. typical applications ? utomotive home appliances (vacuum cleaner, air puri?r) others (gas cooking range) type of switch abs: turquoise switch s type wire and terminal position 1: 4: 5: straight type right angle left angle te r minal 1: 4: 5: 6: .110 quick-connect terminal solder terminal pc board terminal wire leads contact arrangement 1: 2: 3: spdt spst-nc spst-no actuator 0: 1: 2: 3: 4: 6: 8: pin plunger short hinge lever hinge lever long hinge lever simulated roller lever roller lever leaf lever operating force by pin plunger (max.) 4: 5: 0.98 n 1.47 n contact* 0: 1: 4: agni alloy au-clad triple layer au-clad double layer agency standard 3: 9: ul/csa/vde/semko (agni alloy contact, au-clad triple layer type) ul/csa (au-clad double layer type) ex. abs 1 1 1 0 4 0 3 remarks: 1. standard packing: dust protected type 100 pcs./carton, 1,000 pcs./case; immersion protected type 50 pcs./case. 2. spst-nc and spst-no are only available for wire leads type. 3. leaf lever is only available for wire leads type 4. wire leads type with agency standard will be discontinued from august 31, 2012. 5. as for wire position: 5. not every combination is available. please refer to the following table, ?roduct types? * contact straight type wire opposite to the actuator side type (right angle) wire actuator side type (left angle) agni alloy 0: agni alloy 1: au-clad triple layer 4: au-clad double layer agni alloyau-clad cuni alloy au-clad cuni alloy rohs compliant a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 contact arrangement product types 1. dust protected type agni alloy au-clad triple layer au-clad double layer * agency standard: please refer to ?rdering information? actuator operating force max. .110 quick-connect terminal solder terminal pc board terminal te r minal position straight right angle left angle pin plunger 0.98 n ABS1110403 abs1410403 abs1510403 abs4510403 abs5510403 1.47 n abs1110503 abs1410503 abs1510503 abs4510503 abs5510503 short hinge lever 0.39 n abs1111403 abs1411403 abs1511403 abs4511403 abs5511403 0.59 n abs1111503 abs1411503 abs1511503 abs4511503 abs5511503 hinge lever 0.34 n abs1112403 abs1412403 abs1512403 abs4512403 abs5512403 0.54 n abs1112503 abs1412503 abs1512503 abs4512503 abs5512503 long hinge lever 0.25 n abs1113403 abs1413403 abs1513403 abs4513403 abs5513403 0.44 n abs1113503 abs1413503 abs1513503 abs4513503 abs5513503 simulated roller lever 0.34 n abs1114403 abs1414403 abs1514403 abs4514403 abs5514403 0.54 n abs1114503 abs1414503 abs1514503 abs4514503 abs5514503 roller lever 0.39 n abs1116403 abs1416403 abs1516403 abs4516403 abs5516403 0.59 n abs1116503 abs1416503 abs1516503 abs4516503 abs5516503 actuator operating force max. .110 quick-connect terminal solder terminal pc board terminal te r minal position straight right angle left angle pin plunger 0.98 n abs1110413 abs1410413 abs1510413 abs4510413 abs5510413 1.47 n abs1110513 abs1410513 abs1510513 abs4510513 abs5510513 short hinge lever 0.39 n abs1111413 abs1411413 abs1511413 abs4511413 abs5511413 0.59 n abs1111513 abs1411513 abs1511513 abs4511513 abs5511513 hinge lever 0.34 n abs1112413 abs1412413 abs1512413 abs4512413 abs5512413 0.54 n abs1112513 abs1412513 abs1512513 abs4512513 abs5512513 long hinge lever 0.25 n abs1113413 abs1413413 abs1513413 abs4513413 abs5513413 0.44 n abs1113513 abs1413513 abs1513513 abs4513513 abs5513513 simulated roller lever 0.34 n abs1114413 abs1414413 abs1514413 abs4514413 abs5514413 0.54 n abs1114513 abs1414513 abs1514513 abs4514513 abs5514513 roller lever 0.39 n abs1116413 abs1416413 abs1516413 abs4516413 abs5516413 0.59 n abs1116513 abs1416513 abs1516513 abs4516513 abs5516513 actuator operating force max. .110 quick-connect terminal solder terminal pc board terminal te r minal position straight right angle left angle pin plunger 0.98 n abs1110449 abs1410449 abs1510449 abs4510449 abs5510449 1.47 n abs1110549 abs1410549 abs1510549 abs4510549 abs5510549 short hinge lever 0.39 n abs1111449 abs1411449 abs1511449 abs4511449 abs5511449 0.59 n abs1111549 abs1411549 abs1511549 abs4511549 abs5511549 hinge lever 0.34 n abs1112449 abs1412449 abs1512449 abs4512449 abs5512449 0.54 n abs1112549 abs1412549 abs1512549 abs4512549 abs5512549 long hinge lever 0.25 n abs1113449 abs1413449 abs1513449 abs4513449 abs5513449 0.44 n abs1113549 abs1413549 abs1513549 abs4513549 abs5513549 simulated roller lever 0.34 n abs1114449 abs1414449 abs1514449 abs4514449 abs5514449 0.54 n abs1114549 abs1414549 abs1514549 abs4514549 abs5514549 roller lever 0.39 n abs1116449 abs1416449 abs1516449 abs4516449 abs5516449 0.59 n abs1116549 abs1416549 abs1516549 abs4516549 abs5516549 1. spdt 2. spst-nc (wire leads type only) 3. spst-no (wire leads type only) com no nc com nc com no a e ctb2e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 2. immersion protected type (3 wire leads type spdt) with agency standard type will be discontinued from august 31, 2012. agni alloy au-clad triple layer au-clad double layer * agency standard: please refer to ?rdering information? actuator operating force max. spdt wire position straight right angle left angle pin plunger 0.98 n abs1610403 abs4610403 abs5610403 1.47 n abs1610503 abs4610503 abs5610503 short hinge lever 0.39 n abs1611403 abs4611403 abs5611403 0.59 n abs1611503 abs4611503 abs5611503 hinge lever 0.34 n abs1612403 abs4612403 abs5612403 0.54 n abs1612503 abs4612503 abs5612503 long hinge lever 0.25 n abs1613403 abs4613403 abs5613403 0.44 n abs1613503 abs4613503 abs5613503 simulated roller lever 0.34 n abs1614403 abs4614403 abs5614403 0.54 n abs1614503 abs4614503 abs5614503 roller lever 0.39 n abs1616403 abs4616403 abs5616403 0.59 n abs1616503 abs4616503 abs5616503 actuator operating force max. spdt wire position straight right angle left angle pin plunger 0.98 n abs1610413 abs4610413 abs5610413 1.47 n abs1610513 abs4610513 abs5610513 short hinge lever 0.39 n abs1611413 abs4611413 abs5611413 0.59 n abs1611513 abs4611513 abs5611513 hinge lever 0.34 n abs1612413 abs4612413 abs5612413 0.54 n abs1612513 abs4612513 abs5612513 long hinge lever 0.25 n abs1613413 abs4613413 abs5613413 0.44 n abs1613513 abs4613513 abs5613513 simulated roller lever 0.34 n abs1614413 abs4614413 abs5614413 0.54 n abs1614513 abs4614513 abs5614513 roller lever 0.39 n abs1616413 abs4616413 abs5616413 0.59 n abs1616513 abs4616513 abs5616513 actuator operating force max. spdt wire position straight right angle left angle pin plunger 0.98 n abs1610449 abs4610449 abs5610449 1.47 n abs1610549 abs4610549 abs5610549 short hinge lever 0.39 n abs1611449 abs4611449 abs5611449 0.59 n abs1611549 abs4611549 abs5611549 hinge lever 0.34 n abs1612449 abs4612449 abs5612449 0.54 n abs1612549 abs4612549 abs5612549 long hinge lever 0.25 n abs1613449 abs4613449 abs5613449 0.44 n abs1613549 abs4613549 abs5613549 simulated roller lever 0.34 n abs1614449 abs4614449 abs5614449 0.54 n abs1614549 abs4614549 abs5614549 roller lever 0.39 n abs1616449 abs4616449 abs5616449 0.59 n abs1616549 abs4616549 abs5616549 a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 3. immersion protected type (2 wire leads type spst-nc) with agency standard type will be discontinued from august 31, 2012. agni alloy au-clad triple layer au-clad double layer * agency standard: please refer to ?rdering information? actuator operating force max. spst-nc wire position straight right angle left angle pin plunger 0.98 n abs1620403 abs4620403 abs5620403 1.47 n abs1620503 abs4620503 abs5620503 short hinge lever 0.39 n abs1621403 abs4621403 abs5621403 0.59 n abs1621503 abs4621503 abs5621503 hinge lever 0.34 n abs1622403 abs4622403 abs5622403 0.54 n abs1622503 abs4622503 abs5622503 long hinge lever 0.25 n abs1623403 abs4623403 abs5623403 0.44 n abs1623503 abs4623503 abs5623503 simulated roller lever 0.34 n abs1624403 abs4624403 abs5624403 0.54 n abs1624503 abs4624503 abs5624503 roller lever 0.39 n abs1626403 abs4626403 abs5626403 0.59 n abs1626503 abs4626503 abs5626503 actuator operating force max. spst-nc wire position straight right angle left angle pin plunger 0.98 n abs1620413 abs4620413 abs5620413 1.47 n abs1620513 abs4620513 abs5620513 short hinge lever 0.39 n abs1621413 abs4621413 abs5621413 0.59 n abs1621513 abs4621513 abs5621513 hinge lever 0.34 n abs1622413 abs4622413 abs5622413 0.54 n abs1622513 abs4622513 abs5622513 long hinge lever 0.25 n abs1623413 abs4623413 abs5623413 0.44 n abs1623513 abs4623513 abs5623513 simulated roller lever 0.34 n abs1624413 abs4624413 abs5624413 0.54 n abs1624513 abs4624513 abs5624513 roller lever 0.39 n abs1626413 abs4626413 abs5626413 0.59 n abs1626513 abs4626513 abs5626513 actuator operating force max. spst-nc wire position straight right angle left angle pin plunger 0.98 n abs1620449 abs4620449 abs5620449 1.47 n abs1620549 abs4620549 abs5620549 short hinge lever 0.39 n abs1621449 abs4621449 abs5621449 0.59 n abs1621549 abs4621549 abs5621549 hinge lever 0.34 n abs1622449 abs4622449 abs5622449 0.54 n abs1622549 abs4622549 abs5622549 long hinge lever 0.25 n abs1623449 abs4623449 abs5623449 0.44 n abs1623549 abs4623549 abs5623549 simulated roller lever 0.34 n abs1624449 abs4624449 abs5624449 0.54 n abs1624549 abs4624549 abs5624549 roller lever 0.39 n abs1626449 abs4626449 abs5626449 0.59 n abs1626549 abs4626549 abs5626549 a e ctb2e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 4. immersion protected type (2 wire leads type spst-no) with agency standard type will be discontinued from august 31, 2012. agni alloy au-clad triple layer au-clad double layer * agency standard: please refer to ?rdering information? actuator operating force max. spst-no wire position straight right angle left angle pin plunger 0.98 n abs1630403 abs4630403 abs5630403 1.47 n abs1630503 abs4630503 abs5630503 short hinge lever 0.39 n abs1631403 abs4631403 abs5631403 0.59 n abs1631503 abs4631503 abs5631503 hinge lever 0.34 n abs1632403 abs4632403 abs5632403 0.54 n abs1632503 abs4632503 abs5632503 long hinge lever 0.25 n abs1633403 abs4633403 abs5633403 0.44 n abs1633503 abs4633503 abs5633503 simulated roller lever 0.34 n abs1634403 abs4634403 abs5634403 0.54 n abs1634503 abs4634503 abs5634503 roller lever 0.39 n abs1636403 abs4636403 abs5636403 0.59 n abs1636503 abs4636503 abs5636503 actuator operating force max. spst-no wire position straight right angle left angle pin plunger 0.98 n abs1630413 abs4630413 abs5630413 1.47 n abs1630513 abs4630513 abs5630513 short hinge lever 0.39 n abs1631413 abs4631413 abs5631413 0.59 n abs1631513 abs4631513 abs5631513 hinge lever 0.34 n abs1632413 abs4632413 abs5632413 0.54 n abs1632513 abs4632513 abs5632513 long hinge lever 0.25 n abs1633413 abs4633413 abs5633413 0.44 n abs1633513 abs4633513 abs5633513 simulated roller lever 0.34 n abs1634413 abs4634413 abs5634413 0.54 n abs1634513 abs4634513 abs5634513 roller lever 0.39 n abs1636413 abs4636413 abs5636413 0.59 n abs1636513 abs4636513 abs5636513 actuator operating force max. spst-no wire position straight right angle left angle pin plunger 0.98 n abs1630449 abs4630449 abs5630449 1.47 n abs1630549 abs4630549 abs5630549 short hinge lever 0.39 n abs1631449 abs4631449 abs5631449 0.59 n abs1631549 abs4631549 abs5631549 hinge lever 0.34 n abs1632449 abs4632449 abs5632449 0.54 n abs1632549 abs4632549 abs5632549 long hinge lever 0.25 n abs1633449 abs4633449 abs5633449 0.44 n abs1633549 abs4633549 abs5633549 simulated roller lever 0.34 n abs1634449 abs4634449 abs5634449 0.54 n abs1634549 abs4634549 abs5634549 roller lever 0.39 n abs1636449 abs4636449 abs5636449 0.59 n abs1636549 abs4636549 abs5636549 a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 5. immersion protected type (3 wire leads type spdt) with agency standard type will be discontinued from august 31, 2012. ?leaf lever type agni alloy au-clad triple layer au-clad double layer 6. immersion protected type (2 wire leads type spst-nc) with agency standard type will be discontinued from august 31, 2012. ?leaf lever type agni alloy au-clad triple layer au-clad double layer 7. immersion protected type (2 wire leads type spst-no) with agency standard type will be discontinued from august 31, 2012. ?leaf lever type agni alloy au-clad triple layer * agency standard: please refer to ?rdering information? actuator operating force max. spdt wire position straight right angle left angle leaf lever 0.88 n abs1618403 abs4618403 abs5618403 1.08 n abs1618503 abs4618503 abs5618503 actuator operating force max. spdt wire position straight right angle left angle leaf lever 0.88 n abs1618413 abs4618413 abs5618413 1.08 n abs1618513 abs4618513 abs5618513 actuator operating force max. spdt wire position straight right angle left angle leaf lever 0.88 n abs1618449 abs4618449 abs5618449 1.08 n abs1618549 abs4618549 abs5618549 actuator operating force max. spst-nc wire position straight right angle left angle leaf lever 0.88 n abs1628403 abs4628403 abs5628403 1.08 n abs1628503 abs4628503 abs5628503 actuator operating force max. spst-nc wire position straight right angle left angle leaf lever 0.88 n abs1628413 abs4628413 abs5628413 1.08 n abs1628513 abs4628513 abs5628513 actuator operating force max. spst-nc wire position straight right angle left angle leaf lever 0.88 n abs1628449 abs4628449 abs5628449 1.08 n abs1628549 abs4628549 abs5628549 actuator operating force max. spst-no wire position straight right angle left angle leaf lever 0.88 n abs1638403 abs4638403 abs5638403 1.08 n abs1638503 abs4638503 abs5638503 actuator operating force max. spst-no wire position straight right angle left angle leaf lever 0.88 n abs1638413 abs4638413 abs5638413 1.08 n abs1638513 abs4638513 abs5638513 a e ctb2e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 au-clad double layer * agency standard: please refer to ?rdering information? specifications 2. characteristics 3. operating characteristics actuator operating force max. gf spst-no wire position straight right angle left angle leaf lever 0.89 n abs1638449 abs4638449 abs5638449 1.08 n abs1638549 abs4638549 abs5638549 mechanical life (o.t.: speci?d value) leaf lever min. 5x10 5 (at 60 cpm) other types min. 5x10 6 (at 60 cpm) electrical life at rated load (o.t.: max.) agni alloy contact type min. 5x10 4 (at 20 cpm) au-clad contact type min. 2x10 5 (at 20 cpm) insulation resistance min. 100 m ? (at 500 v dc insulation resistance meter) dielectric strength between non-continuous terminals between each terminal and other exposed metal parts between each terminal and ground 1,000 vrms 1,500 vrms 1,500 vrms vibration resistance (pin plunger type) 10 to 55 hz at single amplitude of 0.75 mm (contact opening max. 1 msec.) shock resistance (pin plunger type) min. 294 m/s 2 (contact opening max. 1 msec.) contact resistance (initial) agni alloy contact type dust protected type (ip50): max. 50 m ? immersion protected type (ip67): max. 100 m ? (by voltage drop 1 a 6 to 8 v dc) au-clad contact type dust protected type (ip50): max. 100 m ? immersion protected type (ip67): max. 150 m ? (by voltage drop 0.1 a 6 to 8 v dc) allowable operating speed (at no load) 0.1 to 500 mm/sec. max. operating cycle rate (at no load) 120 cpm ambient temperature ?0 c to +85 c unit weight approx. 2 g (ip50 type) water resistance ip67 (wire leads type) type of actuator operating force, max. release force, min. pretravel, max. mm movement differential, max. mm overtravel, min. mm operating position, mm pin plunger 0.98n 1.47n 0.15n 0.20n 0.6 0.1 0.4 8.4 0.3 short hinge lever 0.39n 0.59n 0.034n 0.039n 2.5 0.5 0.8 8.8 0.8 hinge lever 0.34n 0.54n 0.029n 0.034n 2.8 0.8 1.2 8.8 0.8 long hinge lever 0.25n 0.44n 0.025n 0.029n 3.5 1.0 1.6 8.8 1.2 simulated roller lever 0.34n 0.54n 0.029n 0.034n 2.8 0.8 1.2 11.65 0.8 roller lever 0.39n 0.59n 0.034n 0.039n 2.5 0.5 0.8 14.5 0.8 leaf lever 0.88n 1.08n 0.17n 0.20n 4.5 1.0 2.5 14.5 1.5 1. contact rating low-level circuit rating (au-clad contact type) voltage agni alloy contact type au-clad contact type au-clad triple layer au-clad twin layer resistive load inductive load resistive load 125 v ac 2 a 2 a 0.1 a 250 v ac 2 a 2 a 0.1 a 30 v dc 2 a 2 a 0.1 a 0.1 a 125 v dc 0.4 a 0.05 a rated voltage resistive load 6 v dc 5 ma 12 v dc 2 ma 24 v dc 1 ma recommended contact material chart classi?d by load voltage & current (reference) remarks: if the contact is being used in the constant low-level circuit load range, the au-clad twin layer contact is recommended. if there is a danger of the current being less than 0.5 a, f or instance if the contact is being turned on and off, the au-clad triple layer type is recommended. silver-alloy gold-clad double layer 2a 100ma 1ma 0 dc ac 5 5 15 30v 30 250v gold-clad triple layer a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 dimensions mm general tolerance: 0.25 1. dust protected type 1-(1) .110 quick-connect terminal pin plunger 7.6 0.3 3.4 0.1 11 7.1 0.15 5.5 0.1 1.2 0.05 dia. 2.4 7.7 + 0.1 ? 0.05 2.4 2.5 0.1 19.8 0.3 7.6 0.15 7.6 0.15 9.5 0.1 4 2.8 0.1 c0.6 position operating 8.4 0.3 11.8 0.4 6.7 pretravel 0.6 max. 6.4 0.2 1.7 dia. ? 0.05 + 0.1 2.4 dia. pretravel, max. mm 0.6 movement differential, max. mm 0.1 overtravel, min. mm 0.4 operating position distance from mounting hole, mm 8.4 0.3 distance from stand-off, mm 11.8 0.4 cad data short hinge lever 5 0.4 r18 pretravel 2.5 max. 12.85 6.3 4 ( 3.7 ) position 8.8 0.8 operating 12.2 0.9 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 8.8 0.8 distance from stand-off, mm 12.2 0.9 cad data hinge lever 4 ( 3.7 ) 8.8 0.8 12.2 0.9 7.15 0.4 r20.2 operating pretravel 2.8 max. position pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 8.8 0.8 distance from stand-off, mm 12.2 0.9 cad data long hinge lever 4 ( 3.5 ) position operating 8.8 1.2 r26.1 pretravel 3.5 max. 13.1 0.4 12.2 1.3 pretravel, max. mm 3.5 movement differential, max. mm 1 overtravel, min. mm 1.6 operating position distance from mounting hole, mm 8.8 1.2 distance from stand-off, mm 12.2 1.3 cad data a e ctb2e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e
abs1,4,5 simulated roller lever mm general tolerance: 0.25 pretravel 2.8 max. 11.65 0.8 operating position 15.05 0.9 r2.5 r19.9 4 ( 3.5 ) 6.3 0.4 pretravel, max. mm 2.8 movement differential, max. mm 0.8 overtravel, min. mm 1.2 operating position distance from mounting hole, mm 11.65 0.8 distance from stand-off, mm 15.05 0.9 cad data roller lever 3.2 5 dia. pretravel 2.5 max. 5.15 0.4 17.9 0.9 operating position 14.5 0.8 r18.9 pretravel, max. mm 2.5 movement differential, max. mm 0.5 overtravel, min. mm 0.8 operating position distance from mounting hole, mm 14.5 0.8 distance from stand-off, mm 17.9 0.9 cad data 1-(2) solder terminal 3.4 0.15 2.5 0.1 9.5 0.1 8.7 0.15 15.4 0.15 2.8 0.2 19.8 0.3 -0.05 +0.1 2.4 dia. +0.1 -0.05 2.4 2.4 2.4 1.9 7.4 1.1 0.12 1.5 0.12 0.5 1.85 0.2 1.25 0.1 5.2 6.4 0.2 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. cad data 1-(3) pc board terminal straight type 1.1 0.12 1.5 0.12 0.5 1.85 0.2 1.25 0.1 5.2 6.4 0.2 8.7 0.15 2.5 0.1 15.4 0.15 19.8 0.3 9.5 0.1 2.2 dia. +0.1 -0.05 2.4 3.4 0.15 +0.1 2.4 7.4 2.4 -0.05 0.9 8.7 0.1 15.4 0.1 1.2 0.05 dia. remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. cad data a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 right angle type mm general tolerance: 0.25 7.62 0.15 7.62 0.15 0.5 5.08 0.2 6.4 7.62 0.1 3-1.5 0.05 dia. 7.62 0.1 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. cad data left angle type 5.08 0.2 0.5 6.4 7.62 0.15 7.62 0.15 1.3 7.62 0.15 7.62 0.15 ( 2.8 ) 1.3 3.2 6.4 6-c0.3 7.62 0.1 3-1.5 0.05 dia. 7.62 0.1 remarks: dimensions of the actuator types are the same as those of corresponding .110 quick-connect terminal types. cad data 2. immersion protected type wire leads pin plunger straight type com no nc 21.2 9.2 300 10 5 2 dia. -0.05 +0.1 2.4 6.4 thickness of the lead wire: 0.5 mm 2 ul/csa approved type and right/left angle type: awg #20 color of the lead wire: com ...black n.c. ...red n.o. ...white remarks: 1. other dimensions are the same as those of .110 quick-connect terminal types. 2. dimensions of the actuator types are the same as those of corresponding .110 quick- connect terminal types. right angle type left angle type 5 2 300 10 5 2 300 10 cad data a e ctb2e 201201-t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e
abs1,4,5 leaf lever mm general tolerance: 0.25 straight type pretravel 4.5 max. 1.5 free position ( 16.5 ) 14.5 1.5 operating position totaltravel position ( 10.5 min. ) 7.6 0.3 8 1 23.8 0.4 5 2 300 10 2.4 dia. -0.05 +0.1 5 6.4 7.7 8.4 8.4 2.5 0.1 thickness of the lead wire: 0.5 mm 2 ul/csa approved type and right/left angle type: awg #20 color of the lead wire: com ...black n.c. ...red n.o. ...white right angle type left angle type 5 6.4 300 10 5 2 5 6.4 300 10 5 2 cad data a e ctb 2 e 201 2 01 -t panasonic corporation automation controls business unit industrial.panasonic.com/ac/e


▲Up To Search▲   

 
Price & Availability of ABS1110403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X