Part Number Hot Search : 
RS5C372A ELECTRON SST214 TSOP4833 LN2575 MJD29 ST6230 GC7915F
Product Description
Full Text Search
 

To Download 578244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51 ?2009 littelfuse, inc. revised: december 2, 2009 polyfuse ? resettable ptcs 2920l series surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. 2920l series the 2920l series ptc provides surface mount overcurrent protection for medium voltage (60v) applications where resettable protection is desired. electrical characteristics part number marking i hold (a) i trip (a) v max (vdc) i max (a) p d max. (w) maximum time to trip resistance agency approvals current (a) time (sec.) r min ( ) r typ ( ) r 1max ( ) 2920l030 lf030 0.30 0.60 60 10 1.50 1.50 3.00 1.200 3.000 4.800 xx 2920l050 lf050 0.50 1.00 60 10 1.50 2.50 4.00 0.350 0.870 1.400 xx 2920l075 lf075 0.75 1.50 30 40 1.50 8.00 0.30 0.350 0.670 1.000 xx 2920l075/60 lf075-60 0.75 1.50 60 10 1.50 8.00 0.30 0.300 0.60 0.950 xx 2920l100 lf100 1.10 2.20 33 40 1.50 8.00 0.50 0.120 0.270 0.410 xx 2920l125 lf125 1.25 2.50 15 40 1.50 8.00 2.00 0.070 0.160 0.250 xx 2920l150 lf150 1.50 3.00 33 40 1.50 8.00 2.00 0.080 0.150 0.230 xx 2920l185 lf185 1.85 3.70 33 40 1.50 8.00 2.50 0.065 0.110 0.150 xx 2920l200 lf200 2.00 4.00 15 40 1.50 8.00 5.00 0.050 0.090 0.125 xx 2920l200/24 lf200-24 2.00 4.00 24 40 1.50 8.00 5.00 0.050 0.090 0.125 xx 2920l250 lf250 2.50 5.00 15 40 1.50 8.00 10.00 0.035 0.060 0.085 xx 2920l260 lf260 2.60 5.00 6 40 1.50 8.00 10.00 0.025 0.050 0.075 xx 2920l300 lf300 3.00 5.00 6 40 1.50 8.00 20.00 0.015 0.033 0.048 xx 2920l300/15 lf300-15 3.00 5.00 15 40 1.50 8.00 20.00 0.015 0.033 0.048 xx description i hold = hold current: maximum current device will pass without tripping in 20c still air. i trip = trip current: minimum current at which the device will trip in 20c still air. v max = maximum voltage device can withstand without damage at rated current (i max) i max = maximum fault current device can withstand without damage at rated voltage (v max ) p d = power dissipated from device when in the tripped state at 20c still air. r min = minimum resistance of device in initial (un-soldered) state. r typ = typical resistance of device in initial (un-soldered) state. r 1max = maximum resistance of device at 20c measured one hour after tripping or re?ow soldering of 260c for 20 sec. caution: operation beyond the speci?ed rating may result in damage and possible arcing and ?ame. effective september 15, 2009 onward, all 2920l ptc products will be manufactured halogen free (hf). existing non-halogen free 2 920l ptc products will continue to be sold until supplies are depleted. effective january 1, 2010, all 2920l ptc product will be manufactured and sold as halogen free by defaul t, and the hf part number suf?x code will be discontinued -- refer to part ordering number system and packaging options sections for additional information. agency approvals agency agency file number e183209 r50119118 features applications ? rohs compliant, lead-free and halogen-free ? fast response to fault currents ? high voltage ? low-pro?le ? iee1394 port protection ? powered ethernet port protection (ieee 802.3 af) ? automotive electronic control module protection ? low voltage telecom equipment protection
52 revised: december 2, 2009 ?2009 littelfuse, inc. polyfuse ? resettable ptcs surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. ambient operation temperature -40c -20c 0c 23c 40c 50c 60c 70c 85c part number hold current (a) 2920l030 0.45 0.40 0.35 0.30 0.25 0.23 0.20 0.17 0.14 2920l050 0.76 0.67 0.59 0.50 0.42 0.38 0.33 0.29 0.23 2920l075 1.13 1.01 0.88 0.75 0.62 0.56 0.50 0.44 0.34 2920l075/60 1.13 1.01 0.88 0.75 0.62 0.56 0.50 0.44 0.34 2920l100 1.66 1.47 1.29 1.10 0.91 0.83 0.73 0.64 0.50 2920l125 1.89 1.68 1.46 1.25 1.04 0.94 0.83 0.73 0.56 2920l150 2.27 2.01 1.76 1.50 1.25 1.13 1.00 0.87 0.74 2920l185 2.80 2.47 2.17 1.85 1.54 1.39 1.22 1.07 0.85 2920l200 3.02 2.68 2.34 2.00 1.66 1.50 1.32 1.16 0.90 2920l200/24 3.14 2.77 2.42 2.00 1.73 1.56 1.38 1.20 0.98 2920l250 3.78 3.35 2.93 2.50 2.08 1.88 1.65 1.45 1.13 2920l260 3.64 3.25 2.91 2.60 2.26 2.08 1.95 1.74 1.48 2920l300 4.53 4.02 3.51 3.00 2.52 2.26 1.99 1.75 1.34 2920l300/15 4.20 3.85 3.44 3.00 2.69 2.50 2.31 2.12 1.83 temperature rerating temperature rerating curve -40 -30 -20 -10 0 10 20 30 40 5 06070808 5 10% 30% 5 0% 70% 90% 110 % 130% 1 5 0% 170% temperature (c) percentage of rated current average time current curves the average time current curves and temperature rerating curve performance is affected by a number or variables, and these curves provided as guidance only. customer must verify the performance in their application. 0.01 0.1 1 10 100 1000 10000 100000 0.1 1 10 100 current in amperes time in seconds 2920l 0.10a 0.30a 0.50a 0.75a & 0.75a/60 1.00a 1.25a 1.50a 1.85a 2.00a/24v 2.00a 2.50a 2.60a 3.00a/15v 3.00a
53 ?2009 littelfuse, inc. revised: december 2, 2009 polyfuse ? resettable ptcs 2920l series surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. environmental speci?cations soldering parameters condition re?ow peak temp/ duration time 260c / 10 sec time above liquids (tal) 220c 60 sec ~ 100 sec preheat 120c~ 180c 50 sec ~ 150 sec storage condition 0c~35c, < = 70%rh ? recommended re?ow methods: ir, vapor phase oven, hot air oven, n 2 environment for leadCfree ? recommended maximum paste thickness is 0.25mm (0.010 inch) ? devices can be cleaned using standard industry methods and solvents. note: if re?ow temperatures exceed the recommended pro?le, devices may not meet the performance requirements. operating/storage temperature -40c to +85c maximum device surface temperature in tripped state 125c passive aging +85c, 1000 hours -/+5% typical resistance change humidity aging +85c, 85%,r.h.,1000 hours -/+5% typical resistance change thermal shock mil-std-20 2, method 107g +85c/-40c 20 times -30% typical resistance change solvent resistance milCstdC202, method 215 vibration milCstdC883c, method 2007.1, condition a moisture sensitivity level level 1, jCstdC020c physical speci?cations terminal material solder-plated copper (solder material: matte tin(sn)) lead solderability meets eia speci?cation rs186-9e, ansi/ j-std-002 category 3. preheating 120 180 220 260 0 60 to 100 temperature (c) soldering cooling 120 50 to 150 time(s)
54 revised: december 2, 2009 ?2009 littelfuse, inc. polyfuse ? resettable ptcs surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. dimensions (mm) c to p view pad layout side view bottom view 5.30 mm (.209) 4.60 mm (.181) 2.0mm (.079) d marking code varies with amperage and voltage rating (see electrical characteristic table) shown are: - 1.5a/33v rating (left) - 2.0a/24v rating (right) e a b 150 150 200 -24 part number a bcd e inches mm inches mm inches mm inches mm inches mm min max min max min max min max min max min max min max min max min max min max 2920l030 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l050 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l075 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l075/60 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.05 0.06 1.20 1.80 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l100 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.02 0.04 0.55 1 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l125 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.02 0.04 0.55 1 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l150 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l185 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l200 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l200/24 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l250 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l260 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.02 0.04 0.55 1 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l300 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2 2920l300/15 0.26 0.31 6.73 7.98 0.19 0.21 4.8 5.44 0.03 0.05 0.75 1.25 0.01 0.1 0.3 2.5 0.01 0.08 0.25 2
55 ?2009 littelfuse, inc. revised: december 2, 2009 polyfuse ? resettable ptcs 2920l series surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. part ordering number system packaging style halogen-free l: littelfuse surface mount pptc quantity code: d =1 5 00 m =1000 p =2000 r: t ape & reel 2920 l xxx /xx d r hf series device size code (0.29 x 0.20 inch) i hold hold current code (refer to electrical characteristics t able) special voltage rating item (not applicable to all parts. refer to electrical characteristics t able for additional information) required for some items. see packaging section. packaging part number ordering number halogen free i hold (a) i hold code voltage option packaging option quantity quantity & packaging codes 2920l030 2920l030drhf yes 0.30 030 tape and reel 1500 dr 2920l030dr no 2920l050 2920l050drhf yes 0.50 050 tape and reel 1500 dr 2920l050dr no 2920l075 2920l075drhf yes 0.75 075 tape and reel 1500 dr 2920l075dr no 2920l075/60 2920l075/60mrhf yes 0.75 075 /60 tape and reel 1000 mr 2920l075/60mr no 2920l100 2920l100prhf yes 1.10 100 tape and reel 2000 pr 2920l100pr no 2920l125 2920l125prhf yes 1.25 125 tape and reel 2000 pr 2920l125pr no 2920l150 2920l150drhf yes 1.50 150 tape and reel 1500 dr 2920l150dr no 2920l185 2920l185drhf yes 1.85 185 tape and reel 1500 dr 2920l185dr no 2920l200 2920l200drhf yes 2.00 200 tape and reel 1500 dr 2920l200dr no 2920l200/24 2920l200/24drhf yes 2.00 200 /24 tape and reel 1500 dr 2920l200/24dr no 2920l250 2920l250drhf yes 2.50 250 tape and reel 1500 dr 2920l250dr no 2920l260 2920l260prhf yes 2.60 260 tape and reel 2000 pr 2920l260pr no 2920l300 2920l300drhf yes 3.00 300 tape and reel 1500 dr 2920l300dr no 2920l300/15 2920l300/15drhf yes 3.00 300 /15 tape and reel 1500 dr 2920l300/15dr no * effective september 15, 2009 onward, all 2920l ptc products will be manufactured halogen free (hf). existing non-halogen free 2920l ptc products will continue to be sold until supplies are depleted. effective january 1, 2010, all 2920l ptc product will be manufactured and sold as halogen free by defaul t, and hf part number suf?x code will be discontinued.
56 revised: december 2, 2009 ?2009 littelfuse, inc. polyfuse ? resettable ptcs surface mount > 2920l series 2920l series speci?cations are subject to change without notice. please refer to www.littelfuse.com/series/2920l.html for current information. tape specifications: eia-481-1 (mm) reel dimensions: eia-481-1 (mm) 2920l030, 2920l050, 2920l075 2920l100, 2920l125, 2920l260 2920l150, 2920l185, 2920l200, 2920l250, 2920l200/24, 2920l300, 2920l300/15 2920l075/60 w 16.0+/- 0.30 16.0+/- 0.30 16.0+/- 0.30 16.0+/- 0.30 h 16.0+/- 0.2 f 7.5+/- 0.05 7.5+/- 0.05 7.5+/- 0.05 7.5+/- 0.10 w 13.2+/- 1.5 e 1 1.75+/- 0.10 1.75+/- 0.10 1.75+/- 0.10 1.75+/- 0.10 d ? 60.2+/?0.5 d 0 1.55+/- 0.05 1.55+/- 0.05 1.55+/- 0.05 1.50+/- 0.10 f ? 13.0+/- 0.5 d 1 1.5+/- 0.10 1.5+/- 0.10 1.5+/- 0.10 1.5 (min) c ? 178+/- 1.0 p 0 4.0+/- 0.10 4.0+/- 0.10 4.0+/- 0.10 4.0+/- 0.10 h 1 11+/- 0.5 p 1 8.0+/- 0.10 8.0+/- 0.10 8.0+/- 0.10 8.0+/- 0.10 w 1 2.5+0.5 p 2 2.0+/- 0.05 2.0+/- 0.05 2.0+/- 0.05 2.0+/- 0.10 w 2 3.0+0.5 a 0 5.45+/- 0.10 5.45+/- 0.10 5.45+/- 0.10 5.45+/- 0.10 w 3 4.0+0.5 b 0 7.65+/- 0.10 7.65+/- 0.10 7.65+/- 0.10 7.90+/- 0.10 t 0.25+/- 0.10 0.25+/- 0.10 0.25+/- 0.10 0.30+/- 0.05 k o 1.25+/- 0.10 1.00+/- 0.10 1.45+/- 0.10 2.00+/- 0.10 leader min. 390 390 390 390 trailer min. 160 160 160 160 tape and reel speci?cations tape and reel diagram d 2 k 0 b 0 a 0 t f w e 1 p 2 d 0 p 0 p 1 c d h w w2 w3 w1 h 1


▲Up To Search▲   

 
Price & Availability of 578244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X