Part Number Hot Search : 
74ACT1 00T1KI HMC580 MBI10 B1200CCL 2200245 DDTA114 LRMS2D
Product Description
Full Text Search
 

To Download 54VCXH16237311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2011 doc id 10653 rev 7 1/18 18 54vcxh162373 rad hard low voltage cmos 16 -bit d-type latch (3-state) with 3.6 v tolerant inputs and outputs features 1.65 to 3.6 v inputs and outputs high speed: ?t pd = 3.3 ns (max.) at v cc = 3.0 to 3.6 v ?t pd = 4.5 ns (max.) at v cc = 2.3 to 2.7 v symmetrical impedance outputs: ?|i oh | = i ol = 12 ma (min.) at v cc = 3.0 v ?|i oh | = i ol = 8 ma (min.) at v cc = 2.3 v power down protection on inputs and outputs 26 serie resistors in outputs operating voltage range: ?v cc (opr) = 1.65 v to 3.6 v pin and function compatible with 54 series hr162373 bus hold provided on both sides cold spare function latch-up performance exceeds 300 ma (jesd 17) esd performance: ? hbm > 2000 v (mil std 883 method 3015); mm > 200 v 300 krad mil1019.6 condition a, (rha qml qualification extension undergone) no sel, no seuand no set under 110 mev/cm2/mg let heavy ions irradiation qml qualified product device fully compliant with dscc smd 5962-05211 100 mv typical input hysteresis description the 54vcxh162373 is a low voltage cmos 16 bit d-type latch with 3 state outputs non inverting fabricated with sub-micron silicon gate and five- layer metal wiring c2mos technology. it is ideal for low power and very high speed 1.65 to 3.6 v applications; it can be interfaced to 3.6 v signal environment for both inputs and outputs. these 16 bit d-type latches are bite controlled by two latch enable inputs (nle) and two output enable inputs (oe ). while the nle input is held at a high level, the nq outputs will follow the data input precisely. when the nle is taken low, the nq outputs will be in a normal logic state (high or low logic level) and while high level the outputs will be in a high impedance state. bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. the device circuits is including 26 series resistance in the outputs. these resistors permit to reduce line noise in high speed applications. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2 kv esd immunity and transient excess voltage. flat-48 the upper metallic lid is not electrically connected to any pins, nor to the ic die inside the package. www.st.com
contents 54vcxh162373 2/18 doc id 10653 rev 7 contents 1 logic symbols and i/o equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 2 pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 2.3 truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3.1 recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 5 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 6 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 7 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 8 order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
54vcxh162373 logic symbols and i/o equivalent circuit doc id 10653 rev 7 3/18 1 logic symbols and i/o equivalent circuit figure 1. iec logic symbols figure 2. input and output equivalent circuit
logic symbols and i/o equivalent circuit 54vcxh162373 4/18 doc id 10653 rev 7 note: this logic diagram has not to be used to estimate propagation delays figure 3. logic diagram
54vcxh162373 pin settings doc id 10653 rev 7 5/18 2 pin settings 2.1 pin connection figure 4. pin connection (top through view)
pin settings 54vcxh162373 6/18 doc id 10653 rev 7 2.2 pin description 2.3 truth table note: x = do not care; z = high impedance table 1. pin description pin n symbol name and function 11oe 3 state output enable input (active low) 2, 3, 5, 6, 8, 9, 11, 12 1q0 to 1q7 3-state outputs 13, 14, 16, 17, 19, 20, 22, 23 2q0 to 2q7 3-state outputs 24 2oe 3 state output enable input (active low) 25 2le latch enable input 36, 35, 33, 32, 30, 29, 27, 26 2d0 to 2d7 data inputs 47, 46, 44, 43, 41, 40, 38, 37 1d0 to 1d7 data inputs 48 1le latch enable input 4, 10, 15, 21, 28, 34, 39, 45 gnd ground (0 v) 7, 18, 31, 42 v cc positive supply voltage table 2. truth table inputs output oe le d q hxx z l l x no change (1) 1. q outputs are latched at the time when the le input is taken low logic level. lhl l lhh h
54vcxh162373 maximum rating doc id 10653 rev 7 7/18 3 maximum rating stressing the device above the rating listed in the ?absolute maximum ratings? table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not imp lied. exposure to absolute ma ximum rating conditions for extended periods may affect device reliability. 3.1 recommended operating conditions table 3. absolute maximum ratings symbol parameter value unit v cc supply voltage -0.5 to +4.6 v v i dc input voltage -0.5 to +4.6 v v o dc output voltage (off state) -0.5 to +4.6 v v o dc output voltage (high or low state) (1) 1. i o absolute maximum rating must be observed -0.5 to v cc + 0.5 v i ik dc input diode current - 50 ma i ok dc output diode current (2) 2. v o < gnd, v o > v cc - 50 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current per supply pin 100 ma p d power dissipation 400 mw t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 260 c table 4. recommended operating conditions symbol parameter value unit v cc supply voltage 1.8 to 3.6 v v i input voltage -0.3 to 3.6 v v o output voltage (off state) 0 to 3.6 v v o output voltage (high or low state) 0 to v cc v i oh , i ol high or low level output current (v cc = 3.0 to 3.6 v) 12 ma i oh , i ol high or low level output current (v cc = 2.3 to 2.7 v) 8ma t op operating temperature -55 to 125 c dt/dv input rise and fall time (1) 1. v in from 0.8 v to 2 v at v cc = 3.0 v 0 to 10 ns/v
electrical characteristics 54vcxh162373 8/18 doc id 10653 rev 7 4 electrical characteristics 2.7 v < v cc < 3.6 v unless otherwise specified table 5. dc specifications symbol parameter test condition value unit v cc (v) -55 to 125c min. max. v ih high level input voltage 2.7 to 3.6 2.0 v v il low level input voltage 0.8 v oh high level output voltage 2.7 to 3.6 i o =-100 av cc -0.2 v 2.7 i o =-6 ma 2.2 3.0 i o =-8 ma 2.4 i o =-12 ma 2.2 v ol low level output voltage 2.7 to 3.6 i o =100 a0.2 v 2.7 i o =6 ma 0.4 3.0 i o =8 ma 0.55 i o =12 ma 0.8 i i input leakage current 2.7 to 3.6 v i = 0 to 3.6 v 5 a i i(hold) input hold current 3.0 v i = 0.8 v 75 a v i = 2 v -75 3.6 v i = 0 to 3.6 v 500 i off power off leakage current 0v i or v o = 0 to 3.6 v 10 a i oz high impedance output leakage current 2.7 to 3.6 v i = v ih or v il v o = 0 to 3.6 v 10 a i cc quiescent supply current 2.7 to 3.6 v i = v cc or gnd 20 a v i or v o = v cc to 3.6 v 20 i cc i cc incr. per input 2.7 to 3.6 v ih = v cc - 0.6 v 750 a
54vcxh162373 electrical characteristics doc id 10653 rev 7 9/18 2.3 v < v cc < 2.7 v unless otherwise specified t a = 25 c, input t r = t f = 2.0 ns, c l = 30 pf, r l = 500 table 6. dc specifications symbol parameter test condition value unit v cc (v) -55 to 125 c min. max. v ih high level input voltage 2.3 to 2.7 1.6 v v il low level input voltage 0.7 v oh high level output voltage 2.3 to 2.7 i o = -100 av cc -0.2 v 2.3 i o = -4 ma 2.0 i o = -6 ma 1.8 i o = -8 ma 1.7 v ol low level output voltage 2.3 to 2.7 i o = 100 a0.2 v 2.3 i o = 6 ma 0.4 i o = 8 ma 0.6 i i input leakage current 2.3 to 2.7 v i = v cc or gnd 5 a i i(hold) input hold current 2.3 v i = 0.7 v 45 a v i = 1.7 v -45 i off power off leakage current 0v i or v o = 0 to 3.6 v 10 a i oz high impedance output leakage current 2.3 to 2.7 v i = v ih or v il v o = 0 to 3.6 v 10 a i cc quiescent supply current 2.3 to 2.7 v i = v cc or gnd 20 a v i or v o = v cc to 3.6 v 20 table 7. dynamic switching characteristics symbol parameter test condition value unit v cc (v) t a = 25 c min. typ. max. v olv dynamic valley low voltage quiet output (1) (2) 1. number of outputs defined as ?n?. measured with ?n -1? outputs switching from high to low or low to high. the remaining output is measured in the low state. 2. parameters guaranteed by design. 2.5 v il = 0 v v ih = v cc -0.25- v 3.3 - 0.35 - v ohv dynamic valley high voltage quiet output (2) (3) 3. number of outputs defined as ?n?. measured with ?n -1? outputs switching from high to low or low to high. the remaining output is measured in the high state. 2.5 v il = 0 v v ih = v cc - -0.25 - v 3.3 - -0.35 - v ohv dynamic valley high voltage quiet output (2) (3) 2.5 v il = 0 v v ih = v cc -2.05- v 3.3 - 2.65 -
electrical characteristics 54vcxh162373 10/18 doc id 10653 rev 7 c l = 30 pf, r l = 500 , input t r = t f = 2.0 ns table 8. ac electrical characteristics symbol parameter test condition value unit v cc (v) -55 to 125 c min. max. t plh t phl propagation delay time dn to qn 2.3 to 2.7 1.0 5.2 ns 3.0 to 3.6 0.8 4.0 t plh t phl propagation delay time le to qn 2.3 to 2.7 1.0 5.7 ns 3.0 to 3.6 0.8 4.2 t pzl t pzh output enable time 2.3 to 2.7 1.0 6.2 ns 3.0 to 3.6 0.8 4.7 t plz t phz output disable time 2.3 to 2.7 1.0 5.1 ns 3.0 to 3.6 0.8 4.8 t s setup time, high or low level dn to le 2.3 to 2.7 1.0 ns 3.0 to 3.6 1.0 t h hold time high or low level dn to le 2.3 to 2.7 1.5 ns 3.0 to 3.6 1.5 t w le pulse width, high 2.3 to 2.7 1.5 ns 3.0 to 3.6 1.5 t oslh t oshl output to output skew time (1) (2) 1. skew is defined as the absolute value of the di fference between the actual propagation delay for any two outputs of the same device switching in the same direction, either high or low (t oslh = | t plhm - t plhn |, t oshl = | t phlm - t phln |) 2. parameter guaranteed by design 2.3 to 2.7 0.5 ns 3.0 to 3.6 0.5 table 9. capacitive characteristics symbol parameter test condition value unit v cc (v) t a = 25 c min. typ. max. c in input capacitance 2.5 or 3.3 v in = 0 or v cc -6-pf c out output capacitance 2.5 or 3.3 v in = 0 or v cc -7-pf c pd power dissipation capacitance (1) 1. c pd is defined as the value of the ic?s internal equivalent capacitance whic h is calculated from the operating current consumption without load. (refer to test circuit) . average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /16 (per circuit) 2.5 or 3.3 f in = 10mhz v in = 0 or v cc -20-pf
54vcxh162373 test circuit doc id 10653 rev 7 11/18 5 test circuit figure 5. test circuit c l = 30 pf or equivalent (includes jig and probe capacitance) r l = r 1 = 500 or equivalent r t = z out of pulse generator (typically 50 ) table 10. test circuit test switch t plh , t phl open t pzl , t plz (v cc = 3.0 to 3.6 v) 6 v t pzl , t plz (v cc = 2.3 to 2.7 v) 2 v cc t pzh , t phz gnd
waveforms 54vcxh162373 12/18 doc id 10653 rev 7 6 waveforms figure 6. waveform - le to qn propagation delays, le minimum pulse width, dn to le setup and hold times (f = 1 mhz; 50% duty cycle) table 11. waveform symbol value symbol v cc 3.0 to 3.6 v 2.3 to 2.7 v v ih 2.7 v v cc v m 1.5 v v cc /2 v x v ol +0.3 v v ol +0.15 v v y v oh -0.3 v v oh -0.15 v
54vcxh162373 waveforms doc id 10653 rev 7 13/18 figure 7. waveform - output enable and disable time (f = 1 mhz; 50% duty cycle) figure 8. waveform - propagation delay time (f = 1 mhz; 50% duty cycle)
package mechanical data 54vcxh162373 14/18 doc id 10653 rev 7 7 package mechanical data 54vcxh162373 products are supplied into ceramic body / metal lid hermetic flat 48-pin space package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 12. flat-48 (mil-std-1835) mechanical data dim. mm inch min. typ. max. min. typ. max. a 2.18 2.47 2.72 0.086 0.097 0.107 b 0.20 0.254 0.30 0.008 0.010 0.012 c 0.12 0.15 0.18 0.005 0.006 0.007 d 15.57 15.75 15.92 0.613 0.620 0.627 e 9.52 9.65 9.78 0.375 0.380 0.385 e2 6.22 6.35 6.48 0.245 0.250 0.255 e3 1.52 1.65 1.78 0.060 0.065 0.070 e 0.635 0.025 f 0.20 0.008 l 6.85 8.38 9.40 0.270 0.330 0.370 q 0.66 0.79 0.92 0.026 0.031 0.036 s1 0.25 0.43 0.61 0.010 0.017 0.024
54vcxh162373 package mechanical data doc id 10653 rev 7 15/18 figure 9. package dimension note: the upper metallic lid is not electrically connected to any pins, nor to the ic die inside the package. connecting unused pins or metal lid to ground or to the power supply will not affect the electrical characteristics. 7330585b
order codes 54vcxh162373 16/18 doc id 10653 rev 7 8 order codes table 13. ordering information package min op. voltage lead finish radiation level flight models engineering model packing qml-v 48-pin flat 1.8 v gold plated 300 krad rhfxh162373k03v rhrxh162373k1 conductive strip pack
54vcxh162373 revision history doc id 10653 rev 7 17/18 9 revision history table 14. document revision history date revision changes 09-jul-2004 1 first release 17-may-2005 2 smd qualified 19-jun-2006 3 300 krad bullet updated, new template, mechanical data updated 30-jul-2007 4 typo in table 12 on page 14 . 17-sep-2008 5 updated cover page 23-sep-2009 6 updated table 13 on page 16 02-aug-2011 7 added note: on page 15 and in the "pin connections" diagram on the coverpage
54vcxh162373 18/18 doc id 10653 rev 7 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of 54VCXH16237311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X