Part Number Hot Search : 
EM871 A1SY80 MAP3301B OY47GK 25402 IRISMPS1 B431LAZ G2406
Product Description
Full Text Search
 

To Download 4B04B-523-RC11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. 4b04b-523-rc - line protection module matched pair of resistors electrical characteristics resistance values (r1 = r2) .................................15 ohms- 60 ohms resistance tolerance >34 ? ........................................................................................? % <34 ? ........................................................................................? % tcr ..................................................................................100 ppm/? ratio tolerance >34 ? .....................................................................................?.5 % <34 ? ........................................................................................? % temperature range...................................................-40 ? to +85 ? physical characteristics body style ................................................................open frame sip substrate material ........................................................96 % alumina lead frame material........................................copper, solder coated flammability .....................................................conforms to ul94v-0 functional characteristics (per bellcore gr-1089) first level lightning sur ge - resistors will remain within tolerance after testing. 1000 volts peak, 100 amp peak current, max. rise/min. decay time 10x1000 ?, number of pulses ..............................25 each resistor each polarity 25 simultaneous each polarity 2500 volts peak, 500 amp peak current, max. rise/min. decay time 2x10 ?, number of pulses .............................10 simultaneous each polarity first level ac power fault - resistors will remain within tolerance after testing. 50 vrms, .33 amp short circuit current, duration...........................................................................15 minutes 100 vrms, .17 amp short circuit current, duration...........................................................................15 minutes 600 vrms, 1.0 amp short circuit current, duration ........................................................60 one-second pulses second level lightning sur ge - resistor package must fail safely causing no fire, electrical, or framentation hazard. 5000 volts peak, 500 amp peak current, max. rise/min. decay time 2x10 ?, number of pulses ...............................1 simultaneous each polarity second level ac power fault - resistor package must fail safely causing no fire, electrical, or framentation hazard. features rohs compliant* versions available matched pair of resistors power line fault/lightning protection to bellcore gr-1089 typical application is secondary protection on telecom line cards bourns tisp products are recommended for the overvoltage section of the protection circuit 1 4 11 14 8.89 (.350) 7.62 (.300) 17.78 (.700) 51.05 (2.010) max. 1.52 (.060) max. 0.36 (.014) max. 12.19 (.480) 3.43 .381 (.135 .015) 1 r1 4 11 r2 14 how to order 4b 04 b - 523 - rc lf model (4b = open frame) number of pins physical configuration electrical configuration ?523 = matched pair of resistors resistance code ?first 2 digits are significant ?third digit represents the number of zeros to follow rohs compliant option blank = standard product lf =rohs compliant product product dimensions electrical schematic break open time dimensions: mm (inches) rev. 06/11 standard resistance values resistance resistance (ohms) code 20 200 40 400 50 500 *rohs compliant versions available


▲Up To Search▲   

 
Price & Availability of 4B04B-523-RC11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X