Part Number Hot Search : 
092316 0708593 HP300 MOC30 16220 62012 M3776 HD74H
Product Description
Full Text Search
 

To Download 2SK2415 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type ic 1 mosfet smd type 2.3 0.60 +0.1 -0.1 6.50 +0.15 -0.15 1.50 +0.15 -0.15 0.80 +0.1 -0.1 4.60 +0.15 -0.15 0.50 +0.15 -0.15 9.70 +0.2 -0.2 5.30 +0.2 -0.2 2.30 +0.1 -0.1 0.50 +0.8 -0.7 5.55 +0.15 -0.15 2.65 +0.25 -0.1 1.50 +0.28 -0.1 0.127 max 3 .8 0 to-252 unit: mm 1gate 2drain 3source 2SK2415 features low on-resistance r ds(on)1 =0.10 max. (@ v gs =10v,i d =4.0a) r ds(on)2 =0.15 max. (@ v gs =4v,i d =4.0a) low ciss c iss = 570 pf typ. absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v i d 8.0 a i dp * 32 a power dissipation p d 20 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10 s,duty cycle 1% drain current electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =60v,v gs =0 10 a gate leakage current i gss v gs = 20v,v ds =0 10 a gate to source cutoff voltage v gs(off) v ds =10v,i d =1ma 1.0 1.6 2.0 v forward transfer admittance y fs v ds =10v,i d =4a 5.0 8.4 s v gs =10v,i d =4a 0.07 0.10 v gs =4v,i d =4a 0.10 0.15 input capacitance c iss 570 pf output capacitance c oss 290 pf reverse transfer capacitance c rss 75 pf turn-on delay time t on 5ns rise time t r 60 ns turn-off delay time t off 75 ns fall time tf 40 ns v ds =10v,v gs =0,f=1mhz drain to source on-state resistance r ds(on) i d =4a,v gs(on) =10v,r g =10 ,v dd =30v product specification 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of 2SK2415

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X