Part Number Hot Search : 
C3502 BPC25 PMH25GY BYG20D SPB21N10 C7SZ1 A143E SURCK
Product Description
Full Text Search
 

To Download 2SD1802S-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  92513 tkim/82912 tkim/42512ea tkim/13004tn (kt)/92098ha (kt)/8259mo/4137ki/4116ki, ts no.2113-1/7 http://onsemi.com semiconductor components industries, llc, 2013 september, 2013 2sb1202/2sd1802 bipolar transistor (?) 50v, (?) 3a, low v ce (sat) (pnp)npn single tp/tp-fa tl b1202 d1802 lot no. rank lot no. rank 2,4 3 1 (for pnp, the polarity is reversed.) applicaitons ? voltage regulators, relay drivers, lamp drivers, electrical equipment features ? adoption of fbet and mbit processes ? large current capacitance and wide aso ? low collector to emitter saturation voltage ? fast switching speed ? small and slim package making it easy to make 2sb1202/2sd1802-used sets smaller speci cations ( ): 2sb1202 absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector to base voltage v cbo (--)60 v collector to emitter voltage v ceo (--)50 v emitter to base voltage v ebo (--)6 v collector current i c (--)3 a collector current (pulse) i cp (--)6 a continued on next page. package dimensions unit : mm (typ) package dimensions unit : mm (typ) 7518-003 7003-003 ordering number : en2113e stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : base 2 : collecto r 3 : emitter 4 : collecto r tp-fa 2sb1202s-e 2sb1202t-e 2SD1802S-E 2sd1802t-e 2sb1202s-tl-e 2sb1202t-tl-e 2sd1802s-tl-e 2sd1802t-tl-e product & package information ? package : tp ? package : tp-fa ? jeita, jedec : s c-64, to-251, sot-553, dpak ? jeita, jedec : s c-63, to-252, sot-428, dpak ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking(tp, tp-fa) packing type (tp-fa) : tl electrical connection
2sb1202/2sd1802 no.2113-2/7 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 1w tc=25 c15w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =(--)40v, i e =0a (--)1 a emitter cutoff current i ebo v eb =(--)4v, i c =0a (--)1 a dc current gain h fe 1v ce =(--)2v, i c =(--)100ma 100* 560* h fe 2v ce =(--)2v, i c =(--)3a 35 gain-bandwidth product f t v ce =(--)10v, i c =(--)50ma 150 mhz output capacitance cob v cb =(--)10v, f=1mhz (39)25 pf collector to emitter saturation voltage v ce (sat) i c =(--)2a, i b =(--)100ma (--0.35)0.19 (--0.7)0.5 mv base to emitter saturation voltage v be (sat) v ce =(--)2v, i c =(--)100ma (--)0.94 (--)1.2 v collector to base breakdown voltage v (br)cbo i c =(--)10 a, i e =0a (--)60 v collector to emitter breakdown voltage v (br)ceo i c =(--)1ma, r be = (--)50 v emitter to base breakdown voltage v (br)ebo i e =(--)10 a, i c =0a (--)6 v turn-on time t on see speci ed test circuit. 70 ns storage time t stg (450)650 ns fall time t f 35 ns * : the 2sb1202/2sd1802 are classi ed by 100ma hfe as follows : rank r s t u h fe 100 to 200 140 to 280 200 to 400 280 to 560 switching time test circuit ordering information device package shipping memo 2sb1202s-e tp 500pcs./bag pb free 2sb1202t-e tp 500pcs./bag 2SD1802S-E tp 500pcs./bag 2sd1802t-e tp 500pcs./bag 2sb1202s-tl-e tp-fa 700pcs./reel 2sb1202t-tl-e tp-fa 700pcs./reel 2sd1802s-tl-e tp-fa 700pcs./reel 2sd1802t-tl-e tp-fa 700pcs./reel v r r b v cc =25v v be = --5v + + 50 input r l 25 output 100 f 470 f pw=20 s i b1 d.c. 1% i b2 i c =10i b1 = --10i b2 =1a for pnp, the polarity is reversed.
2sb1202/2sd1802 no.2113-3/7 -- 5 -- 4 -- 3 -- 2 -- 1 2sb1202 2sd1802 i b =0 10ma 20ma 100ma 80ma 60ma 40ma 5ma itr09163 0 0 --2.0 --1.6 --0.4 --0.8 --1.2 --200ma --100ma --10ma --50ma --20ma - -5ma i b =0 itr09162 5 4 3 2 1 0 0 0.8 2.0 0.4 1.2 1.6 ta=75 c --25 c 25 c ta=75 c --25 c 25 c itr09168 100 1000 5 7 3 2 5 7 100 1000 5 7 5 7 3 2 0.01 0.1 1.0 --1.0 --0.1 3 25 573 257 3 25 7 3 25 3 25 7 3 25 57 7 --0.01 itr09169 2sb1202 v ce = --2v 2sd1802 v ce =2v 2sb1202 v ce = --2v ta=75 c --25 c 25 c ta=75 c --25 c 25 c --3.6 --3.2 --2.8 --2.0 --2.4 --1.2 --0.8 --1.6 --0.4 0 3.6 3.2 2.8 0.4 1.2 0.8 2.4 2.0 1.6 0 0 --0.2 --0.4 --0.6 --0.8 --1.2 --1.0 itr09166 2sd1802 v ce =2v 0 0.2 0.4 0.6 0.8 1.2 1.0 itr09167 --2.0 --1.6 --1.2 --0.8 --0.4 2sb1202 2sd1802 i b =0 8ma 7ma 2ma 1ma 4ma 3ma 6ma 5ma itr09165 0 0 --20 --16 --4 --8 --12 --10ma --12ma --14ma --2ma --6ma --8ma --4ma i b =0 itr09164 2.0 1.6 1.2 0.8 0.4 0 08 20 41216 i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector to emitter voltage, v ce -- v collector current, i c -- a i c -- v be base to emitter voltage, v be -- v collector current, i c -- a i c -- v be base to emitter voltage, v be -- v collector current, i c -- a h fe -- i c collector current, i c -- a dc current gain, h fe h fe -- i c collector current, i c -- a dc current gain, h fe
2sb1202/2sd1802 no.2113-4/7 --0.1 --1.0 3 257 3 257 3 2 --0.01 2sb1202 v ce = --10v 100 3 2 7 5 1000 3 2 7 5 10 itr09170 0.1 1.0 3 257 3 257 3 2 0.01 2sd1802 v ce =10v 100 3 2 7 5 1000 3 2 7 5 10 itr09171 --1.0 --10 5 7 3 5 7 3 2 1.0 10 7 5 3 7 5 3 2 2sd1667 itr09176 itr09177 ta= --25 c 25 c 2sb1202 i c / i b =20 2sd1802 i c / i b =20 75 c ta= --25 c 75 c ta= --25 c 75 c ta= --25 c 25 c 75 c --0.1 --0.01 23 5 572357235 7 --1.0 --1000 5 3 2 7 5 3 2 7 --100 --10 itr09174 itr09175 0.01 0.1 7235 572357235 1.0 --0.1 --0.01 23 5 572357235 7 --1.0 0.01 0.1 7235 572357235 1.0 1000 5 3 7 2 5 3 7 2 100 10 25 c 2sb1202 i c / i b =20 2sd1802 i c / i b =20 25 c 37 2 1.0 10 537 2 100 5 itr09173 2sd1802 f=1mhz 3 2 7 5 3 2 5 100 10 3 2 7 5 3 2 5 100 10 37 2 --1.0 --10 537 2 --100 5 itr09172 2sb1202 f=1mhz v ce (sat) -- i c collector current, i c -- a v ce (sat) -- i c collector current, i c -- a collector to emitter saturation voltage, v ce (sat) -- mv collector to emitter saturation voltage, v ce (sat) -- mv f t -- i c gain-bandwidth product, f t -- mhz collector current, i c -- a f t -- i c gain-bandwidth product, f t -- mhz collector current, i c -- a cob -- v cb output capacitance, cob -- pf collector to base voltage, v cb -- v cob -- v cb output capacitance, cob -- pf collector to base voltage, v cb -- v v be (sat) -- i c collector current, i c -- a base to emitter saturation voltage, v be (sat) -- v v be (sat) -- i c base to emitter saturation voltage, v be (sat) -- v collector current, i c -- a
2sb1202/2sd1802 no.2113-5/7 0 16 12 14 15 10 8 6 4 2 1 20 060 40 80 100 140 120 160 itr09179 2sb1202 / 2sd1802 10ms 1.0 5 2 3 10 5 2 3 5 2 3 0.1 0.01 10 1.0 25 3 37 100 25 37 57 dc operation ta=25 c dc operation tc=25 c i cp =6a 1ms i c =3a itr09178 2sb1202 / 2sd1802 100ms a s o collector current, i c -- a collector to emitter voltage, v ce -- v tc=25 c single pulse for pnp, the minus sign is omitted. collector dissipation, p c -- w ambient temperature, ta -- c p c -- ta no heat sink ideal heat dissipation
2sb1202/2sd1802 no.2113-6/7 outline drawing land pattern example 2sb1202s-tl-e, 2sb1202t-tl-e, 2sd1802s-tl-e, 2sd1802t-tl-e mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
2sb1202/2sd1802 ps no.2113-7/7 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner. outline drawing 2sb1202s-e, 2sb1202t-e, 2SD1802S-E, 2sd1802t-e mass (g) unit 0.315 * for reference mm


▲Up To Search▲   

 
Price & Availability of 2SD1802S-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X