Part Number Hot Search : 
70220 HC0901A B500R Z33D5 SSH20N45 2SJ304 CXP88452 TT175N
Product Description
Full Text Search
 

To Download 2SC1815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 sc1815 npn epitaxial planar transistor description t h e 2 s c 1 8 15 i s des i g n e d f or use i n d r i v er sta g e o f af a m p l i f i er general purpose amplification. absolute maximum ratings ? maximum temperatures storage temperature ............................................................................................... -55~+150 c junction temperature ..................................................................................... +150 c maximum ? maximum power dissipation total power dissipation (ta=25 c) ................................................................................ 400 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 50 v vceo collector to emitter voltage ...................................................................................... 50 v vebo emitter to base voltage .............................................................................................. 5 v ic collector current ........................................................................................................ 150 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 50 - - v ic=100ua, ie=0 bvceo 50 - - v ic=1ma, ib=0 bvebo 5 - - v ie=10ua, ic=0 icbo - - 100 na vcb=60v, ie=0 iebo - - 100 na veb=5v, ic=0 vce(sat) - - 250 mv ic=100ma, ib=10ma vbe(sat) - - 1 v ic=100ma, ib=10ma hfe1 120 - 700 vce=6v, ic=2ma hfe2 25 - - vce=6v, ic=150ma ft 80 - - mhz vce=10v, ic=1ma, f=100mhz cob - - 3.5 pf vcb=10v, f=1mhz, ie=0 classification of hfe1 rank y gr bl range 120-240 200-400 350-700 tiger electronic co.,ltd tiger electronic co.,ltd free datasheet http:///
characteristics curve current gain & collector current 1 10 100 1000 0.01 0.1 1 10 100 1000 collector current (ma) hfe v ce =6v saturation voltage & collector current 0.01 0.1 1 0.01 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 0.1 1 10 100 reverse-biased voltage (v) capacitance (pf) cob cutoff frequency & collector current 1 10 100 1000 1 10 100 collector current (ma) cutoff frequency (mhz) v ce =10v safe operating area 1 10 100 1000 10000 1 10 100 forward voltage-v ce (v) collector current-i c (ma) p t =1ms p t =100ms p t =1s tiger electronic co.,ltd tiger electronic co.,ltd free datasheet http:///
to-92 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e- * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 31 a d b c i 1 e f 2 3 g h 2 3-lead to-92 plastic package tgs package code : a tiger electronic co.,ltd tiger electronic co.,ltd free datasheet http:///


▲Up To Search▲   

 
Price & Availability of 2SC1815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X