Part Number Hot Search : 
GCM155R7 06410 74F194CW PCA82 67YR2K CP107 20392 2SB12
Product Description
Full Text Search
 

To Download 242PC30M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interactive catalog replaces catalog pages sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 honeywell sensing and control has replaced the pdf product catalog with the new interactive catalog . the interactive catalog is a power search tool that makes it easier to find product information. it includes more installation, application, and technical information than ever before. click this icon to try the new interactive catalog.
pressure sensors 240pc series high pressure gage, vacuum gage/amplified honeywell 1 sensing and control11-800-537-6945 usa1f1-815-235-6847 international11-800-737-3360 canada 51 features 1 internal o-ring seals for contamination resistance 1 screw-in or flat-pack mounting 1 rugged aluminum housing 240pc series performance characteristics at 8.0 0.01 vdc excitation, 25 c min. typ. max. units excitation 7.00 8.00 16.0 vdc supply current --- 8.00 20.0 ma current sourcing output --- --- 10 ma null offset (241/242pc) * 0.95 1.00 1.05 v null offset (243pc) * * 3.45 3.50 3.55 v output at full pressure * * 5.80 6.00 6.20 v span (241/242pc) 4.80 5.00 5.20 v span (243pc) --- 2.5 --- v ratiometricity error 7 to 8 v or 8 to 9 v --- 0.50 --- % span 9 to 12 v --- 2.00 --- stability over one year --- 0.50 --- % span response time --- --- 1.00 msec weight --- 85 --- grams short circuit protection output may be shorted indefinitely to ground output ripple none, dc device ground reference supply and output are common * positive (or negative) pressure measurement * * positive and negative pressure measurement environmental specifications operating temperature - 40 to + 85 c ( - 40 to + 185 f) storage temperature - 40 to + 85 c ( - 40 to + 185 f) compensated temperature - 18 to + 63 c (0 to + 145 f) shock mil-std-202, method 213 (50 g, half sine, 6 msec) vibration mil-std-202, method 204 (10 to 2000 hz at 10 g) media p2 port wetted materials; die-cast aluminum housing, o-ring seal, silicon, borosilicate glass, and silicon- to-glass bond* * liquid media containing some highly ionic solutions could potentially neutralize the chip-to-glass tube bond. amplified
pressure sensors 240pc series high pressure gage, vacuum gage/amplified 52 honeywell 1 sensing and control11-800-537-6945 usa1f1-815-235-6847 international11-800-737-3360 canada 241/242pc series order guide, gage and vacuum gage, buna-n o-ring port seal null & sensitivity shift (% span) catalog listing pressure range psi 25 to - 18 t 25 to + 63 t c max. 25 to - 40 t 25 to 85 t c typ. sensitivity v/psi overpressure psi max. linearity, % span b.f.s.l., max. repeatability & hysteresis % span typ. 241pc15m* 0- - 15 1.0 2.0 0.330 45 1.50 0.25 242pc15m* 0-15 1.0 2.0 0.330 45 1.50 0.25 242PC30M* 0-30 1.0 2.0 0.167 60 1.50 0.25 242pc60g 0-60 1.5 2.0 0.083 120 0.50 0.25 242pc100g 0-100 1.0 2.0 0.050 200 0.50 0.25 242pc150g 0-150 1.5 3.0 0.033 300 0.50 0.25 242pc250g 0-250 1.0 2.0 0.020 500 0.50 0.25 242pc series order guide, gage, ethylene propylene o-ring seal null & sensitivity shift (% span) catalog listing pressure range psi 25 to - 18 t 25 to + 63 t c max. 25 to - 40 t 25 to 85 t c typ. sensitivity v/psi overpressure psi max. linearity, % span b.f.s.l., max. repeatability & hysteresis % span typ. 242pc60gs 0-60 1.5 2.0 0.083 120 0.50 0.25 242pc100gs 0-100 1.0 2.0 0.050 200 0.50 0.25 242pc150gs 0-150 1.5 3.0 0.033 300 0.50 0.25 242pc250gs 0-250 1.0 2.0 0.020 500 0.50 0.25 243pc series order guide, vacuum gage, buna-n port seal null & sensitivity shift (% span) linearity, bfsl catalog listing pressure range psi 25 to - 18 t 25 to + 63 t c max. 25 to - 40 t 25 to 85 t c typ. sensitivity v/psi overpressure psi max. p2 > p1 max. p2 < p1 max. repeatability & hysteresis % span typ. 243pc15m* 15 1 2.0 0.167 50 1.50 0.75 0.25 * adhesive between thermoplastic and aluminum instead of o-ring seal. port seal o-ring material resistant to: buna-n (general use) petroleum products, freon 12 and others ethylene propylene phosphate esters and others
pressure sensors 240pc series high pressure gage, vacuum gage/amplified honeywell 1 sensing and control11-800-537-6945 usa1f1-815-235-6847 international11-800-737-3360 canada 53 scaling of 240pc series with 8v excitation ratiometricity ratiometricity refers to the output voltage being directly proportional to supply volt- age. 240pc sensors in this catalog are calibrated at 8 vdc supply voltage to pro- vide a 1-6 volt (5 v span) output swing. for example, if supply increases by 50% to 12 vdc, the output voltage increased by 50% to 1.5-9 volts (7.5 v span). note the output is not perfectly ratiometric. see accuracy specifications for the de- gree of error. 242pc15m gage v o j 1 v at 0 psig & 6 v at 15 psig 241pc15m vacuum gage v o j 1 v at 0 psig & 6 v at - 15 psig 243pc15m gage v o j 1 v at - 15 psig & 6 v at 15 psig note: 241pc sensors are scaled for greater pressure on the p1 side of the chip. 242pc sensors are scaled for greater pressure on the p2 side of the chip. other scalings available upon request. amplified
pressure sensors 240pc series high pressure gage, vacuum gage/amplified 54 honeywell 1 sensing and control11-800-537-6945 usa1f1-815-235-6847 international11-800-737-3360 canada null and sensitivity temperature shift amplified pressure sensors are 100% tested to ensure that the maximum null and sensitivity temperature shift does not exceed the specification. the diagram il- lustrates how null and sensitivity shift re- lates to temperature. note that the maxi- mum shift occurs at temperature ex- tremes. therefore, if a sensor is not ex- posed to the entire temperature range, the maximum null and sensitivity shift will actually be less than the value specified. this diagram indicates the temperature shift pertaining to a few listings. maximum null and sensitivity shift varies from listing to listing. electrical connections voltage excitation notes 1. terminals are labeled on the sensor. 2. input and output share a common ground. 3. r l must be greater than or equal to 3000 ohms. internal circuitry null and sensitivity shift (% span) mounting dimensions (for reference only) leadwires 1 - red, vs 2 - black, ground ( - ) 3 - green, output


▲Up To Search▲   

 
Price & Availability of 242PC30M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X