Part Number Hot Search : 
CEB540L SF10A6 CD262QM IMP2527 BR20H1 C5006 CEB540L STM69
Product Description
Full Text Search
 

To Download 124-330-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  124 series ? ?3.0mm led ? extra firm fixed lead frame allowing easy population of circuit board ? material conforms to ul94 v-o flammability ratings ? reverse polarity options available ? custom built multi-colour permutations available ? typically available ex stock ? pack quantity = 20 pieces part number colour voltage vac/dc current dc (ma) luminous intensity (mcd) wave length (nm) operating temp. (c) storage temp. (c) de-rating graphs 124-305-04 red 2.0 vdc 20 20 627 -40 - +85 -40 - +85 a 124-330-04 red/green 2.0/2.2 vdc 20 20/20 627/565 -40 - +85 -40 - +85 e ^ = voltage for 20ma product is vf at 20ma, not vopr - products must be de-rated according to the de-rating information. each de-rating graph refers to specific leds. please refer to graphs on page 3. - luminous intensity is measured at 20ma on a discrete led unless otherwise stated. to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 124 - version 2013-09-24-173144 page 1 of 4 pcb led indicators features specifications to order ordering information and typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale housing material polycarbonate this material offers ul94 v-o flame retardancy* and a high impact strength. this material has a melting point of 290-340 c and is suitable for use in the majority of automatic soldering processes *material test thickness of 1.6mm bs en iso 9001:2008 approved manufacturer 5.1 40.65 10.2 5.1 3.75 2.54 anode 3.7 10 2.5 2.54 0.5 sq 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph e 10 20 30 40 50 6 r g to order also available the products listed above illustrate all of the options available to order. these products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. please contact sales for further information. bs en iso 9001:2008 approved manufacturer led polarity anode identification is shown in the dimensional diagram. the long lead of a non cropped unit can also be used to help identify the anode. for the 2 pin bi-colour units the standard colour configuration is red anode to the + sign. reverse polarity this is offered on all pcb units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity connections. multiple units can also be supplied in reverse polarity but not with mixed polarities. the 2 pin and 3 pin bi-colours can be supplied in reverse colour configuration. lead cropping should lead cropping be required, marl offer two standard lengths, either by request or by adding one of t he following codes to the end of the part number:- -24 = 3mm. -26 = 5mm (e.g 101-205-02-26) other non standard lead lengths are available on request. bi-colour 2 pin operation. to achieve the second colour for a 2 pin bi-colour unit, the supply must be reversed , standard colour configuration for these units is red anode to the + sign. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling products. the range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. when an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have changed this. marl has an approved system of esd control from goods in, through production and into final packing and despatch. marl recommend all users of led based products follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dependant upon the ambient temperature of the environment in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, depending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is termed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with temperature, marl should be contacted if the device is to be operated at a temperature significantly higher than 25c. marl accept no liability for any product that is operated higher than the stated voltage. to order design considerations bs en iso 9001:2008 approved manufacturer
124 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 124 - version 2013-09-24-173144 page 2 of 4 pcb led indicators features specifications to order ordering information and typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale housing material polycarbonate this material offers ul94 v-o flame retardancy* and a high impact strength. this material has a melting point of 290-340 c and is suitable for use in the majority of automatic soldering processes *material test thickness of 1.6mm bs en iso 9001:2008 approved manufacturer 5.1 40.65 10.2 5.1 3.75 2.54 anode 3.7 10 2.5 2.54 0.5 sq 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph e 10 20 30 40 50 6 r g to order also available the products listed above illustrate all of the options available to order. these products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. please contact sales for further information. bs en iso 9001:2008 approved manufacturer led polarity anode identification is shown in the dimensional diagram. the long lead of a non cropped unit can also be used to help identify the anode. for the 2 pin bi-colour units the standard colour configuration is red anode to the + sign. reverse polarity this is offered on all pcb units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity connections. multiple units can also be supplied in reverse polarity but not with mixed polarities. the 2 pin and 3 pin bi-colours can be supplied in reverse colour configuration. lead cropping should lead cropping be required, marl offer two standard lengths, either by request or by adding one of t he following codes to the end of the part number:- -24 = 3mm. -26 = 5mm (e.g 101-205-02-26) other non standard lead lengths are available on request. bi-colour 2 pin operation. to achieve the second colour for a 2 pin bi-colour unit, the supply must be reversed , standard colour configuration for these units is red anode to the + sign. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling products. the range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. when an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have changed this. marl has an approved system of esd control from goods in, through production and into final packing and despatch. marl recommend all users of led based products follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dependant upon the ambient temperature of the environment in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, depending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is termed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with temperature, marl should be contacted if the device is to be operated at a temperature significantly higher than 25c. marl accept no liability for any product that is operated higher than the stated voltage. to order design considerations bs en iso 9001:2008 approved manufacturer
124 series part numbers also available in the 124 series: part number colour voltage vopr 124-000-04-52 8 red/8 green 20 ma dc 124-305-01 red 2 ma dc 124-311-01 yellow 2 ma dc 124-332-04 green/yellow 20 ma dc to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 124 - version 2013-09-24-173144 page 3 of 4 pcb led indicators features specifications to order ordering information and typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale housing material polycarbonate this material offers ul94 v-o flame retardancy* and a high impact strength. this material has a melting point of 290-340 c and is suitable for use in the majority of automatic soldering processes *material test thickness of 1.6mm bs en iso 9001:2008 approved manufacturer 5.1 40.65 10.2 5.1 3.75 2.54 anode 3.7 10 2.5 2.54 0.5 sq 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph e 10 20 30 40 50 6 r g to order also available the products listed above illustrate all of the options available to order. these products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. please contact sales for further information. bs en iso 9001:2008 approved manufacturer led polarity anode identification is shown in the dimensional diagram. the long lead of a non cropped unit can also be used to help identify the anode. for the 2 pin bi-colour units the standard colour configuration is red anode to the + sign. reverse polarity this is offered on all pcb units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity connections. multiple units can also be supplied in reverse polarity but not with mixed polarities. the 2 pin and 3 pin bi-colours can be supplied in reverse colour configuration. lead cropping should lead cropping be required, marl offer two standard lengths, either by request or by adding one of t he following codes to the end of the part number:- -24 = 3mm. -26 = 5mm (e.g 101-205-02-26) other non standard lead lengths are available on request. bi-colour 2 pin operation. to achieve the second colour for a 2 pin bi-colour unit, the supply must be reversed , standard colour configuration for these units is red anode to the + sign. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling products. the range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. when an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have changed this. marl has an approved system of esd control from goods in, through production and into final packing and despatch. marl recommend all users of led based products follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dependant upon the ambient temperature of the environment in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, depending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is termed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with temperature, marl should be contacted if the device is to be operated at a temperature significantly higher than 25c. marl accept no liability for any product that is operated higher than the stated voltage. to order design considerations bs en iso 9001:2008 approved manufacturer
124 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 124 - version 2013-09-24-173144 page 4 of 4 pcb led indicators features specifications to order ordering information and typical characteristics (ta = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale housing material polycarbonate this material offers ul94 v-o flame retardancy* and a high impact strength. this material has a melting point of 290-340 c and is suitable for use in the majority of automatic soldering processes *material test thickness of 1.6mm bs en iso 9001:2008 approved manufacturer 5.1 40.65 10.2 5.1 3.75 2.54 anode 3.7 10 2.5 2.54 0.5 sq 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph e 10 20 30 40 50 6 r g to order also available the products listed above illustrate all of the options available to order. these products may have custom modifications that alter their operation beyond the generic information contained within this datasheet. please contact sales for further information. bs en iso 9001:2008 approved manufacturer led polarity anode identification is shown in the dimensional diagram. the long lead of a non cropped unit can also be used to help identify the anode. for the 2 pin bi-colour units the standard colour configuration is red anode to the + sign. reverse polarity this is offered on all pcb units, with the exception of the 125 series, if requested to help overcome the problem of systems with reverse polarity connections. multiple units can also be supplied in reverse polarity but not with mixed polarities. the 2 pin and 3 pin bi-colours can be supplied in reverse colour configuration. lead cropping should lead cropping be required, marl offer two standard lengths, either by request or by adding one of t he following codes to the end of the part number:- -24 = 3mm. -26 = 5mm (e.g 101-205-02-26) other non standard lead lengths are available on request. bi-colour 2 pin operation. to achieve the second colour for a 2 pin bi-colour unit, the supply must be reversed , standard colour configuration for these units is red anode to the + sign. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling products. the range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. when an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have changed this. marl has an approved system of esd control from goods in, through production and into final packing and despatch. marl recommend all users of led based products follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dependant upon the ambient temperature of the environment in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, depending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is termed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with temperature, marl should be contacted if the device is to be operated at a temperature significantly higher than 25c. marl accept no liability for any product that is operated higher than the stated voltage. to order design considerations bs en iso 9001:2008 approved manufacturer


▲Up To Search▲   

 
Price & Availability of 124-330-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X