all specification & dimensions are subject to change, please cal l your nearest foxconn sales re presentative for update informat ion. specifications sim card conn. wl series sim card, smt type 2.90mm [.114?] height 6 pos. mechanical normal force: 0.3n min durability: 5000 cycles electrical voltage rating: 15 v max current rating: 0.5 a max contact resistance: 100 m ? max at 10ma. dielectric withstanding voltage: 540v ac/1 min. insulation resistance: 1000 m ? min (initial), 100 m ? min (final), physical insert molding: thermoplastic ul 94v-0, color black contact: copper alloy hook: stainless steel plating: see ?ordering information? operating temperature: -30 to +85 drawing ordering in fo r matio n 1= gold flash a= 10u" pd/ni +gold plating 2= 20u" gold plating b= 20u" pd/ni +gold plating 3= 30u" gold plating c= 30u" pd/ni +gold plating 6= 10u" gold plating d= 40u" pd/ni +gold plating 7= 15u" gold plating l= 25u" pd/ni +gold plating 05= 2.5mm 06=2.6mm 07=0.7mm 08=2.8mm 10=1.0mm 11=1.1mm 90=9.0mm body height 6= 6 pin 8= 8 pin no. contact sim card conn. modification code contact area plating thickness package and solder tail type t = tray tr= tape & reel 1f= tray (lead free) 7f= tape & reel (lead free) a= upper cover b= slider in type c= hinge type d= metal hook or cover type e= metal cover with push-push f= pogo pin type g= metal cover with inject&door h= compression type upper cover type ~ code no.: 2 or 3 code(a~z or 0~9) product no.: wl 6 29 d 3- y01 - 7f
|