Part Number Hot Search : 
FFSNC1 RE024 44H11 SI2147 TOP246P APTGT 1N4734 DZ13B
Product Description
Full Text Search
 

To Download UVTOP310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 uvtop 310 description uvtop 310 is a series of algan based deep uv - leds with a typical peak wavelength of 3 15 nm and optical output power of 3 6 0 -6 0 0 w . it comes in hermetically sealed to39 or to18 metal can package with ball lens, hemispherical lens, or flat glass window configuration. uvtop 310 is widely used for uv - curing, phototherapy, optical sensing and imaging applications. maximum ratings (t case = 25c ) parameter symbol values unit min. max. power dissipation, dc p d 1 8 0 mw forward current, dc i f 30 ma pulsed current (1% duty cycle, 1khz) i fp 200 ma reverse voltage u r - 6 v operating temperature t opr - 30 +55 c storage temperature t stg - 30 + 100 c soldering temperature (max. 5s) t sol +190 c general ch aracteristics (t case = 25c, i f = 20ma ) parameter symbol values unit min. * typ. * max. * peak wavelength p 310 315 320 nm half width (fwhm) ? 1 0 20 nm forward voltage u f 5. 5 7. 5 v *wavelength measurement tolerance: 2 nm , forward voltage measurement tolerance : 2 % electro - optical characteristics (t case = 25c, i f = 20ma ) part number package window optical power p out (w) view. angle 2? 1/2 () min. * typ. * typ. uvtop 310 - fw - to39 to -39 flat window 3 6 0 6 00 120 uvtop31 0 - tfw - to39 flat window 1 80 3 00 120 uvtop31 0 - tfwr - to39 flat window 240 400 120 uvtop31 0 - hl - to39 hemisph. lens 240 400 7 uvtop31 0 - bl - to39 ball lens 240 600 7 uvtop31 0 - fw - to18 to -18 flat window 300 500 120 uvtop31 0 - bl - to18 ball lens 300 500 10 * output power measurement tolerance: 10 % open can version ( to18 or to39, no cap, no window) available on request v 2 .0 24 .06 .2013
www.roithner - laser.com 2 performance characteristic s normalized output power vs. wavelength peak wavelength vs. forward c urrent forward voltage vs. forward current output power vs. forward current normalized output power vs. temperature normalized forward voltage vs. temperature
www.roithner - laser.com 3 outline dimensions to - 39 flat window all dimensions in mm to - 39 hemispherical lens all dimensions in mm to - 39 ball lens all dimensions in mm
www.roithner - laser.com 4 outline dimensions to - 39 tall flat window & tall flat window w. r eflector all dimensions in mm to - 18 flat window all dimensions in mm to - 18 ball lens all dimensions in mm
www.roithner - laser.com 5 device materials part material header fe - ni a lloy, plated ni - au leads fe - ni alloy, plated ni - au lens sio 2 bonding wires au emission ch aracteristics flat window hemispherical lens ball lens
www.roithner - laser.com 6 precautions soldering: ? do avoid o verheating of the led ? do avoid e lectrostatic discharge (esd) ? do avoid m echanical stress , shock, and vibration ? do only use non - corrosive flux. ? do only solder the leads. soldering of header or cap will damage the led ? do only cut the leads at room temperature with an esd protected tool ? do not solder closer than 3 mm from base of the header ? do form leads prior to soldering ? do not impose mechanical stress on the header when forming the leads ? do not apply current to the led until it has cooled down to room temperature after soldering recommended soldering conditions: dip s oldering hand s oldering pre - heat t ime max 30 s soldering t ime max 5 s dipping t ime m ax 5 s solder bath t emperature max 190 c solder t emperature max 190 c above table specifies the maximum allowed duration and temperature during soldering. it is strongly advised to perform soldering at the shortest time and lowest temperature possible . cleaning : cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended do not use acetone, chloroseen, trichloroethylene, or mks do not use ultrasonic cleaners static electricity: uvtop are sensitive to electrostatic discharge (esd) . precautions against esd must be taken when handling or operating these leds. surge voltage or electrostatic discharge can result in complete failure of the device. uv - radiation: during operation these leds do emit high intensity ultraviolet light , which is hazardous to skin and eyes , and may cause cancer. do avoid exposure to the emitted uv light. protective glasses are recommended . it is further advised to attach a warning label on products/systems that do utilize uv - leds: operation : do only operate uvtop leds with a current source. running these leds from a voltage source will result in complete failure of the device. current of a led is an exponential function of the vol t a ge across it. usage of current regulated drive circuits is mandatory ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice class 1


▲Up To Search▲   

 
Price & Availability of UVTOP310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X