Part Number Hot Search : 
C245M Y34NB50F CM431290 DA470M 1N6154 F9602 1N5524 SDA5255
Product Description
Full Text Search
 

To Download TPZ-1301M4GHDD320G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  intel ? atom? d2550/ n2600 intelligent health care platform with rich i/o tpz-1300 series introduction the topaz tpz-1300 is the first in adlinks new family of intelligent health care platforms. based on the intel? atom? d2550/n2600 processor, the tpz-1300 provides excellent computing performance and outstanding power conservation. a fanless and cable-free structure ensures extended durability for long-term usage, providing a noiseless solution satisfying stringent medical application requirements. the tpz-1300 significantly benefits system integrators with an innovative space-saving compact configuration and rich i/o design for maximum flexibility. an internal pci express mini card socket and usim slot team to support a variety of extension functions, such as wireless connection (3g/wifi/bt), video capture, secure access modules (sam), and many others. the tpz-1300 is iec/en-60601 certified, and adlink is an iso-13485 approved manufacturer. features energy-efficient platforms featuring intel? atom? d2550/n2600 processors + nm10 chipsets fanless, cable-free design with extended mtbf and reliability medical safety iec/en-60601 certified compact size for ease of system installation & integration easy-to-clean housing built-in 6 vdc to 36 vdc wide-range dc inputs rich i/o: 2 rs-232/422/485 + 2 rs-232, 3 gbe ports, 6 usb 2.0, 4 digital i/o, dvi+vga. extended function support from mini pcie slots with usim. applications nursing information system pacs (picture archiving communication system) medication automation medical administration software support windows ? ce7.0 / xp / xp embedded / embedded standard 7 / 7 usb 2.0 port x 4 wdt/hdd/ diagnostic led gbe port x 2 antenna com3 & com4, rs-232 com1 & com2, software-programmable rs-232/422/485 reset button cf dvi-d 6 v C 36 v dc in usb 2.0 port x 2 vga 4 di+4 do gbe port mic-in & speaker-out tpz-1300 series front panel tpz-1300 series back panel * updated november 15, 2012. ?2012 adlink technology, inc. all rights reserved. all specifications are subject to change without further notice.
specifications model name description storage support com ports di/o gbe usb memory tpz-1301 intel ? atom? d2550 intelligent health care platform 2.5 hdd/ssd 4 4 3 6 2 gb tpz-1302 intel ? atom? n2600 intelligent health care platform 2.5 hdd/ssd 4 4 3 6 2 gb ordering information intelligent health care platform 4 gb ddr3 upgrade upgrade to 4 gb ddr3 memory (tpz-1301) 320 gb hdd option factory-installed 320 gb sata hard disk drive (0 to 60c) 100w ac-dc adapter sinpro hpu101-108 with en60601 3rd edition certificated 32 gb/64 gb ssd option factory-installed 32 gb/64 gb ssd (0 to 70c) optional accessories model name system core processor chipset video memory i/o interface ethernet serial ports usb di/o audio mini pcie usim wdt power supply dc input ac input storage device sata storage compactflash mechanical dimensions weight mounting environmental operating temperature storage temperature humidity vibration esd shock emc safety vga+dvi dual display, supports 1920 x 1200 resolution 3 gbe ports (3x intel ? 82574l) 4 com ports (2 software-programmable rs-232/422/485, and 2 rs-232) 6 usb 2.0 ports 4 digital input and output 1 mic-in and 1 line-out 1 internal mini pcie card socket 1 usim socket for 3g communication watchdog timer support built-in 6-36 vdc wide-range dc input [option] sinpro hpu101-108 100w ac-dc adapter w/ en 60601-1 3rd edition certificated 1 onboard sata-ii port for 2.5 hdd/ssd installation 1 external type i cf socket, supports pio/dma modes 210 mm (w) x 170 mm (d) x 53 mm (h) (8.3 x 6.75 x 2.1) 1.8 kg (3.98 lbs) vesa 100 hardware kit for wall-mounting 0c to 40c -40c to 85c (excl. hdd/ssd/cf) ~95% @ 40c (non-condensing) operating, 5 grms, 5-500 hz, 3 axes (w/ cf or ssd) operating, 0.5 grms, 5-500 hz, 3 axes (w/ hdd) contact +/-4 kv and air +/-8 kv operating, 100 g, half sine 11 ms duration (w/ cf or ssd) ce and fcc class b iec/en 60601-1 3rd edition tpz-1301 intel ? atom? d2550 1.86ghz cpu intel ? nm10 2 gb ddr3 1066 mhz sodimm module (up to 4 gb support) tpz-1302 i ntel ? atom? n2600 1.6ghz cpu intel ? nm10 2 gb ddr3 800 mhz sodimm module
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: adlink technology: ? tpz-1301? tpz-1301/m4g/hdd320g


▲Up To Search▲   

 
Price & Availability of TPZ-1301M4GHDD320G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X