Part Number Hot Search : 
FS300 Q350800F AO471212 ON1518 SI7456 SCBA1F 9971GD 284319
Product Description
Full Text Search
 

To Download TIP141-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tip140, tip141, tip142 npn silicon power darlingtons  
  1 december 1971 - revised september 2002 specifications are subject to change without notice. designed for complementary use with tip145, tip146 and tip147 125 w at 25c case temperature 10 a continuous collector current minimum h fe of 1000 at 4 v, 5 a sot-93 package (top view) pin 2 is in electrical contact with the mounting base. mdtraaa b c e 1 2 3 absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. this value applies for t p 0.3 ms, duty cycle 10%. 2. derate linearly to 150c case temperature at the rate of 1 w/c. 3. derate linearly to 150c free air temperature at the rate of 28 mw/c. 4. this rating is based on the capability of the transistor to operate safely in a circuit of: l = 20 mh, i b(on) = 5 ma, r be = 100 ? , v be(off) = 0, r s = 0.1 ? , v cc = 20 v. rating symbol value unit collector-base voltage (i e = 0) tip140 tip141 tip142 v cbo 60 80 100 v collector-emitter voltage (i b = 0) tip140 tip141 tip142 v ceo 60 80 100 v emitter-base voltage v ebo 5v continuous collector current i c 10 a peak collector current (see note 1) i cm 15 a continuous base current i b 0.5 a continuous device dissipation at (or below) 25c case temperature (see note 2) p tot 125 w continuous device dissipation at (or below) 25c free air temperature (see note 3) p tot 3.5 w unclamped inductive load energy (see note 4) ?li c 2 100 mj operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c lead temperature 3.2 mm from case for 10 seconds t l 260 c obsolete
tip140, tip141, tip142 npn silicon power darlingtons 2  
  december 1971 - revised september 2002 specifications are subject to change without notice. notes: 5. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 6. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. ? voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25c case temperature parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = 30 ma (see note 5) i b = 0 tip140 tip141 tip142 60 80 100 v i ceo collector-emitter cut-off current v ce = 30 v v ce = 40 v v ce = 50 v i b =0 i b =0 i b =0 tip140 tip141 tip142 2 2 2 ma i cbo collector cut-off current v cb = 60 v v cb = 80 v v cb = 100 v i e =0 i e =0 i e =0 tip140 tip141 tip142 1 1 1 ma i ebo emitter cut-off current v eb = 5 v i c =0 2 ma h fe forward current transfer ratio v ce = 4 v v ce = 4 v i c = 5a i c =10a (see notes 5 and 6) 1000 500 v ce(sat) collector-emitter saturation voltage i b = 10 ma i b = 40 ma i c = 5a i c =10a (see notes 5 and 6) 2 3 v v be base-emitter voltage v ce = 4 v i c = 10 a (see notes 5 and 6) 3 v v ec parallel diode forward voltage i e = 10 a i b = 0 (see notes 5 and 6) 3.5 v resistive-load-switching characteristics at 25c case temperature parameter test conditions ? min typ max unit t on tu r n - o n t i m e i c = 10 a v be(off) = -4.2 v i b(on) = 40 ma r l = 3 ? i b(off) = -40 ma t p = 20 s, dc 2% 0.9 s t off turn-off time 11 s obsolete
tip140, tip141, tip142 npn silicon power darlingtons 3  
  december 1971 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. typical dc current gain vs collector current i c - collector current - a 05 20 10 10 h fe - typical dc current gain 70000 100 1000 10000 tcs140aa v ce = 4 v t p = 300 s, duty cycle < 2% t c = -40c t c = 25c t c = 100c collector-emitter saturation voltage vs collector current i c - collector current - a 05 20 10 10 v ce(sat) - collector-emitter saturation voltage - v 0 05 10 15 20 tcs140ab t p = 300 s, duty cycle < 2% i b = i c / 100 t c = -40c t c = 25c t c = 100c base-emitter saturation voltage vs collector current i c - collector current - a 05 20 10 10 v be(sat) - base-emitter saturation voltage - v 0 05 10 15 20 25 30 tcs140ac t c = -40c t c = 25c t c = 100c i b = i c / 100 t p = 300 s, duty cycle < 2% obsolete
tip140, tip141, tip142 npn silicon power darlingtons 4  
  december 1971 - revised september 2002 specifications are subject to change without notice. maximum safe operating regions figure 4. thermal information figure 5. maximum forward-bias safe operating area v ce - collector-emitter voltage - v 10 10 100 1000 i c - collector current - a 01 10 10 100 sas140aa tip140 tip141 tip142 maximum power dissipation vs case temperature t c - case temperature - c 0 25 50 75 100 125 150 p tot - maximum power dissipation - w 0 20 40 60 80 100 120 140 tis140aa obsolete


▲Up To Search▲   

 
Price & Availability of TIP141-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X