Part Number Hot Search : 
MSB36A SR050 S8025N V600ME06 TIP32A EPF8115G RB1E13N 91900
Product Description
Full Text Search
 

To Download ST11-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  components product information connector new 1/4 mb-0250-2 march 2013 jae pmk div. proprietary. copyright ? 2013, japan aviation electronics industry, ltd. ? no. of contacts: 8 pos.+2pos. (d-sw) ? contact resistance: 100m ? max. (initial value) ? dielectric withstanding voltage: ac500vr.m.s. per minute ? operating temperature: -30 deg. c to +85 deg. c ? storage temperature: -5 deg. c to +85 deg. c features ST11-H series microsd tm memory card connector general specifications ? push-push structure, st andard-mounting connec tors for the microsd tm memory card standardized by sda tm ? balanced emi countermeasur e with 7 hold-down points ? slim design with 1.25mm height, 13.4mm wi dth, and 15.3mm de pth (depth including card: 17mm) ? halogen free, supplied in embossed tape for automatic mount ing (compatible with second reflow) ? card insertion detection structure (d-sw), normally closed type ? card lock structure ? 1mm push stroke , 3.4mm card eject length ? countermeasure to prevent the card from popping out. ? rated current: 0. 5a / per pin ? rated voltage: 10v / per pin ? insulation resistance: 1,000m ? min. ? lifetime: 5,000 times ? card insertion force: 40n max. rohs compliant overview the ST11-H series are one-piece type external connecto rs for micro sd tm cards. these connectors are high density, sm t mounting, low profile, push-push type connectors compatib le with the microsd tm card, which is standardized by sda tm as a compact card for hand-held devices. * microsd tm is a trademark of sd card a ssociation.
mb-0250-2 2/4 jae pmk div. proprietary. copyright ? 2013, japan aviation electronics industry, ltd. materials and finishes component material / finish signal contact d-sw contact copper alloy / contact: au plating over ni terminal: au flash plating over ni housing synthetic resin / none cover frame stainless steel / terminal area: au flash plating eject bar synthetic resin / none spring stainless steel / none lock stainless steel / none cam follower stainless steel / none ordering information st11 s 008 v 4 h (r2000) 4: au flash plating v: smt mounting, with hold-downs no. of contacts series connector type s: non-zif structure modification code reel part number (note) note) an embossed tape re el contains 2,000 pcs. please contact us for details on embossed tape specifications.
mb-0250-2 3/4 jae pmk div. proprietary. copyright ? 2013, japan aviation electronics industry, ltd. sj113824 st11s008v4h sj drawing part number table 1 circuit unit: mm
mb-0250-2 4/4 jae pmk div. proprietary. copyright ? 2013, japan aviation electronics industry, ltd. applicable board dimensions (for reference) unit: mm notice: products shown in this brochure are made for the applications listed below. however, if the above-mentioned products are to be used in aerospace devices, marine cable-conne ction devices, atomic power control systems, me dical equipment for life- support systems, or any ot her specific application requiring extremely high re liability, please contact jae for further information. recommended applications : computers, office machines, measuring devices, telecommunication devices (terminals, mobi le devices), av devices, household applicati ons, fa devices, etc. product marketing division aobadai building, 3-1-19, aobadai, meguro-ku, tokyo 153-8539 phone: +81-3-3780-2882 fax: +81-3-3780-2946 * the specifications in this brochure are subject to change w ithout notice. please contact jae for information.


▲Up To Search▲   

 
Price & Availability of ST11-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X