Part Number Hot Search : 
AMA2805D 00A002 MOC8111 C114Y 1SV69 OPT8C KFF6075B UT54ACS
Product Description
Full Text Search
 

To Download SSC1000-25-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ssc series ? igbt based solid-state relay ? ratings up to 25a @ 1,000 vdc ? dc control product selection 25a 25a ssc800-25 ssc1000-25 output specifications (1) description 800 vdc 1000 vdc operating voltage [vdc] 0-800 0-1000 maximumtransient overvoltage [vpk] 900(4) 1200(5) maximum off-state leakage current @ rated voltage [ma] 0.3 0.3 maximum load current (3) [adc] 25 25 minimum load current [ma] 20 20 maximum surge current [adc] (10ms) 75 75 maximum on-state voltage drop @ rated current [vdc] 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 0.8 0.8 input specifications (1) description suffix -12 suffix -24 suffix -36 nominal control voltage (6) 12 vdc 24 vdc 36 vdc control voltage range 8-16 vdc 20-28 vdc 32-40 vdc minimum turn-on voltage (7) 8 vdc 20 vdc 32 vdc minimum turn-off voltage 1.0 vdc 1.0 vdc 1.0 vdc typical input current at nominal voltage 15 ma 15 ma 15 ma nominal input impedance 780 ohm 1500 ohm 2400 ohm maximum turn-on time [msec] 1.5 1.5 1.5 maximum turn-off time [msec] 1.5 1.5 1.5 general specifications description parameters dielectric strength, inpu t/output/base (50/60hz)(2) 2500 vrms minimum insulation resistance (@ 500 v dc)(2) 10 9 ohm maximum capacitance, input/output 50 pf ambient operating temperature range -30 to 80c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5g) encapsulation thermally conductive epoxy terminals screws and saddle clamps furnished, unmounted recommended terminal screw torque range: 6-32 screws - 10 in lbs. 8-32 -20 in. lbs. (screws dry without grase) general notes 1) all parameters at 25c unless otherwise specified. 2) dielectric strength and insulation resistance are measured between input and output 3) heat sinking required, for derating curves see next page. 4) internal overvoltage protection included. 5) internal overvoltage protection not included. 6) use suffix -12, -24 or -36 to specify control voltage. for other values call factory sample: ssc800-25-24 7) operation below the specif ied minimum turn-on voltage may result in linear operation of the output and damage to the re lay .
mechanical specifications trans ient prot ec tion a ll loa ds ar e in du ctive , e ven o ne s th at are no t so la be le d. an inductive load will produce harmful transient voltages when it is turn ed o ff. the mor e pe rfect th e switch, the l arg er th e tran sie nt voltages; th e mosfet ou tput is so ne ar ly an id ea l switch tha t the tr an sien t vo lta ge s pro du ced by seem in gly ?n on -in du ctive ? lo ad s ca n cau se da mage if not supp resse d. diodes should be fast recovery type with piv rated greater than supply voltage. thermal derate information agency approvals rev. 112210

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of SSC1000-25-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X