Part Number Hot Search : 
020180MH UFR7005R DMP2305U DB3AM 32M16 1N4793 SBL1630 CPDF24V
Product Description
Full Text Search
 

To Download SB580 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature & dimensions * plastic package has underwriters laboratory flammability classification 94v-0 * low power loss,high efficiency * for use in low voltage high frequency inverters, free wheeling,and polarity protection applications * guarding for over voltage protection * high temperature soldering guaranteed: 260 c/10 seconds at terminals mechanical data case: jedec do-201ad, molded plastic over sky die terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: anywe declare that the material of product weight: 0.038 oz., 1.03 gcompliance with rohs requirements handling precautin:none 1.electrical characteristic maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol sb520sb530sb540sb550sb560SB580sb5100 unit device marking code sb520sb530sb540sb550sb560SB580sb5100 maximum repetitive peak reverse voltage v rrm 203040506080 100 v maximum rsm voltage v rsm 14212835425670v maximum dc blocking voltage v dc 203040506080100v maximum average forward rectified current 0.375" (9.5mm) lead length (see fig. 1) if(av) a peak forward surge current 8.3ms single half sine- wave superimposed on rated load (jedec method) i fsm a operating temperature range tj c storage temperature range tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol sb520sb530sb540sb550sb560SB580sb5100 unit maximum instantaneous forward voltage at 5.0a v f v maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 100 c irma typical thermal resistance r ja c/w typical thermal resistance r jl c/w typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted 0.70 0.500.84 500380 schottky barrier rectifiers reverse voltage 20 to 100v forward current 5.0a sb520 thru sb5100 5.0 150 C 55 to +175 C 55 to +150 10 0.5 20 25
2. characteristic curves ( ta = 25 c unless otherwise noted ) sb520 thru sb5100 fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) 0 25 50 75 100 125 150 175 1 10 100 0.2 0.4 0.6 0.8 1.0 1.20 20 40 60 80 100 0.1 1 10 100 1000 100 1.0 10 1.0 0.1 0.01 0.001 10 1.0 0.1 0.01 100 5.0 2.5 0 150 75 0 tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle ambient temperature, c number of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) tj=150 tj=75 tj=25 fig 5. C typical transient thermal impedance t r a n s i e n t t h e r m a l i m p e d a n c e ( c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,pulse duration,sec single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length j u n c t i o n c a p a c i t a n c e ( p f ) fig 6. C typical junction capacitance reverse voltage (v)
3. dimension: sb520 thru sb5100
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4. update record 1 2 3 ??Z? 2011.11.28 2010.09.14 sb520 thru sb5100 ?? 2010.09.28 ??? ??


▲Up To Search▲   

 
Price & Availability of SB580

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X