model( ? ): RKJXP12001 ? download pdf file features:( c ): compact design with a good space factor. available in a wide variety of type including standard type and lever reset type. constructed integral with tact switch for selection ,thus contributing to improvement in the operability of sets. applications( ): controller for remote control of audio equipment , cd-l , vcd , tv ,car navigation system, and for game , etc . dimensions( ?D ): specifications( ? ) electrical characteristics [ ? ] total resistance [ ?? ] 10k , 50k , 100k total resistance tolerance [ ??S ] 30% ratings power(w) [ ~ ] 0.0125w, switch 5v dc resistance taper [ ? ] b residual resistance [ ? ] ?? 3% max. sliding noise [ s ] 300mv max insulation resistance [ ^ ] 100m min. at dc 250v. switch 10m min. dc 10v withstanding voltage [ ? ] 1 minute at ac 250v max. operating voltage [ ?? ] ac 50v mechanical characteristics [ ] operation torque [ D ] 150~200gf.cm rotation stopper strength [ ?? ] 3kgf.cm min switch travel [ _P? ] 0.5 mm endurance characteristics [ ? ] rotational life [ D ] more than 1,000,000 cycles http://www.productwell.com e-mail: pwlhk@productwell.com tel: ( 852)2687 3208 fax: ( 852)2687 3336
|