Part Number Hot Search : 
SP774BK 54LS1 G1963 62007 01M10 HCN5551 PWB200AA BU401
Product Description
Full Text Search
 

To Download R3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21101 rev. e-3 1 of 2 r1500-R3000 features r1500 - R3000 high voltage rectifier a a b c d do-41 plastic dim min max a 25.40 ? b 4.06 5.21 c 0.71 0.884 d 2.00 2.72 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25 c unless otherwise specified high voltage to 3000v with low leakage 1.5kv to 3kv v rrm surge ratings of 25a - 30a plastic material - ul flammability classification rating 94v-0 mechanical data case: molded plastic terminals: plated leads solderable per mil-std-202, method 208 polarity: cathode band weight: 0.35 grams (approx.) mounting position: any marking: type number single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol r1500 r2000 R3000 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 1500 2000 3000 v rms reverse voltage v r(rms) 1050 1400 2100 v average rectified output current (note 1) @ t l = 55 c i o 500 200 ma non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 25 a forward voltage @ i f = 500ma @ i f = 200ma v fm 2.0 3.0 v peak reverse leakage current at rated dc blocking voltage i rm 5.0 m a typical junction capacitance (note 2) c j 8.0 7.0 pf typical thermal resistance junction to ambient r q ja 70 117 k/w operating and storage temperature range t j, t stg -65 to +125 c notes: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. power semiconductor
ds21101 rev. e-3 2 of 2 r1500-R3000 0 20 40 60 80 100 120 02040 60 80 100 120 140 160 i , percent of ra ted average current (%) o t , ambient temperature (oc) fig. 1 current derating for various lead lengths a l = lead length copper area = 5.5mm 2 l = 5mm l = 10mm l = 20mm i , instantaneous for ward current (a) f v , instantaneous fwd voltage (v) fig. 2 typical forward characteristics f 0.001 0.01 0.1 1.0 0.6 1.0 1.4 1.8 2.0 r1500 r2000 R3000 0 6 12 18 24 30 1 10 100 i , peak fwd surge current (a) fsm number of cycles at 60 hz fig. 3 peak fwd surge current vs # of cycles @ 60 hz 8.3ms single half sine-wave jedec method r1500 r2000 R3000 1.0 10 100 1.0 10 100 1000 c , junction cap acitance (pf) j v , reverse voltage (v) fig. 4 typical junction capacitance r r1500 - r2000 R3000


▲Up To Search▲   

 
Price & Availability of R3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X