Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download PG03D0303A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p g 0 2 s s e ries 2w dc/dc converter, sip - package ds_p g 0 2 s_ 03152012 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 81% ? sip package with industry pinout ? sma ll footprint: 21.8 x 9.3 mm (0.86x 0.37inch) ? wide 2:1 input range ? operating temperature range - 40c to +85c ? isolation voltage 1000vdc ? fully regulated output ? s hort circuit protection ? lead free, rohs compliant ? 3 years product warranty the pg02s serie s a re miniature, sip package, isolated 2w dc/dc converters with 1,000vdc isolation. the pg02s series features fully regulated output and wide 2:1 input voltage ranges. the most convenient advantage is the modules with a small footprint occupying only 2.0 c m 2 (0.3 square in.) on the pcb. it offers short circuit protection and allows a wide operating temperature range of C 40c to +85c. these isolated dc/dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc model selection guide model number input voltage (range) output voltage output current input current reflected ripple current max.capacitive load efficiency (typ.) max. min. @max. load @no load @max. load vdc vdc ma ma ma(typ.) ma(typ.) ma(typ.) uf % pg02s0503a 5 (4.5 ~ 9) 3.3 500 125 471 40 400 2200 70 pg02s0505a 5 400 100 548 1000 73 pg02s0512a 12 167 42 534 170 75 pg02s1203a 12 (9 ~ 18) 3.3 500 125 184 20 300 2200 73 pg02s1205a 5 400 100 217 1000 77 pg02s1212a 12 167 42 209 170 80 pg02s2403a 24 (18 ~ 36) 3.3 500 125 96 10 200 2200 72 pg02s2405a 5 400 100 109 1000 77 pg02s2412a 12 167 42 103 170 81 pg02s4803a 48 (36 ~ 75) 3.3 500 125 49 8 500 2200 71 pg02s4805a 5 400 100 57 1000 73 pg02s4812a 12 167 42 53 170 79
ds_p g 0 2 s_ 03152012 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit input surge voltage (1 sec. max.) 5v input mod els - 0.7 --- 15 vdc 12v input models - 0.7 --- 25 24v input models - 0.7 --- 50 48v input models - 0.7 --- 100 start - up voltage 5v input models 3.5 4 4.5 12v input models 4.5 7 9 24v input models 8 12 18 48v input models 16 24 36 under vo ltage shutdown 5v input models --- 3.5 4 12v input models --- 6.5 8.5 24v input models --- 11 17 48v input models --- 22 34 reverse polarity input current all models --- --- 1 a short circuit input power --- --- 1500 mw input filter capacito r type internal power dissipation --- --- 3500 mw output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % line regulation vin=min. to max. --- 0.3 0.5 % load regulation io=25% to 100% --- 0.5 0.7 5 % ripple & noise (20mhz) --- 30 50 mv p - p ripple & noise (20mhz) over line, load & temp. --- --- 75 mv p - p ripple & noise (20mhz) --- --- 15 mv rms transient recovery time 25% load step change --- 100 300 us transient response deviation --- 3 5 % temperature coefficient --- 0.01 0.02 %/ short circuit protection continuous general characteristics parameter conditions min. typ. max. unit i/o isolation voltage (rated) 60 seconds 1000 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m i/o isolation capacitance 100khz, 1v -- - 65 120 pf switching frequency 100 300 650 khz mtbf (calculated) mil - hdbk - 217f@25 , ground benign 1,000,000 --- --- hours recommended outside input fuse 5v input models 12v input models 24v input models 48v input models 1500ma slow - blow type 700ma slow - blow type 350ma slow - blow type 135ma slow - blow type remote on/off control parameter conditions min. typ. max. unit converter on under 0.6 vdc or open circuit, drops down to 0vdc by 2mv/ converter off 2.7 to 15 vdc standby input current --- 0.1 0.2 ma control input current ( on ) vin = 0v --- --- - 0.4 ma control input current ( off ) vin = 5.0v --- --- 1 ma control common referenced to negative input p 2
ds_p g 0 2 s_ 03152012 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc environmental specifications parameter conditions min. max. unit operating temperatu re range (with derating) ambient - 40 +85 case temperature --- +90 storage temperature range - 55 +105 humidity (non condensing) --- 95 % rel. h cooling free - air convection lead temperature (1.5mm from case for 10sec.) --- 260 power derating curve notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 3 ripple & noise measurement bandwidth is 0 - 20 mhz. 4 these power converters require a minimum output loading to maintain specified regulation, operation under no - load conditions will not damage these modules; however, they may not meet all specifications listed. 5 all dc/dc converters should be externally fused at the front end for protection. 6 specifications subject to change without notice. p 3 ~ a m b i e n t t e m p e r a t u r e o u t p u t p o w e r ( % ) 0 2 0 4 0 6 0 8 0 1 0 0 - 4 0 0 2 0 6 0 1 0 0 1 1 0 8 0 4 0 n a t u r a l c o n v e c t i o n 1 0 0 l f m 2 0 0 l f m 4 0 0 l f m
ds_p g 0 2 s_ 03152012 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc mechancial drawing mechanical dimensions pin connections pin function 1 - vin 2 +vin 3 remote on /off 5 nc 6 +vout 7 - vout 8 nc nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x 0.5 (x.xx0.02) x.xx 0.25 ( x.xxx0.01) ? pins 0.1(0.004) physical case size : 21.8x9.3x 11.2 mm (0.86x0.37x0.44 inches) case material : non - conductive black plastic (flammability to ul 94v - 0 rated) weight : 4.8g p 4 2.00 [0.08] 2x2.54 [2x0.10] 5.08 [0.20] [3x0.10] 3x2.54 0.5 [0.02] 0 . 5 [ 0 . 0 2 ] 1 1 . 2 [ 0 . 4 4 ] 3 . 2 [ 0 . 1 3 ] 21.8 [0.86] 20.8 [0.82] 0.50 [0.02] 0 . 2 5 [ 0 . 0 1 ] 2 . 7 [ 0 . 1 1 ] 9 . 3 [ 0 . 3 7 ] bottom view 1 2 3 5 6 7 8
ds_p g 0 2 s_ 03152012 e - mail : dcdc @ d elta.com.tw http://www.delta.com.tw/dcdc part number ing system p g 0 2 s 05 05 a form factor family series watt number of outputs input voltage output voltage option code d - dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p - sip 02:2w d - dual 05: 5v 05: 5v s - smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a t hree ( 3 ) year s limited wa rranty. complete warranty information is listed on our web site or is available upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for it s use, nor for any infrin gements of patents or other rights of third parties, which may result from its use. no license is granted by implication or o therwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without n otice. p 5


▲Up To Search▲   

 
Price & Availability of PG03D0303A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X