Part Number Hot Search : 
L8C204 FAN2559 G9001 ES9023 TFS243 24151 LCFS1053 G0100
Product Description
Full Text Search
 

To Download P-0603E1073BBT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p-ns www.vishay.com vishay dale thin film revision: 27-jun-13 1 document number: 60023 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 commercial thin film resistor, surface mount chip for applications requiring low noise, stability, low temperature coefficient of resistance, and low voltage coefficient, all vishays proven precision thin film wraparound resistors will meet your exact requirements. manufactured with the same material and processes as qpl and manufactured in a qpl facility. construction features ? moisture resistant (spm ) special passivation method ? non-standard values available ? pre-tinned terminations over nickel barrier (gold available) ? very low noise and voltage coefficient (< - 35 db, 0.1 ppm/v) ?non-inductive ? laser-trimmed tolerances to 0.02 % ? in-lot tracking less than 5 ppm/c ? epoxy bondable termination available ? sulfur resistant (per astm b809-95 humid vapor test) ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note * this datasheet provides information about parts that are rohs-compliant and/or parts th at are non-rohs-compliant. for example, parts with lead (pb) te rminations are not rohs-compliant. please see the information/tables in this datasheet for details. typical performance notes (1) 0705 and 0805 are the same (o nly use 0805 when ordering) (2) values > 1m best tcr 25 ppm/c actual size 0505 adhesion layer high purity alumina substrate nickel barrier solder coating passivated nichrome resistive film spm passivation enhancement absolute tcr 25 tol. 0.1 available available available available standard electrical specifications test specifications conditions material passivated nichrome - resistance range 10 to 6.19 m - tcr: absolute 10 ppm/c to 100 ppm/c - 55 c to + 125 c tolerance: absolute 0.02 % to 5 % + 25 c stability: absolute r 0.02 % 2000 h at 70 c stability: ratio -- voltage coefficient 0.1 ppm/v (typical) - working voltage 75 v to 200 v - operating temperature range - 55 c to + 125 c - storage temperature range - 55 c to + 150 c - noise < - 35 db (typical) - shelf life stability: absolute r 0.01 % 1 year at + 25 c component ratings case size (1) power rating (mw) working voltage (v) resistance range ( ) 0.1 % < 0.1 % 0402 50 75 25 to 100k 250 to 100k 0502 100 75 20 to 150k 250 to 150k 0505 150 75 20 to 301k 250 to 301k 0603 150 75 10 to 261k 250 to 261k 0705 250 100 10 to 475k 250 to 475k 0805 250 100 10 to 475k 250 to 475k 1005 250 100 10 to 649k 250 to 649k 1010 500 150 50 to 1m 250 to 1m 1206 400 200 10 to 1.5m (2) 250 to 1m 1505 400 150 10 to 1m 250 to 1m 2208 800 150 10 to 3.16m (2) 250 to 1m 2010 800 200 10 to 4.02m (2) 250 to 1m 2512 1000 200 10 to 6.19m (2) 250 to 1m
p-ns www.vishay.com vishay dale thin film revision: 27-jun-13 2 document number: 60023 for technical questions, contact: thinfilm@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) 0705 and 0805 are the same (o nly use 0805 when ordering) dimensions in inches case size term l w t d e 0402 b 0.042 0.008 0.022 0.005 0.012 to 0.033 0.010 0.005 0.010 0.005 0502 b 0.055 0.006 0.025 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0505 b 0.055 0.006 0.050 0.005 0.012 to 0.033 0.010 0.005 0.015 0.005 0603 b 0.064 0.006 0.032 0.005 0.020 max. 0.012 0.005 0.015 0.005 0705, 0805 (1) b 0.080 0.006 0.050 0.005 0.015 to 0.033 0.016 0.008 0.015 0.005 1005 b 0.105 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1010 b 0.105 0.007 0.100 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 1206 b 0.126 0.008 0.063 0.005 0.015 to 0.033 0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010 1505 b 0.155 0.007 0.050 0.005 0.015 to 0.033 0.015 0.005 0.015 0.005 2010 b 0.209 0.009 0.098 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2208 b 0.230 0.007 0.075 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 2512 b 0.259 0.009 0.124 0.005 0.015 to 0.033 0.020 0.005 0.020 0.005 d w l t e environmental tests environmental test 10 k r (%) 100 k r (%) thermal shock 0.02 0.02 short time overload 0.01 0.01 low temperature operation 0.01 0.01 resistance to solder heat 0.04 0.03 moisture resistance 0.02 0.01 high temperature exposure 0.03 0.06 load life (10 000 h, + 70 c) 0.05 0.05 tcr 25 ppm/c 25 ppm/c derating curve ambient temperature c 0 70 125 150 0 20 40 60 80 100 precent of rated power global part number information new global part numb ering: p-1206e1002bbts global model case size tcr characteristic resistance tolerance termination packaging p- 0402 0502 0505 0603 0805 1005 1010 1206 1505 2208 2010 2512 y = 10 ppm/c (2) d = 15 ppm/c e = 25 ppm/c h = 50 ppm/c k = 100 ppm/c note (2) > 250 the first 3 digits are significant figures and the last digit specifies the number of zeros to follow. r designates the decimal point. example: 10r0 = 10 1001 = 1 k 1002 = 10 k q = 0.02 % (3) a = 0.05 % (3) b = 0.1 % d = 0.5 % f = 1 % g = 2 % j = 5 % note (3) for values 250 b = wraparound sn/pb solder 63 % sn/37 % pb w/ nickel barrier g = wraparound au over ni (gold) termination epoxy bondable rohs-compliant - e4 s = wraparound electroplat ed 100 % pure matte tin rohs-compliant e3 bulk bs = 100 min., 1 mult waffle ws = 100 min., 1 mult w0 = 100 min.,100 mult wi = 100 min.,1 mult (4) wp = 100 min.,1 mult (5) tape and reel t0 = 100 min., 100 mult t1 = 1000 min., 1000 mult (6) t3 = 300 min., 300 mult t5 = 500 min., 500 mult tf = full reel ts = 100 min., 1 mult ti = 100 min., 1 mult (4) tp = 100 min., 1 mult (5) notes (4) item single lot date code (5) package unit single lot date code (6) preferred packaging code historical part number example: p0805h 6801bbt (for reference purposes only) p 0805 h 6801 b b t style case size tcr characteristic ohmic value tolerance termination packaging 06e1 02b 0 2 1 bt s p-
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of P-0603E1073BBT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X