Part Number Hot Search : 
MCF5373 2KMD80SJ WSR5LFTA SB530 RT9726 00390 05WS24 NTE7062
Product Description
Full Text Search
 

To Download MSS6122-103ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C mss6122 document 640-1 document 640-1 revised 04/16/10 designers kit c363 contains 3 of each value core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production). other terminations available at additional cost. weight 0.19 C 0.23 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 500/7 reel, 1500/13 reel; plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 2.1 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. dcr srf i sat (a) 4 i rms (a) 5 inductance 2 max typ 3 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise mss6122-472ml_ 4.7 0.065 65.0 1.44 1.66 1.82 1.60 2.30 mss6122-562ml_ 5.6 0.083 60.0 1.22 1.46 1.60 1.50 2.10 mss6122-682ml_ 6.8 0.100 48.0 1.18 1.36 1.50 1.40 2.00 mss6122-822ml_ 8.2 0.120 44.0 1.12 1.24 1.36 1.30 1.80 MSS6122-103ML_ 10 0.150 42.0 0.98 1.10 1.20 1.20 1.70 mss6122-123ml_ 12 0.176 40.0 0.97 1.06 1.14 1.13 1.60 mss6122-153ml_ 15 0.210 38.0 0.85 0.97 1.04 1.06 1.50 mss6122-183ml_ 18 0.280 35.0 0.78 0.89 0.97 0.99 1.40 mss6122-223ml_ 22 0.310 32.0 0.64 0.75 0.82 0.92 1.30 mss6122-273ml_ 27 0.350 26.0 0.62 0.71 0.77 0.85 1.20 mss6122-333ml_ 33 0.460 22.0 0.60 0.69 0.74 0.77 1.10 mss6122-393ml_ 39 0.540 19.0 0.50 0.59 0.64 0.70 1.00 mss6122-473ml_ 47 0.680 18.0 0.47 0.55 0.60 0.63 0.90 mss6122-563ml_ 56 0.740 17.0 0.43 0.50 0.54 0.56 0.80 mss6122-683ml_ 68 1.000 16.0 0.40 0.46 0.50 0.49 0.70 mss6122-823ml_ 82 1.200 15.0 0.37 0.43 0.46 0.42 0.60 mss6122-104ml_ 100 1.370 12.5 0.32 0.37 0.40 0.35 0.50 ? 6.1 6.1 mm footprint; 2.2 mm high shielded inductors ? low dcr and excellent current handling 1. please specify termination and packaging codes: mss6122-104m lc termination: l = rohs compliant matte tin over nickel over phos bronze (current produc - tion) or gold over nickel over phos bronze (prior production) special order: t = rohs tin-silver-copper (95.5/4/0.5) over gold over nickel over phos bronze or s = non-rohs tin-lead (63/37) over gold over nickel over phos bronze. packaging: c = 7 machine-ready reel eia-481 embossed plastic tape (500 per full reel). b = less than full reel in tape, but not machine-ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel eia-481 embossed plastic tape. factory order only, not stocked (1500 per reel per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4263b lcr meter or equivalent. 3. srf measured using an agilent/hp 4191a or equilvalent. 4. dc current at which the inductance drops the specifed amount from its value without current. 5. current that causes the specifed temperature rise from 25c ambient. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 640-2 document 640-2 revised 04/16/10 shielded power inductors C mss6122 typical l vs current typical l vs frequency dimensions are in inches mm 0.01 0.1 11 0 current (a) 1 10 100 1000 inductance (h) 100 h 4.7 h 22 h irms derating -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i 0.01 0.1 11 0 frequency (mhz) 10 1 100 1000 inductance (h) 1 00 h 22 h 4.7 h max 0.237 6,0 0.237 6,0 min recommended land p attern 0.220 5,6 0.220 5,6 0.079 2,0 0.240 6,1 0.240 6,1 123 * * * 0.087 2,2 0.079 2,0 dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.016 in / 0,4 mm. 0.191 4,85 ? us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MSS6122-103ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X