Part Number Hot Search : 
MG200 MG200 SNC12060 MBR164 DG413DY HWD82 SC413 S1M8831A
Product Description
Full Text Search
 

To Download MRS25000C1108FC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  professional thin film leaded resistors www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 28724 1 revision: 17-aug-11 mrs16, mrs25 vishay bccomponents this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description a homogeneous film of metal alloy is deposited on a high grade ceramic body. after a helical groove has been cut in the resistive layer, tinned connecting wires of electrolytic copper are welded to the end-caps. the resistors are coated with lacquer which provides electrical, mechanical, and climatic protection. four or five color code rings designate the resistance value and tolerance according to iec 60062 . suitable replacements for mrs16 and mrs25 are mba/sma 0204 and mbb/sma 0207 professional. features ? technology: metal film ? professional resistors in small outlines ?low noise ? lead (pb)-free solder contacts ? pure tin plating provides compa tibility with lead (pb)-free and lead containing soldering processes ? compatible to rohs directive 2002/95/ec applications ? all general purpose applications technical specifications description unit mrs16 mrs25 resistance range ? 4.99 to 1m 1 to 10m resistance tolerance % 1 1 resistance series e24, e96 e24, e96 rated dissipation, p 70 w0.4 0.6 thermal resistance ( r th ) k/w 170 150 temperature coefficient ppm/k 50 50 operating voltage, u max. ac/dc v 200 350 basic specifications iec 60 115-1 iec 60 115-1 climatic category (i ec 60068-1) 55/155/56 55/155/56 max. resistance change for resistance range, ? r max., after: load (1000 h, p 70 ) (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) long term damp he at test (56 days): mrs16: 4.99 ? ? r ? 332 k ? ; mrs25: 1 ? ? r ? 1 m ? (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) mrs16: r > 332 k ? ; mrs25: r > 1 m ? (2 % r + 0.05 ? ) (2 % r + 0.05 ? ) soldering (260 c, 10 s): mrs16: 4.99 ? ? r ? 332 k ? ; mrs25: 1 ? ? r ? 1 m ? (0.1 % r + 0.05 ? ) (0.1 % r + 0.05 ? ) mrs16: r > 332 k ? ; mrs25: r > 1 m ? (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) short time overload: mrs16: 4.99 ? ? r ? 332 k ? ; mrs25: 1 ? ? r ? 1 m ? (0.1 % r + 0.01 ? ) (0.1 % r + 0.01 ? ) mrs16: r > 332 k ? ; mrs25; r > 1 m ? (0.5 % r + 0.05 ? ) (0.5 % r + 0.05 ? ) packaging model reel box pieces/reel code pieces/box code mrs16 5000 rp 1000 c1 5000 ct mrs25 5000 rp 1000 c1 5000 ct
document number: 28724 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 17-aug-11 2 mrs16, mrs25 professional thin film leaded resistors vishay bccomponents this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions notes ? the part number is shown to facilitate the introduction of a uni fied part numbering syst em for ordering products (1) please refer packaging table 12nc information for historical coding reference ? the resistors have a 12 digi t numeric code starting with 2322 15. ? the subsequent 2 digits indi cate the resistor type and packaging; see the 12nc ordering code table. ? the remaining 4 digits indicate the resistance value: - the first 3 digits indica te the resistance value. - the last digit indicates the resistance decade in accordance with the 12nc indicating resistance decade table. last digit of 12nc indi cating resistance decade 12nc example the 12nc of a mrs16 resistor with value 750 ? , supplied on a bandolier of 1000 units in ammopack is: 2322 157 17501. dimensions (leaded resistor types, mass an d relevant physical dimensions) type d max. (mm) l max. (mm) d nom. (mm) m min. (mm) mass (mg) mrs16 1.6 3.6 0.5 5.0 125 mrs25 2.5 6.5 0.6 10.0 220 part number and product description part number: mrs16000c5119fct model/size variant tcr value tolerance packaging (1) special mrs1600 mrs2500 0 = neutral c = 50 ppm/k 3 digit value 1 digit multiplier multiplier f = 1 % rp ct c1 up to 2 digits 00 = standard 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 6 = *10 6 product description: mrs16 50 1 % ct 51r1 mrs16 50 1 % ct 51r1 model/size tcr tolerance packaging (1) resistance value mrs16 mrs25 50 ppm/k 1 % rp ct c1 51r1 = 51.1 ? 1k = 1 k ? d d l m resistance decade last digit 1 ? to 9.76 ? 8 10 ? to 97.6 ? 9 100 ? to 976 ? 1 1 k ? to 9.76 k ? 2 10 k ? to 97.6 k ? 3 100 k ? to 976 k ? 4 1 m ? to 9.76 m ? 5 10 m ? 6 12nc (resistors type and packaging) type 2322 15. ..... bandolier in ammopack bandolier on reel 1000 units 5000 units 5000 units mrs16 7 1.... 7 2.... 7 3.... mrs25 6 1.... 6 2.... 6 3.... m r s 1 6 0 0 0 c 5 1 1 9 f 0 c t 0
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MRS25000C1108FC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X