Part Number Hot Search : 
CY3687 BST84 1040C 84MMR4 7067586 17317 W91446 1N5265B
Product Description
Full Text Search
 

To Download MPT712-3R3E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  delta p/n : mpt712-e1 series mechanical dimensions electrical characteristics dcr (m ) part no. lo @0a (uh) 20% ir(adc) isat(adc) typ. max mpt712-r56e1 0.56 7.0 11.0 13.5 15.5 mpt712-r68e1 0.68 6.7 9.0 15.0 17.5 mpt712-r82e1 0.82 6.3 8.0 21.5 24.5 mpt712-1r0e1 1.0 6.0 7.5 25.0 29.0 mpt712-2r2e1 2.2 4.0 5.0 51.5 59.0 MPT712-3R3E1 3.3 3.0 4.0 80.0 92.0 mpt712-4r7e1 4.7 2.7 3.5 106.0 122.0 mpt712-6r8e1 6.8 2.2 2.8 185.0 210.0 mpt712-100e1 10.0 2.0 2.2 250.0 290.0 notes: (1) all test data is referenced to 25 ambient. (2) ir is the dc current which cause the surface temperature of the part increse approximate 40 (3) isat is the dc current which cause the inductance drop approximate 30% of lo. (4) operating temperature range -55 to 125 . (the part temperature should be keepped under 125 when the worse operating condition apply on it. circuit design, component placement, pwb tracesize and thickness, airflow and other coolin g provision may affect the part temperature. part temperature should be veri fied in the end application.) (5) the rated current is depended on ir and isat which one is lower. unit : mm a? 6.95 0.35 a 6.6 0.2 b 1.0 0.2 c 1.6 0.3 c? 2.0 0.1 d 3.0 0.3 d? 3.6 0.2 e 0~0.15 f 3.5 g 3.7 h 8.4


▲Up To Search▲   

 
Price & Availability of MPT712-3R3E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X