Part Number Hot Search : 
KLNR15 D78F08 AP230 KBJ1000 ADC317 EE05530 G5E1284 EDC15
Product Description
Full Text Search
 

To Download LQM2HPN1R0MG0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 inductors (coils) > chip inductor (chip coil) > power inductor (multilayer type) 2.5 0.2 0.6 0.2 2.0 0.2 (in mm) 0.9 0.1 chip inductor (chip coil) power inductor (multilayer type) lqm2hp_g0 series (1008 size)  dimensions  packaging code packaging minimum quantity l 180mm embossed tape 3000 b bulk(bag) 1000  rated value ( p : packaging code) part number inductance rated current dc resistance self resonance frequency (min.) lqm2hpnr47mg0 p 0.47 h 20% 1800ma 0.04ohm 25% 100mhz LQM2HPN1R0MG0 p 1.0 h 20% 1600ma 0.055ohm 25% 60mhz lqm2hpn1r5mg0 p 1.5 h 20% 1500ma 0.07ohm 25% 50mhz lqm2hpn2r2mg0 p 2.2 h 20% 1300ma 0.08ohm 25% 40mhz lqm2hpn3r3mg0 p 3.3 h 20% 1200ma 0.10ohm 25% 30mhz lqm2hpn4r7mg0 p 4.7 h 20% 1100ma 0.11ohm 25% 25mhz 0.1 1 10 inductance ( h) 0.1 1 10 100 frequency (mhz) 4.7 h 3.3 h 2.2 h 1.5 h 1.0 h 0.47 h inductance ( h) 0.1 1 10 1 10 100 1000 10000 current (ma) 0.47 h 4.7 h 1.0 h 2.2 h 3.3 h 1.5 h test frequency: 1mhz class of magnetic shield: magnetic shield of ferrite operating temperature range: -55 c to +125 c  inductance-frequency characteristics (typ.)  inductance-current characteristics (typ.) continued on the following page.
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for chip inductors (chip coils) used for general electronics equipment for your design. 2010.9.9 current (ma) temperature rise ( c) 40 30 20 10 0 0 500 1000 1500 2000 2.2 h 1.5 h 0.47 h 3.3 h 4.7 h 1.0 h inductors (coils) > chip inductor (chip coil) > power inductor (multilayer type)  temperature rise characteristics (typ.) ! caution (rating) do not use products beyond the rated current as this may create excessive heat. notice solderability of tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the tin melting point is used. please confirm the solderability of tin plating termination chip before use.  ! caution/notice


▲Up To Search▲   

 
Price & Availability of LQM2HPN1R0MG0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X