Part Number Hot Search : 
7805F 7805F 38905 RSB39VFH ADP333 A1095 1812B LA76931S
Product Description
Full Text Search
 

To Download L77HDE15S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd application d'sub connectors - stamped and formed contacts sd / e5 solder-cup termination standard and high density the amphenol "sd" series features precision formed contacts, and insulator with closed entry contacts cavities. this series gives you amphenol's high standards of quality and reliability to meet all of your commercial requirements. ? industrial ? telecom ? any industry standard i / o connections economical solder cup connectors economical solder cup connectors materials and platings shells steel, tin over nickel plating insulator glass-filled thermoplastic, ul 94v-0 contacts brass, selected gold in mating area; 2.54m (100") min. tin on termination area over 1.27m (50") min. nickel rear insert brass, 2.54m (100") min. nickel plated screwlock brass, 2.54m (100") min. nickel plated electrical data current rating standard density: 5a high density: 3a voltage rating 250v ac/rms 50hz withstanding voltage 1000v ac/rms 50hz for one minute insulation resistance 1000m? at 500v dc contact resistance 20m? max climatic data operating temperature -55c to +125c salt spray 24 hours standard plating thickness ? gold flash ? 0.4m (15") gold ? 0.76 m (30") gold mechanical data single contact insertion force 0.54kg (1.19lb) max single contact withdrawal force sd : 0.06kg (0.13lb) min hd : 0.02kg (0.044lb) min mating and unmating force unit: kg ( lb) no. of cts sd hd sd 9 15 25 37 50 hd 15 26 44 62 78 mate (max) 3.05 (6.74) 5.09 (11.24) 8.44 (18.66) 12.51 (27.65) 14.65 (32.38) unmate (min) 0.36 (0.79) 0.46 (1.01) 0.81 (1.8) 1.1 (2.47) 1.6 (3.56) mate (max) 3.81 (8.42) 5.95 (13.16) 9.26 (20.46) 13.48 (29.78) 15.82 (34.96) unmate (min) 0.52 (1.14) 1.05 (2.32) 1.37 (3.02) 1.76 (3.88) 2.02 (4.46) specifications ? u l file: e232356 ? connectors according to mi l c24308 d escription ch arac ter isti cs
standard density overall di mensi ons a0.38 (.015) ?3.05 (.120 dia) 10.72 (.422) position #1 10 x e0.05 (.002) f0.13 (.005) d0.13 (.005) c0.13 (.005) b0.13 (.005) 2.84 (.112) 5.8 (.228) 12.3 (.484) 12.5 (.492) 11.2 (.441) 6.0 (.236) 3 (.118) 11 (.433) 8.380.13 (.330.005) 12.550.38 (.4940.015) 7.90.13 (.3110.005) plug socket nb of dimensions mm (inch) contacts a b c d e f x 9 30.84 (1.21) 24.99 (.98) 16.92 (.67) 16.24 (.64) 11.09 (.44) 19.28 (.76) 2.77 15 39.24 (1.54) 33.32 (1.31) 24.7 (.972) 24.56 (.97) 19.39 (.76) 27.51 (1.08) 2.77 25 53.04 (2.09) 47.04 (1.85) 38.96 (1.53) 38.38 (1.51) 33.24 (1.31) 41.30 (1.63) 2.77 37 69.32 (2.73) 63.50 (2.50) 55.42 (2.18) 54.76 (2.16) 49.86 (1.96) 57.71 (2.27) 2.77 50 67 (2.64) 61.11 (2.41) 52.86 (2.08) 52.34 (2.06) 44.32 (1.75) 55.3 (2.18) 2.77 10 a0.38 (.015) position #1 e0.13 (.005) f0.38 (.015) 13.56 (.534) d0.13 (.005) c0.13 (.005) b0.13 (.005) 11.20.13 (.4410.005) 5.8 (.228) 12.5 (.492) 11.2 (.441) 6.0 (.236) 3 (.118) 11 (.433) 12.3 (.484) 15.370.38 (.6050.015) 10.90.13 (.4290.005) 2.84 (.112) 2.84 ?3.05 (.120 dia) x plug socket
high density overall di mensi ons sd / e5 position #1 10 a0.38 (.015) 2.290.05 (.090.002) ?3.05 (.120) d0.13 (.005) c0.13 (.005) b0.13 (.005) 8.380.13 (.330.005) 7.90.13 (.3110.005) 12.550.38 (.4940.015) 1.98 1.98 (.078) 12 (.472) 11 (.433) 5.8 (.228) 12.2 (.48) 3.0 (.118) 5.0 (.197) 11.2 (.441) 6.0 (.236) e0.13 (.005) 10.72 (.422) plug socket a0.38 (.015) 45.790.13 (1.8030.005) 2.41 (.95) ?3.05 (.120) 33.56 (.534) position #1 d0.13 (.005) c0.13 (.005) b0.13 (.005) 11.20.13 (.4410.005) 12 (.472) 6.0 (.236) 11 (.433) 11.2 (.441) 5.0 (.197) 3.0 (.118) 12.2 (.48) 5.8 (.228) 2.08 (.082)x3=6.24 (.246) 10.90.13 (.4290.005) 15.370.38 (.6050.015) e0.38 (.015) plug socket 78 contacts 10 nb of dimensions mm (inch) contacts a b c d e 15 30.84 (1.21) 24.99 (.98) 16.92 (.67) 16.24 (.64) 19.28 (.76) 26 39.24 (1.54) 33.32 (1.31) 24.7 (.972) 24.56 (.97) 27.51 (1.08) 44 53.04 (2.09) 47.04 (1.85) 38.96 (1.53) 38.38 (1.51) 41.30 (1.63) 62 69.32 (2.73) 63.50 (2.50) 55.42 (2.18) 54.76 (2.16) 57.71 (2.27) 78 67 (2.64) 61.11 (2.41) 52.86 (2.08) 52.34 (2.06) 55.3 (2.18)
notes panel mounting option how to order do not hesitate to contact us for further information amphenol it & communication products block a3/a4, the 4th industrial district of industrial headquarters, dong keng road gong ming town, shen zhen china fax:+86(0)755 2754 9955 technical support tel:+86(0)755 2717 7945 info-dsub@amphenol.com.cn http://www.dsubconnector.com the information given in this document are as a guideline only. we reserve the right to modify our products in any way we deem necessary. any duplication is prohibited, unless approved in writing. e5/h sd = standard density hd = high density gold flash 77 : tinned shell for receptable 717 : tinned shell + dimples for plug 177 : tinned shell for receptable 777 : tinned shell + dimples for plug 0.4m (15") shell size: sd hd e = 9 15 a = 15 26 b = 25 44 c = 37 62 d = 50 78 rohs compliant rear mounting option: h = rear insert 4-40 g = rear insert m3 h or g required with vf or vfm contact type: p = plug s = socket front mounting option: no digit = 3.05mm rivet vf = screwlock 4-40 vfm = screwlock m3 4f = fixed screwlock 4-40 3f = fixed screwlock m3 plating option: valid only for 0.76m (30") part numbers to be written as follow: 77...................c309 717.................c309 configuration: = sd 09,15,25,37,50 = hd 15,26,44,62,78 ... c309 ... ... ... ... ... ... l for special request, please consult factory or female screwlock vf / vfm fixed female screwlock 4f / 3f threaded rear insert h / g m3 or #4-40 screwlock 5.8 (.228) 5.9 (.232) m3 or #4-40 m3 or #4-40 6.0 (.236) density: examples: l 717 sd e h 09 p vf c309 l 77 sd e 09 s 4f


▲Up To Search▲   

 
Price & Availability of L77HDE15S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X