Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download IXGR40N60B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces t j = 25 c5 0 a v ge = 0 v t j = 150 c1 m a i ges v ce = 0 v, v ge = 20 v 100 na v ce(sat) i c = 30 a, v ge = 15 v t j = 25 c 1.9 v symbol test conditions maximum ratings v ces t j = 25c to 150 c 600 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c6 0 a i c110 t c = 110 c3 3 a i f110 t c = 110 c (IXGR40N60B2d1) 25 a i cm t c = 25 c, 1 ms 200 a ssoa v ge = 15 v, t vj = 125 c, r g = 10 ? i cm = 80 a (rbsoa) clamped inductive load @ 600 v p c t c = 25 c 167 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c v isol 50/60 hz rms, t = 1m 2500 v maximum lead temperature for soldering 300 c 1.6 mm (0.062 in.) from case for 10 s weight 6g ds99162a(05/04) g = gate, c = collector, e = emitter isoplus247 (ixgr) v ces = 600 v i c25 = 75 a v ce(sat) = 1.9 v t fi typ = 82 ns d1 ixgr 40n60b2 ixgr 40n60b2d1 hiperfast tm igbt isoplus247 tm c2-class high speed igbts (electrically isolated back surface) optimized for 10-25 khz hard switching and up to 150 khz resonant switching features z dcb isolated mounting tab z meets to-247ad package outline z high current handling capability z latest generation hdmos tm process z mos gate turn-on - drive simplicity applications z uninterruptible power supplies (ups) z switched-mode and resonant-mode power supplies z ac motor speed control z dc servo and robot drives z dc choppers advantages z easy assembly z high power density z very fast switching speeds for high frequency applications e153432 preliminary data sheet c e (isolated tab) g
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 40n60b2 ixgr 40n60b2d1 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 30 a; v ce = 10 v, 20 36 s pulse test, t 300 s, duty cycle 2 % c ies 2560 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 210 pf c res 54 pf q g 100 nc q ge i c = 30 a, v ge = 15 v, v ce = 300 v 15 nc q gc 36 nc t d(on) 18 ns t ri 20 ns t d(off) 130 200 ns t fi 82 150 ns e off 0.4 0.8 mj t d(on) 18 ns t ri 20 ns e on 0.3 mj t d(off) 240 ns t fi 150 ns e off 1.10 mj r thjc 0.75 k/w r thck 0.15 k/w inductive load, t j = 25 c i c = 30 a, v ge = 15 v v ce = 400 v, r g = 3.3 ? inductive load, t j = 125 c i c = 30 a, v ge = 15 v v ce = 400 v, r g = 3.3 ? reverse diode (fred) characteristic values (t j = 25c, unless otherwise specified) symbol test conditions min. typ. max. v f i f = 30 a, v ge = 0 v, pulse test t j =150 c 1.6 v t 300 s, duty cycle d 2 % 2.5 v i rm i f = 30 a, v ge = 0 v, -di f /dt =100 a/ s, t j = 100 c4a t rr v r = 100 v t j = 100 c 100 ns i f = 1 a; -di/dt = 100 a/ s; v r = 30 v 25 n s r thjc 0.9 1.1 k/w isoplus 247 outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463
? 2004 ixys all rights reserved fig. 2. extended output characteristics @ 25 deg. c 0 30 60 90 120 150 180 210 01234567 v c e - volts i c - amperes v ge = 15v 13v 5v 7v 9v 11v fig. 3. output characteristics @ 125 deg. c 0 10 20 30 40 50 60 0.5 1 1.5 2 2.5 3 v ce - volts i c - amperes v ge = 15v 13v 11v 5v 7v 9v fig. 1. output characteristics @ 25 deg. c 0 10 20 30 40 50 60 0.511.522.53 v c e - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 4. dependence of v ce(sat) on temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v c e (s at) - normalized i c = 30a i c = 15a v ge = 15v i c = 60a fig. 5. collector-to-em itter voltage vs. gate-to-emitter voltage 1 1.5 2 2.5 3 3.5 4 567891011121314151617 v g e - volts v c e - volts t j = 25oc i c = 60a 30a 15a fig. 6. input adm ittance 0 30 60 90 120 150 180 3456 78910 v g e - volts i c - amperes t j = 125oc 25oc -40oc ixgr 40n60b2 ixgr 40n60b2d1
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 40n60b2 ixgr 40n60b2d1 fig. 7. transconductance 0 10 20 30 40 50 60 0 30 60 90 120 150 180 i c - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 8. dependence of turn-off en e r g y o n r g 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 3 6 9 1215 1821242730 r g - ohms e off - millijoules i c = 15a t j = 125oc v ge = 15v v ce = 400v i c = 30a i c = 60a fig. 9. dependence of turn-off en e r g y on i c 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 15 20 25 30 35 40 45 50 55 60 i c - amperes e off - millijoules r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc fig. 10. dependence of turn-off energy on temperature 0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules i c = 60a r g = 3.3 ? v ge = 15v v ce = 400v i c = 30a i c = 15a fig. 11. dependence of turn-off sw itching time on r g 100 150 200 250 300 350 400 450 500 550 600 3 6 9 12151821242730 r g - ohms switching time - nanosecond i c = 30a t d(off) t fi - - - - - - t j = 125oc v ge = 15v v ce = 400v i c = 15a i c = 60a fig. 12. dependence of turn-off sw itching tim e on i c 75 100 125 150 175 200 225 250 275 300 15 20 25 30 35 40 45 50 55 60 i c - amperes switching time - nanosecond t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc
? 2004 ixys all rights reserved ixgr 40n60b2 ixgr 40n60b2d1 fig. 14. gate charge 0 3 6 9 12 15 0 1020 3040 50 6070 8090100 q g - nanocoulombs v g e - volts v ce = 300v i c = 30a i g = 10ma fig. 15. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v c e - volts capacitance - p f c ies c oes c res f = 1 mhz fig. 13. dependence of turn-off sw itching time on temperature 75 100 125 150 175 200 225 250 275 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade switching time - nanosecond t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v i c = 30a i c = 60a i c = 15a fig. 13. maximum transient thermal resistance 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w)
ixys reserves the right to change limits, test conditions, and dimensions. ixgr 40n60b2 ixgr 40n60b2d1 200 600 1000 0 400 800 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.00 0.25 0.50 0.75 1.00 v fr di f /dt v 200 600 1000 0 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 1000 0123 0 10 20 30 40 50 60 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr z thjc a/ s s dsep 2x31-06b i f = 60a i f = 30a i f = 15a t vj = 100c v r = 300v t vj = 100c i f = 30a fig. 19 peak reverse current i rm versus -di f /dt fig. 18 reverse recovery charge q r versus -di f /dt fig. 17 forward current i f versus v f t vj = 100c v r = 300v t vj = 100c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 20 dynamic parameters q r , i rm versus t vj fig. 21 recovery time t rr versus -di f /dt fig. 22 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 23 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.436 0.0055 2 0.482 0.0092 3 0.117 0.0007 4 0.115 0.0418 906 t vj =25c t vj =100c t vj =150c


▲Up To Search▲   

 
Price & Availability of IXGR40N60B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X