Part Number Hot Search : 
377B1 C3790 03116001 1N5349B 408RP P3116 54100 AOI472A
Product Description
Full Text Search
 

To Download IRFU3303PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
      
    

   
      
           
      

    
             !" #      #    
    
 !  "#  $   %& && '(  "( ))  !  "#  $   %& && '(  "(    !  *+%& &&      "#  $  ,&%  - . / &%& 01
&   (  2  3 &
( * 0 4 ( 5  3 0**6*
75 &08  9  !  6*
7&&  :  5  - 66*
75 &08  .  +6+ ;% +
6&8+6+    (  #  <-& 0
 +  = # 
 3 &0#-& & 0 3 *+& 0#-& &'> &
+ )?>& 
  
    
 

    


     
    
  
          !
" 
  
 #$
%  $
 !     !
  
        
    & !  '()  !  *
!
 %    
!
     

  $     
 !       
#  +"& * 
     


    %
 % !    
 
 #      
 ,-   .     "    

  
#& !  
    /#0!   $ 
      
  
#      +))   +),
.  ? s d g d-pak t o-252aa i-pak to-251aa www.kersemi.com 1
   


      (  %&  3 &
&;+ , ( * 0 )   ( (  $('!  $@ ?    ?   &;+ , ( * 0#- >>
  )  ( >&
 '!  $    3 
%&  3 &
<   
   ) ? (  $('!  $:  (   2 #7&7 *+( * 0    ( (  $(  '!  $@ 0  1 &,&+#& 
+

 9)   3 (  $('!  $:    @ (  $)('(  $(    (  $('(  $('#  $ 2  3 &
1 &,&+/;0    (  $( 2  3 &
6&/;0     (  $( a  # *2 7&0   9 !  $: a  2  3 &
7&0   .)  (  $( a  2  %& bc **&b7&0   ) (  $('31 0? +)    #& < %*8#     (  $(   #   99  !  $:   #& <>>%*8#   ?    $) ?  1**#   :    $: ?, 31 0   , *+'   ?  >& -
;0  +
 & >+ 

   ! - -

  .  (  $(   < - -

    -1 (  $(   6&#& >&-

    d$cef'31 0 e    

   
 

 ! "# /  ! & *%& ! +

 /  ! & *3 &
! +

   !    . !  %&  3 &
/;0&& $%   
 " 

 


      !    3 &
&& c<315#8 *  +8% +   7 , 0 7   *+3 &
&& 0&*&6&  +8% +    - g
+ + (  % +1 &,&+( * 0   ) ( #  $'!  $:'(  $(   6&
6&8#   ) :  #  $'!  $: a  6&
6&87&0  9   + + $@    1 &,&+#& < #  ! & 
 &     0* 0 * &   +   +8/  =/   ))      #7  --* +> &!k'/   >%k &+ , *+ +
 & >+ 

 3 & 0#  $'/$9@e   $ ? '!  $:31 0&  - 6& 0l-*, + 7*  +8  mg
 -& &3> 0  i sd :'+ +  @'(  (  ' #    *, + 7 )@l+ 8
8
* n s d g s d g  
* +
 
&& + m ** ,*g
-& &l
;0*   
&& $
   
       !     !      "  !   -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 30a 0.1 1 10 100 4 5 6 7 8 9 10 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j 0.01 0.1 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 
  
 #$  %" &    ' ! & ' %   &       %   &   %     ( )  & 0.1 1 10 100 1000 0.0 1.0 2.0 3.0 4.0 5.0 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j 1 10 100 1000 1 10 100 operation in this area limited by r ds(on) single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0 5 10 15 20 25 30 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 18a v = 15v ds v = 24v ds 1 10 100 0 200 400 600 800 1000 1200 1400 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss
   %)!&    v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f  %)!& *+"  (   1   ! 0.1 %   (    %o# ( + - (   #$  ,""+ ! - ./     #$          25 50 75 100 125 150 0 5 10 15 20 25 30 35 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
   0 -+    0 -+*+"  v ds l d.u.t. v d d i as t p 0.01 ? r g + - t p v ds i as v dd v (br)dss "#$ q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   1' ! &*+"  #$   +!, &       ' ! &   2 25 50 75 100 125 150 0 50 100 150 200 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 8.0a 11a 18a
  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - 3 (  $(> &/ 0
/6*%6
      (  ? +6+ 
& **+8  ? %& 6& 8-%o# ? !  
& **+8% 81
&b%b ? %o#%6
o +&# 

 &
 /8    +&  ? / ,3 &8! +

  ? 2&  +*   ? / ,/;0! +

 && #&  > &&  3  ( 
 !4,5(,%  
      
   

  

  +

   !
 
    ,
 . 12 in t he as sembly line "a" ass embled on ww 16, 1999 example: wi t h as s e mb l y t his is an irfr120 lot code 1234 year 9 = 199 9 dat e code we e k 16 part number logo int ernat ional rect ifier assembly lot code 916a irfu120 34 year 9 = 1999 dat e code or p = designates lead-free product (opt ional) note: "p" in as s embly line pos ition indicates "l ead- f r ee" 12 34 week 16 a = as s e mb l y s i t e code part number irf u120 line a logo lot code assembly international rectifier
   
   +

   !
 
    ,
 .  
  assembly example: with assembly this is an irfu120 year 9 = 199 9 dat e code line a week 19 in the assembly line "a" as s e mble d on ww 19, 1999 lot code 5678 part number 56 irfu120 international logo rectifier lot code 919a 78 note: "p" in ass embly line pos i ti on i ndi cates "l ead- f r ee"  56 78 as s e mb l y lot code rectifier logo international irfu120 part number we e k 1 9 dat e code year 9 = 1999 a = as s e mb l y s i t e code p = designates lead-free product (optional)
    

    +

   !
 
    ,
 . tr 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) feed direction feed direction 16.3 ( .641 ) 15.7 ( .619 ) trr trl n otes : 1 . controlling dimension : millimeter. 2 . all dimensions are shown in millimeters ( inches ). 3 . outline conforms to eia-481 & eia-541. notes : 1. outline conforms to eia-481. 16 mm 13 inch


▲Up To Search▲   

 
Price & Availability of IRFU3303PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X