Part Number Hot Search : 
ZM85C43 216T1 16LT1 TA8132AN 10502 ESR0805 60EPF MB90820
Product Description
Full Text Search
 

To Download HFBR-53A5VEMZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HFBR-53A5VEMZ/hfbr-53a5vfmz 3.3 v 1 x 9 fiber optic transceivers for gigabit ethernet low voltage data sheet description the HFBR-53A5VEMZ transceivers from avago technolo - gies allow the system designer to implement a range of solutions for multimode gigabit ethernet applications. the overall avago transceiver prod uct consists of three sections: the transmitter and receiver optical sub- assemblies, an electrical subassembly, and the pack - age housing which incorporates a duplex sc connector receptacle. transmitter section the transmitter section of the HFBR-53A5VEMZ/fmz consists of an 850 nm vertical cavity surface emitting laser (vcsel) in an optical subassembly (osa), which mates to the fber cable. the osa is driven by a cus - tom, silicon bipolar ic which converts diferential pecl compatible logic signals into an analog laser diode drive current. the high speed output lines are internally ac- coupled and diferen-tially terminate with a 100 ? resistor. receiver section the receiver of the HFBR-53A5VEMZ/fmz includes a gaas pin photo-diode mounted together with a custom, silicon bipolar transimpedance preamplifer ic in an osa. this osa is mated to a custom silicon bipolar circuit that provides post-amplifcation and quantization. the post-amplifer also includes a signal detect circuit which pro vides a ttl logic-high output upon detection of a usable input optical signal level. the high speed output lines are internally ac-coupled. features ? compliant with specifcations for ieee- 802.3z gigabit ethernet ? industry standard mezzanine height 1 x 9 package style with integral duplex sc connector ? performanceHFBR-53A5VEMZ/fmz: C 220 m links in 62.5/125 m mmf 160 mhz* km cables C 275 m links in 62.5/125 m mmf 200 mhz* km cables C 500 m links in 50/125 m mmf 400 mhz* km cables C 550 m links in 50/125 m mmf 500 mhz* km cables ? iec 60825-1 class 1/cdrh class i laser eye safe ? single +3.3 v power supply operation with pecl com - patible logic interfaces and ttl signal detect ? wave solder and aqueous wash process compatible ? rohs compliant applications ? switch-to-switch interface ? switched backbone applications ? high speed interface for fle servers ? high performance desktops related products ? physical layer ics available for optical or copper interface (hdmp-1636a/1646a) ? quad serdes ic available for high-density interface ? versions of this transceiver module also available for +5 v operation (afbr-53d5xz/hfct-53d5xxz) ? mt-rj sff fber optic transceivers for gigabit ethernet (hfbr/hfct-5912ez) ? gigabit interface converters (gbic) gigabit ethernet sx-afbr-5601z/lx-afct-5611z patent - www.avagotech.com/patents
2 package and handling instructions flammability the HFBR-53A5VEMZ/fmz transceiver housing is made of high strength, heat resistant, chemically resistant, and ul 94v - 0 fame retardant plastic. recommended solder and wash process the HFBR-53A5VEMZ/fmz is compatible with industry- standard wave or hand solder processes. process plug this transceiver is supplied with a process plug (hfbr-5000) for protection of the optical ports within the duplex sc connector receptacle. this process plug prevents contamination during wave solder and aqueous rinse as well as during handling, shipping and storage. it is made of a high-temperature, molded sealing material that can withstand 80c and a rinse pressure of 110 lbs per square inch. recommended solder fluxes solder fluxes used with the HFBR-53A5VEMZ/fmz should be water-soluble, organic fuxes. recom mended solder fluxes include lonco 3355-11 from london chemical west, inc. of burbank, ca, and 100 flux from alpha-metals of jersey city, nj. recommended cleaning/degrading chemicals alcohols : methyl, isopropyl, isobutyl. aliphatics : hexane, heptane. other: soap solution, naphtha. do not use partially halogenated hydrocarbons such as 1,1.1 trichloroethane, ketones such as mek, ac - etone, chloroform, ethyl acetate, methylene dichloride, phenol, methylene chloride, or n-methylpyrolldone. also, avago does not recommend the use of cleaners that use halogenated hydrocarbons because of their potential environmental harm. regulatory compliance (see the regulatory compliance table for transceiver performance) the overall equipment design will determine the certification level. the transceiver performance is ofered as a fgure of merit to assist the designer in considering their use in equipment designs. electrostatic discharge (esd) there are two design cases in which immunity to esd damage is important. the frst case is during handling of the transceiver prior to mounting it on the circuit board. it is important to use normal esd handling precautions for esd sensitive devices. these pre cautions include using grounded wrist straps, work benches, and floor mats in esd controlled areas. the transceiver perform ance has been shown to provide adequate performance in typical industry production environments. the second case to consider is static discharges to the exterior of the equipment chassis containing the transceiver parts. to the extent that the duplex sc connector receptacle is exposed to the outside of the equipment chassis it may be subject to whatever system-level esd test criteria that the equipment is intend - ed to meet. the transceiver performance is more robust than typical industry equipment requirements of today. electromagnetic interference (emi) most equipment designs utilizing these high-speed transceivers from avago will be required to meet the requirements of fcc in the united states, cenelec en55022 (cispr 22) in europe and vcci in japan. refer to emi section (page 4) for more details. immunity equipment utilizing these transceivers will be subject to radio-frequency electromagnetic felds in some en - vironments. these transceivers have good immunity to such felds due to their shielded design. eye safety these laser-based transceivers are classifed as ael class i (u.s. 21 cfr(j) and ael class 1 per en 60825-1 (+a11). they are eye safe when used within the data sheet limits per cdrh. they are also eye safe under nor - mal operating conditions and under all reasonably forseeable single fault conditions per en60825-1. avago has tested the transceiver design for com - pliance with the requirements listed below under normal operating conditions and under single fault conditions where applicable. tuv rheinland has granted certifcation to these transceivers for laser eye safety and use in en 60950 and en 60825-2 applications. their performance enables the transceivers to be used without concern for eye safety up to maximum volts transmitter v cc .
3 regulatory compliance feature test method performance electrostatic discharge mil-std-883c class 1 (>1500 v). (esd) to the method 3015.7 electrical pins electrostatic discharge variation of iec 61000-4-2 typically withstand at least 15 kv without (esd) to the damage when the duplex sc connector duplex sc receptacle receptacle is contacted by a human body model probe. electromagnetic fcc class b margins are dependent on customer board and interference (emi) cenelec en55022 class b chassis designs. (cispr 22a) vcci class i immunity variation of iec 61000-4-3 typically show no measurable efect from a 10 v/m feld swept from 80 to 1000 mhz applied to the transceiver without a chassis enclosure. laser eye safety us 21 cfr, subchapter j ael class i, fda/cdrh and equipment type per paragraphs 1002.10 hfbr-53a5v*mz accession #9720151 testing and 1002.12 en 60825-1: 1994 + a1 + a2 ael class 1, tuv rheinland of north america en 60825-2: 2000 hfbr-53a5v*mz: en 60950: 2000 certifcate #r72040311 protection class iii component underwriters laboratories and ul file e173874 recognition canadian standards association joint component recognition for information technology equipment including electrical business equipment. rohs compliance reference to eu rohs directive 2002/95/ec caution: there are no user serviceable parts nor any maintenance required for the HFBR-53A5VEMZ/fmz. all adjust - ments are made at the factory before shipment to our customers. tampering with or modifying the performance of the HFBR-53A5VEMZ/fmz will result in voided product warranty. it may also result in improper operation of the HFBR-53A5VEMZ/fmz circuitry, and possible overstress of the laser source. device degradation or product failure may result. connection of the HFBR-53A5VEMZ/fmz to a non- approved optical source, operating above the recom - mended absolute maximum conditions or operating the HFBR-53A5VEMZ/fmz in a manner inconsistent with its design and function may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. the person(s) per - forming such an act is required by law to recertify and reidentify the laser product under the provisions of u.s. 21 cfr (subchapter j).
4 eye safety circuit for an optical transmitter device to be eye-safe in the event of a single fault failure, the trans mit ter must either maintain normal, eye-safe operation or be disabled. in the HFBR-53A5VEMZ/fmz there are three key elements to the laser driver safety circuitry: a monitor diode, a window detec tor circuit, and direct control of the laser bias. the window detection circuit monitors the average optical power using the monitor diode. if a fault occurs such that the transmitter dc regulation circuit cannot maintain the preset bias conditions for the laser emitter within 20%, the transmitter will automatically be disabled. once this has occurred, only an electrical power reset will allow an attempted turn-on of the transmitter. signal detect the signal detect circuit provides a deasserted output signal that implies the link is open or the transmitter is off as defned by the gigabit ethernet specifcation ieee 802.3z, table 38.1. the signal detect threshold is set to transition from a high to low state between the minimum receiver input optional power and C30 dbm avg. input optical power indicating a defnite optical fault (e.g., unplugged connector for the receiver or transmitter, broken fber, or failed far-end transmitter or data source). a signal detect indicating a working link is functional when receiving encoded 8b/10b characters. the signal detect does not detect receiver data error or error-rate. data errors are determined by signal processing following the transceiver. electromagnetic interference (emi) one of a circuit board designers foremost concerns is the control of electromagnetic emissions from elec - tronic equipment. success in controlling gener - ated electromagnetic interference (emi) enables the designer to pass a governmental agencys emi regulatory standard; and more importantly, it reduces the possibility of interference to neighboring equipment. the emi performance of an enclosure using these transceivers is dependent on the chassis design. avago encourages using standard rf suppression practices and avoiding poorly emi-sealed enclosures. application support optical power budget and link penalties the worst-case optical power budget (opb) in db for a fber-optic link is determined by the diference be - tween the minimum transmitter output optical power (dbm avg) and the lowest receiver sensitivity (dbm avg). this opb provides the necessary optical signal range to establish a working fber-optic link. the opb is allocated for the fiber-optic cable length and the corre sponding link penalties. for proper link performance, all penalties that affect the link performance must be accounted for within the link optical power budget. the gigabit ethernet ieee 802.3z standard identifes, and has modeled, the contributions of these opb penalties to establish the link length requirements for 62.5/125 m and 50/125 m multimode fiber usage. refer to the ieee 802.3z standard and its supplemental documents that develop the model, empirical results and fnal specifcations. data line interconnections avagos HFBR-53A5VEMZ/fmz fber-optic transceiver is designed for compatible pecl signals. the transmit - ter inputs are internally ac-coupled to the laser driver circuit from the transmitter input pins (pins 7, 8). the transmitter driver circuit for the laser light source is an ac-coupled circuit. this circuit regulates the output optical power. the regulated light output will maintain a constant output optical power provided the data pattern is reasonably balanced in duty factor. if the data duty factor has long, con tinu ous state times (low or high data duty factor), then the output optical power will gradually change its average output optical power level to its pre-set value. the receiver section is internally ac-coupled between the pre-amplifer and the post-amplifer stages. the actual data and data-bar outputs of the post-amplifer are ac-coupled to their respective output pins (pins 2, 3). signal detect is a single-ended, ttl output signal that is dc-coupled to pin 4 of the module. signal detect should not be ac-coupled externally to the follow-on circuits because of its infrequent state changes. caution should be taken to account for the proper intercon nec tion between the supporting physical layer integrated circuits and this HFBR-53A5VEMZ/ fmz transceiver. figure 3 illustrates a recommended interface circuit for interconnecting to a dc pecl compatible fber-optic transceiver.
5 recommended operating conditions parameter symbol min. typ. max. unit reference ambient operating temperature t a 0 70 c case temperature t c 80 c 2 supply voltage v cc 3.14 3.3 3.47 v power supply rejection psr 100 mv pCp 3 transmitter diferential input voltage v d 0.4 1.6 v data output load r dl 50 ? ttl signal detect output current i ol 1.0 ma ttl signal detect output current i oh C400 a absolute maximum ratings stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. it should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. exposure to the absolute maximum ratings for extended periods can adversely afect device reliability. parameter symbol min. typ. max. unit reference storage temperature t s C40 +100 c supply voltage v cc C0.5 5.0 v 1 transmitter diferential input voltage v d 2.2 v relative humidity rh 5 95 % ttl signal detect current C low i ol, max C5 ma ttl signal detect current C high i oh, max 4.0 ma process compatibility parameter symbol min. typ. max. unit reference hand lead soldering temperature/time t sold /t sold +260/10 c/s wave soldering and aqueous wash t sold /t sold +260/10 c/s 4 notes: 1. the transceiver is class 1 eye safe up to v cc = 5.0 v. 2. case temperature measurement referenced to the center top of the internal metal transmitter shield. 3. tested with a 100 mv pCp sinusoidal signal in the frequency range from 10 hz to 2 mhz on the v cc supply with the recommended power sup - ply flter in place. typically less than a 1 db change in sensitivity is experienced. 4. aqueous wash pressure < 110 psi.
6 receiver electrical characteristics (t a = 0 c to +70 c, v cc = 3.14 v to 3.47 v) parameter symbol min. typ. max. unit reference supply current i ccr 80 135 ma power dissipation p disr 0.26 0.47 w data output voltage C peak to peak v opp 0.4 2 v 2 diferential data output rise time t r 0.40 ns 3 data output fall time t f 0.40 ns 3 signal detect output voltage C low v ol 0.6 v 4 signal detect output voltage C high v oh 2.2 v 4 signal detect assert time t sda 100 s signal detect deassert time t sdd 350 s HFBR-53A5VEMZ/fmz, 850 nm vcsel transmitter electrical characteristics (t a = 0 c to +70 c, v cc = 3.14 v to 3.47 v) parameter symbol min. typ. max. unit reference supply current i cct 55 75 ma power dissipation p dist 0.18 0.26 w laser reset voltage v cctCreset 2.5 2.0 v 1 notes: 1. the laser reset voltage is the voltage level below which the v cct voltage must be lowered to cause the laser driver circuit to reset from an electrical/optical shutdown condition to a proper electrical/optical operating condition. the maximum value corresponds to the worst-case highest v cc voltage necessary to cause a reset condition to occur. the laser safety shutdown circuit will operate properly with transmitter v cc levels of 2.5 vdc v cc 5.0 vdc. 2. these outputs are compatible with 10 k, 10 kh, and 100 k ecl and pecl inputs. 3. these are 20-80% values. 4. under recommended operating conditions.
7 receiver optical characteristics (t a = 0c to +70c, v cc = 3.14 v to 3.47 v) parameter symbol min. typ. max. unit reference input optical power p in C17 0 dbm avg. 7 stressed receiver sensitivity 62.5 m C12.5 dbm avg. 8 50 m C13.5 dbm avg. 8 stressed receiver eye 201 ps 6, 9 opening at tp4 receive electrical 3 db 1500 mhz 10 upper cutof frequency operating center wavelength c 770 860 nm return loss 12 db 11 signal detect C asserted p a C17 dbm avg. 12 signal detect C deasserted p d C30 dbm avg. 12 signal detect C hysteresis p a C p d 1.5 db 12 notes: 1. the maximum optical output power complies with the ieee 802.3z specifcation, and is class 1 laser eye safe. 2. optical extinction ratio is defned as the ratio of the average optical power of the transmitter in the high (1) state to the low (0) state. ex - tinction ratio shall be measured using the methods specifed in tia/eia.526.4a. this measurement may be made with the node transmitting a 36a.3 data pattern. the saturation ratio is measured under fully modulated conditions with worst case refections. a36a.3 data pattern is a repeating k28.7 data pattern, which generates a 125 mhz square wave. 3. these are unfltered 20-80% values. 4. laser transmitter pulse response characteristics are specifed by an eye diagram (figure 1). the characteristics include rise time, fall time, pulse overshoot, pulse undershoot, and ringing, all of which are controlled to prevent excessive degradation of the receiver sensitivity. these parameters are specifed by the referenced gigabit ethernet eye diagram using the required flter. the output optical waveform complies with the requirements of the eye mask discussed in section 38.6.5 and fig. 38-2 of ieee 802.3z. 5. cpr is measured in accordance with eia/tia-526-14a as referenced in 802.3z, section 38.6.10. 6. tp refers to the compliance point specifed in 802.3z, section 38.2.1. 7. the receive sensitivity is measured using a worst case extinction ratio penalty while sampling at the center of the eye. 8. the stressed receiver sensitivity is measured using the conformance test signal defned in 802.3z, section 38.6.11. the conformance test signal is conditioned by applying deterministic jitter and intersymbol interference. 9. the stressed receiver jitter is measured using the conformance test signal defned in 802.3z, section 38.6.11 and set to an average optical power 0.5 db greater than the specifed stressed receiver sensitivity. 10. the 3 db electrical bandwidth of the receiver is measured using the technique outlined in 802.3z, section 38.6.12. 11. return loss is defned as the minimum attenuation (db) of received optical power for energy refected back into the optical fber. 12. with valid 8b/10b encoded data. HFBR-53A5VEMZ/fmz, 850 nm vcsel transmitter optical characteristics (t a = 0c to +70c, v cc = 3.14 v to 3.47 v) parameter symbol min. typ. max. unit reference output optical power p out C9.5 C4 dbm avg. 1 50/125 m, na = 0.20 fiber output optical power p out C9.5 C4 dbm avg. 1 62.5/125 m, na = 0.275 fiber optical extinction ratio 9 db 2 center wavelength c 830 850 860 nm spectral width C rms 0.85 nm rms optical rise/fall time t r /t f 0.26 ns 3, 4, figure 1 rin 12 C117 db/hz coupled power ratio cpr 9 db 5 total transmitter jitter 227 ps 6 added at tp2
8 table 1. pinout table pin symbol functional description mounting pins the mounting pins are provided for transceiver mechanical attachment to the circuit board. they are embedded in the nonconductive plastic housing and are not connected to the trans ceiver internal circuit, nor is there a guaranteed connection to the metallized housing in the em and fm versions. they should be soldered into plated - through holes on the printed circuit board. 1 v ee r receiver signal ground directly connect this pin to receiver signal ground plane. (v ee r = v ee t) 2 rd+ receiver data out ac coupled C pecl compatible. 3 rdC receiver data out bar ac coupled C pecl compatible. 4 sd signal detect signal detect is a single - ended ttl output. if signal detect output is not used, leave it open- circuited. normal optical input levels to the receiver result in a logic 1 output, v oh , asserted. low input optical levels to the receiver result in a fault condition indicated by a logic 0 output v ol , deasserted. 5 v cc r receiver power supply provide +3.3 vdc via the recommended receiver power supply flter circuit. locate the power supply flter circuit as close as possible to the v cc r pin. 6 v cc t transmitter power supply provide +3.3 vdc via the recommended transmitter power supply flter circuit. locate the power supply flter circuit as close as possible to the v cc t pin. 7 tdC transmitter data in-bar ac coupled C pecl compatible. internally terminated diferentially with 100 ? . 8 td+ transmitter data in ac coupled C pecl compatible. internally terminated diferentially with 100 ? . 9 v eet transmitter signal ground directly connect this pin to the transmitter signal ground plane. figure 1. transmitter optical eye diagram mask figure 2. pin-out 1 = v eer 2 = rd+ 3 = rd- 4 = sd 5 = v ccr 6 = v cct 7 = td- 8 = td+ 9 = v eet top view nic nic nic = no internal connection (mounting pins) rx tx 0.8 0.5 0.2 0 0.22 0.375 0.78 normalized tim e -0.2 normalized amplitude 1.0 1.0 0 1.3 0.625
9 figure 3. recommended gigabit/sec ethernet HFBR-53A5VEMZ/fmz fber-optic transceiver and hdmp-1636a/1646a serdes integrated circuit transceiver interface and power supply flter circuits figure 4. recommended board layout hole pattern 9 8 7 6 5 4 3 1 pecl input output driver clock synthesis circuit laser driver circuit input buffer clock recovery circuit pre- amplifier post- amplifier signal detect circuit to signal detect (sd) input at upper-level-ic 50 ? r14 100 2 c4 10 f c3 0.1 f 3.3 v c2 0.1 f c1 0.1 f c8* 10 f* l2 1 h l1 1 h r13 150 r12 150 50 ? 50 ? 50 ? + + + 3.3 v dc gnd td+ td- rd- rd+ td+ td- rd- rd+ sd v cc r v cc t v ee t v ee r HFBR-53A5VEMZ/fmz fiber-optic transceiver hdmp-1636a/-1646a serial/de-serializer (serdes - 10 bit transceiver) notes: use surface-mount components for optimum high-frequency performance. use 50 ? microstrip or stripline for signal paths. locate 50 ? terminations at the inputs of receiving units. v cc2 v ee2 see hdmp-1636a/-1646a data sheet for details about this transceiver ic. 0.1 f 100 w serial to parallel circuit parallel to serial circuit (8) 2.54 0.100 20.32 0.800 20.32 0.800 1.9 0.1 0.075 0.004 (2) ? ?0.000 m a 0.8 0.1 0.032 0.004 (9) ? ?0.000 m a ?a? top view
10 figure 5. package outline for HFBR-53A5VEMZ 39.6 (1.56) max. area reserved for process plug 12.7 (0.50) 25.4 (1.00) max. 12.7 (0.50) 20.32 (0.800) 20.32 (0.800) dimensions are in millimeters (inches). all dimensions are 0.025 mm, unless otherwise specified. 9.8 (0.386) max. +0.1 -0.05 0.25 +0.004 -0.002 (0.010 3.3 0.38 (0.130 0.015) ) 20.32 (0.80) slot width 4.7 (0.185) 23.8 (0.937) +0.18 -0.06 0.47 +0.007 -0.002 (0.019 ) 9 ? 1.3 (0.051) 2 ? 15.8 0.15 (0.622 0.006) +0.25 -0.05 1.27 +0.010 -0.002 (0.050 ) 2 ? 2.0 0.1 (0.079 0.004) 29.6 (1.16) key: yyww = date code for multimode module: xxxx-xxxx = hfbr-53xx zzzz = 850 nm 8 2.54 (0.100) 10.2 (0.40) 1.3 (0.05) max. 2.09 (0.08) uncompressed uncompressed xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx a a
11 figure 6. suggested module positioning and panel cut-out for HFBR-53A5VEMZ 0.43 27.4 0.50 (1.08 0.02) 1.014 9.4 (0.374) 5.35 (0.25) module protrusion + 0.02 ? 0.01 10.9 + 0.5 ? 0.25 ( ) 2 0.8 (0.032) 2 0.8 (0.032) a pcb bottom view
12 figure 7. package outline for hfbr-53a5vfmz 39.6 (1.56) max. area reserved for process plug 12.7 (0.50) 25.4 (1.00) max. 12.7 (0.50) 20.32 (0.800) 20.32 (0.800) +0.1 -0.05 0.25 +0.004 -0.002 (0.010 3.3 0.38 (0.130 0.015) 2.54 (0.100) ) 20.32 (0.800) 2.2 (0.09) slot depth slot width 4.7 (0.185) 23.8 (0.937) +0.18 -0.06 0.47 +0.007 -0.002 (0.019 ) 9 ? 1.3 (0.051) 2 ? 15.8 0.15 (0.622 0.006) +0.25 -0.05 1.27 +0.010 -0.002 (0.050 ) 2 ? 2.0 0.1 (0.079 0.004) 14.4 (0.57) 29.7 (1.17) a key: yyww = date code for multimode module: xxxx-xxxx = hfbr-53xx zzzz = 850 nm xxxx-xxxx zzzzz laser prod 21cfr(j) class 1 country of origin yyww tx rx a dimensions are in millimeters (inches). all dimensions are 0.025 mm unless otherwise specified. 8 25.8 (1.02) max. 1.01 (0.40) 10.2 (0.40) max. 22.0 (0.87) area reserved for process plug 9.8 (0.386) max.
for product information and a complete list of distributors, please go to our website: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2013 avago technologies. all rights reserved. obsoletes av01-0386en av02-1268en - march 29, 2013 ordering information 850 nm vcsel (sx C short wavelength laser) HFBR-53A5VEMZ extended shield, metal housing. hfbr-53a5vfmz flush shield, metal housing. figure 8. suggested module positioning and panel cut-out for hfbr-53a5vfmz 10.82 (0.426) 26.4 (1.04) 1.98 (0.078) 13.82 (0.544) 30.2 (1.19) 14.73 (0.58) keep out zone bottom side of pcb dimension shown for mounting module flush to panel. thicker panel will recess module. thinner panel will protrude module. 12.0 (0.47) 0.36 (0.014) 1.27 (0.05) optional septum dimensions are in millimeters (inches). all dimensions are 0.025 mm unless otherwise specified. 1.82 (0.072) a a


▲Up To Search▲   

 
Price & Availability of HFBR-53A5VEMZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X