Part Number Hot Search : 
MBR690 FMU22S C324MS8 6R5FKE TP3055 AO4836L 015001 NCP1582
Product Description
Full Text Search
 

To Download GRM0551X0GR50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (part number) w q product id w series chip monolithic ceramic capacitors gr er gq gm gn ll gj ga gc m 4 7 b m a m l c a m m 6 2 3 p m tin plated layer only for information devices / tip & ring only for camera flash circuit high frequency type high frequency for flow/reflow soldering monolithic microchip capacitor array low esl wide width type automotive low esl wide width type eight-termination low esl type ten-termination low esl type high frequency low loss type tin plated type high frequency low loss type for ac250v (r.m.s.) safety standard recognized type automotive soldering electrode automotive tin plated layer product id code series gr q m e 18 r 8 t b1 y 1h u 102 i k o a01 with the array type gnm series, "dimension(t)" indicates the number of elements. e dimension (l g w) !0 k code 0.4 g 0.2mm 0.6 g 0.3mm 0.5 g 0.5mm 0.8 g 0.8mm 1.25 g 1.0mm 1.0 g 0.5mm 1.6 g 0.8mm 1.4 g 1.4mm 2.0 g 1.25mm 2.8 g 2.8mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 2.0mm 4.5 g 3.2mm 5.7 g 2.8mm 5.7 g 5.0mm dimension (l g w) 01005 0201 0202 0303 0504 0402 0603 0805 1111 1206 1210 1808 1812 2211 2220 eia 02 03 05 08 11 15 18 1d 1x 21 22 31 32 3x 42 43 52 55 a b c d e f m n r s q x 1.0mm 1.25mm 1.6mm 2.0mm 2.5mm 3.2mm 1.15mm 1.35mm 1.8mm 2.8mm 1.5mm depends on individual standards. r dimension (t) code 2 2 3 4 5 6 7 8 9 0.2mm 2-elements (array type) 0.3mm 4-elements (array type) 0.5mm 0.6mm 0.7mm 0.8mm 0.85mm dimension (t) depends on individual standards. depends on individual standards. continued on the following page. o part numbering
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . c o n t i n u e d o n t h e f o l l o w i n g p a g e . 2 5 t o 8 5 c 2 5 t o 8 5 c 2 5 t o 8 5 c 2 5 t o 1 2 5 c 2 5 t o 8 5 c 2 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c 1 0 t o 8 5 c - 2 5 t o 8 5 c - 3 0 t o 8 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 0 5 c - 2 5 t o 2 0 c 2 0 t o 8 5 c - 5 5 t o 1 2 5 c - 2 2 0 6 0 p p m / c - 3 3 0 6 0 p p m / c - 4 7 0 6 0 p p m / c 0 1 2 0 p p m / c - 7 5 0 1 2 0 p p m / c 0 2 5 0 p p m / c 1 0 % 1 0 % 2 2 % + 2 2 , - 5 6 % + 3 0 , - 8 0 % + 2 2 , - 8 2 % + 1 5 , - 4 0 % 1 5 % 1 5 % 1 5 % 1 5 % 1 5 % 2 2 % - 4 7 0 0 + 1 0 0 / - 2 5 0 0 p p m / c - 4 7 0 0 + 5 0 0 / - 1 0 0 0 p p m / c 1 0 % * 5 + 2 2 , - 3 3 % * 6 r 2 h * 1 s 2 h * 1 t 2 h * 1 c j * 1 * 3 u 2 j * 1 c k * 1 , * 3 b * 2 b x 7 s z 5 u f * 2 y 5 v x 8 l r * 2 r x 5 r x 7 r x 8 r x 6 s z l m - 6 r 6 s 6 t 7 c 7 u 8 c b 1 b 3 c 7 e 4 f 1 f 5 l 8 r 1 r 3 r 6 r 7 r 9 c 8 9 e w 0 - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c 1 0 t o 8 5 c - 2 5 t o 8 5 c - 3 0 t o 8 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 0 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c t t e m p e r a t u r e c h a r a c t e r i s t i c s c o d e t e m p e r a t u r e c h a r a c t e r i s t i c c o d e s t e m p e r a t u r e c h a r a c t e r i s t i c s 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 5 t o 1 2 5 c 2 5 t o 1 5 0 c 2 5 t o 1 2 5 c 2 5 t o 1 2 5 c 2 5 t o 8 5 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 5 c 2 5 c 2 5 c 2 5 c 2 5 c t e m p e r a t u r e r a n g e r e f e r a n c e t e m p e r a t u r e + 3 5 0 t o - 1 0 0 0 p p m / c 0 6 0 p p m / c - 1 5 0 6 0 p p m / c - 2 2 0 6 0 p p m / c - 3 3 0 6 0 p p m / c - 4 7 0 6 0 p p m / c 0 1 2 0 p p m / c - 1 5 0 1 2 0 p p m / c - 2 2 0 1 2 0 p p m / c - 3 3 0 1 2 0 p p m / c - 4 7 0 1 2 0 p p m / c - 7 5 0 1 2 0 p p m / c 0 2 5 0 p p m / c 0 3 0 p p m / c 0 3 0 p p m / c 0 6 0 p p m / c 0 6 0 p p m / c - 1 5 0 6 0 p p m / c c a p a c i t a n c e c h a n g e o r t e m p e r a t u r e c o e f f i c i e n t s l * 1 c h * 1 p h * 1 r h * 1 s h * 1 t h * 1 c j * 1 p j * 1 r j * 1 s j * 1 t j * 1 u j * 1 c k * 1 c 0 g * 1 x 8 g * 1 c 0 h * 1 c h * 1 , * 3 p 2 h * 1 j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s e i a e i a e i a e i a e i a 2 5 c 2 5 c 2 5 c 2 5 c 2 5 c 2 5 c 2 0 c 2 0 c 2 5 c 2 5 c 2 0 c 2 5 c 2 5 c 2 0 c 2 0 c 2 5 c 2 5 c 2 5 c 2 5 c 2 0 c 2 5 c e i a e i a e i a e i a e i a e i a j i s j i s e i a e i a j i s e i a e i a j i s j i s e i a e i a e i a e i a * 4 - p u b l i c s t d c o d e 1 x 2 c 2 p 2 r 2 s 2 t 3 c 3 p 3 r 3 s 3 t 3 u 4 c 5 c 5 g 6 c 6 c 6 p - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c o p e r a t i n g t e m p e r a t u r e r a n g e * 1 p l e a s e r e f e r t o t a b l e f o r c a p a c i t a n c e c h a n g e u n d e r r e f e r e n c e t e m p e r a t u r e . * 2 c a p a c i t a n c e c h a n g e i s s p e c i f i e d w i t h 5 0 % r a t e d v o l t a g e a p p l i e d . * 3 e r s e r i e s o n l y . * 3 , * 4 m u r a t a t e m p e r a t u r e c h a r a c t e r i s t i c c o d e . * 5 a p p l y d c 3 5 0 v b i a s . * 6 n o d c b i a s .
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . c o n t i n u e d o n t h e f o l l o w i n g p a g e . m u r a t a c o d e c a p a c i t a n c e c h a n g e f r o m 2 5 c ( % ) 5 5 c 3 0 c 1 0 c m a x . m i n . m a x . m i n . m a x . m i n . 5 c 6 c 7 c 8 c 0 . 4 3 0 . 7 3 1 . 3 3 2 . 6 1 0 . 2 2 0 . 4 4 0 . 9 3 0 . 9 7 0 . 2 8 0 . 4 8 0 . 8 8 1 . 7 3 0 . 1 6 0 . 3 2 0 . 6 4 1 . 3 6 0 . 1 7 0 . 2 9 0 . 5 4 1 . 0 7 0 . 1 1 0 . 2 0 0 . 4 2 0 . 8 6 m u r a t a c o d e c a p a c i t a n c e c h a n g e f r o m 2 5 c ( % ) 5 5 c 3 0 c 1 0 c m a x . m i n . m a x . m i n . m a x . m i n . 5 c / 5 g 0 . 5 8 0 . 2 4 0 . 4 0 0 . 1 7 0 . 2 5 0 . 1 1 6 c 0 . 8 7 0 . 4 8 0 . 5 9 0 . 3 3 0 . 3 8 0 . 2 1 6 p 2 . 3 3 0 . 7 2 1 . 6 1 0 . 5 0 1 . 0 2 0 . 3 2 6 r 3 . 0 2 1 . 2 8 2 . 0 8 0 . 8 8 1 . 3 2 0 . 5 6 6 s 4 . 0 9 2 . 1 6 2 . 8 1 1 . 4 9 1 . 7 9 0 . 9 5 6 t 5 . 4 6 3 . 2 8 3 . 7 5 2 . 2 6 2 . 3 9 1 . 4 4 7 u 8 . 7 8 5 . 0 4 6 . 0 4 3 . 4 7 3 . 8 4 2 . 2 1 e i a c o d e e r p s e r i e s 4 c 2 . 5 6 1 . 8 8 1 . 5 4 1 . 1 3 1 . 0 2 0 . 7 5 3 p 1 . 6 5 0 . 1 4 1 . 1 0 0 . 0 9 3 r 2 . 0 3 0 . 4 5 1 . 3 5 0 . 3 0 3 s 2 . 6 3 0 . 9 5 1 . 7 6 0 . 6 3 3 t 3 . 4 0 1 . 5 8 2 . 2 7 1 . 0 5 3 u 4 . 9 4 2 . 8 4 3 . 2 9 1 . 8 9 3 c 1 . 3 7 0 . 9 0 0 . 8 2 0 . 5 4 0 . 5 5 0 . 3 6 m u r a t a c o d e c a p a c i t a n c e c h a n g e f r o m 2 0 c ( % ) 5 5 c 2 5 c 1 0 c m a x . m i n . m a x . m i n . m a x . m i n . 2 c 0 . 8 2 0 . 4 5 0 . 4 9 0 . 2 7 0 . 3 3 0 . 1 8 2 p 1 . 3 2 0 . 4 1 0 . 8 8 0 . 2 7 2 r 1 . 7 0 0 . 7 2 1 . 1 3 0 . 4 8 2 s 2 . 3 0 1 . 2 2 1 . 5 4 0 . 8 1 2 t 3 . 0 7 1 . 8 5 2 . 0 5 1 . 2 3 1 x o c a p a c i t a n c e c h a n g e f r o m e a c h t e m p e r a t u r e j i s c o d e
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . e x p r e s s e d b y t h r e e f i g u r e s . o i n d i v i d u a l s p e c i f i c a t i o n c o d e i c a p a c i t a n c e t o l e r a n c e c o d e b c d f g j k m z r g j m g r m / e r b / g q m g j m g r m e r b / g q m / g j m g r m 0 3 / 1 5 / g j m 0 3 / 1 5 g j m g q m g r m 0 3 / 1 5 / g j m 0 3 / 1 5 g r m / g a 3 e r b / g q m / g j m g r m 0 3 / 1 5 / g j m 0 3 / 1 5 g r m / g r 7 / g a 3 g r 4 g r m 0 3 / 1 5 / g j m 0 3 / 1 5 g r m g r m / g m a / l l l / l l c / l l a / l l m g a 2 g r m 0 3 / 1 5 / g j m 0 3 / 1 5 g r m s e r i e s c ? c ? s l c ? c ? s l c ? c ? c ? c ? c ? c ? s l c ? c ? b , r , x 7 r , x 5 r , z l m c ? z 5 u b , r , x 7 r , x 7 s x 7 r c ? f , y 5 v t c 0 . 1 p f 0 . 2 5 p f 0 . 5 p f 1 % 2 % 5 % 1 0 % 2 0 % + 8 0 % , - 2 0 % c a p a c i t a n c e t o l e r a n c e v 5 p f v 5 p f < 1 0 p f 6 . 0 t o 9 . 0 p f 5 . 1 t o 9 . 1 p f 5 . 0 t o 9 . 9 p f u 1 0 p f u 1 0 p f 2 . 0 t o 9 . 9 p f u 1 0 p f u 1 0 p f 1 . 0 t o 4 . 9 p f e 2 4 s e r i e s , 1 p f * 1 p f e 2 4 s e r i e s , 1 p f * 1 p f e 2 4 s e r i e s 0 . 1 p f e 1 2 s e r i e s e 2 4 s e r i e s 0 . 1 p f e 1 2 s e r i e s e 2 4 s e r i e s 0 . 1 p f 0 . 2 t o 1 . 9 p f 0 . 1 p f 0 . 1 t o 0 . 9 p f 0 . 1 p f c a p a c i t a n c e s t e p e 6 s e r i e s e 1 2 s e r i e s e 3 s e r i e s e 6 s e r i e s e 3 s e r i e s e 3 s e r i e s d e p e n d s o n i n d i v i d u a l s t a n d a r d s . * e 2 4 s e r i e s i s a l s o a v a i l a b l e . u c a p a c i t a n c e e x p r e s s e d b y t h r e e f i g u r e s . t h e u n i t i s p i c o - f a r a d ( p f ) . t h e f i r s t a n d s e c o n d f i g u r e s a r e s i g n i f i c a n t d i g i t s , a n d t h e t h i r d f i g u r e e x p r e s s e s t h e n u m b e r o f z e r o s w h i c h f o l l o w t h e t w o n u m b e r s . i f t h e r e i s a d e c i m a l p o i n t , i t i s e x p r e s s e d b y t h e c a p i t a l l e t t e r " r " . i n t h i s c a s e , a l l f i g u r e s a r e s i g n i f i c a n t d i g i t s . r 5 0 1 r 0 1 0 0 1 0 3 e x . ) 0 . 5 p f 1 . 0 p f 1 0 p f 1 0 0 0 0 p f c o d e c a p a c i t a n c e c o n t i n u e d o n t h e f o l l o w i n g p a g e . y r a t e d v o l t a g e 0 g 0 j 1 a 1 c 1 e 1 h 2 a 2 d 2 e y d 2 h 2 j 3 a 3 d 3 f b b e 2 g b g c g d g f d c 4 v d c 6 . 3 v d c 1 0 v d c 1 6 v d c 2 5 v d c 5 0 v d c 1 0 0 v d c 2 0 0 v d c 2 5 0 v d c 3 0 0 v d c 5 0 0 v d c 6 3 0 v d c 1 k v d c 2 k v d c 3 . 1 5 k v d c 3 5 0 v ( f o r c a m e r a f l a s h c i r c u i t ) a c 2 5 0 v x 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d r e c o g n i z e d t y p e g b ) x 1 / y 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d r e c o g n i z e d t y p e g c ) y 3 ; a c 2 5 0 v ( s a f e t y s t a n d a r d r e c o g n i z e d t y p e g d ) y 2 , x 1 / y 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d r e c o g n i z e d t y p e g f ) c o d e r a t e d v o l t a g e
! 0 p a c k a g i n g c o d e l d k j e f b c t 1 7 8 m m p l a s t i c t a p i n g 1 7 8 m m p a p e r t a p i n g 3 3 0 m m p l a s t i c t a p i n g 3 3 0 m m p a p e r t a p i n g 1 7 8 m m s p e c i a l p a c k a g i n g 3 3 0 m m s p e c i a l p a c k a g i n g b u l k b u l k c a s e b u l k t r a y p a c k a g i n g c o n t i n u e d f r o m t h e p r e c e d i n g p a g e .


▲Up To Search▲   

 
Price & Availability of GRM0551X0GR50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X