Part Number Hot Search : 
1N4574A 1N6392 1N3040 CT4060 OP05Z MJD122T4 P2112 GL34A
Product Description
Full Text Search
 

To Download GR303M1X0ER50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (part number) w q product id w series chip monolithic ceramic capacitors gr gq gm gn ll gj ga j m 3 4 7 m a d m l r a m m 2 3 soft termination type tin plated layer high effective capacitance type only for information devices / tip & ring only for camera flash circuit high frequency for flow/reflow soldering monolithic microchip for bonding capacitor array low esl type controlled esr low esl type 8-termination low esl type 10-termination low esl type high frequency low loss type for ac250v (r.m.s.) safety standard certified type product id code series gr q m e 18 r 8 t b1 y 1h u 102 i k o a01 e dimensions (l g w) !0 d code 0.4 g 0.2mm 0.6 g 0.3mm 0.5 g 0.5mm 0.8 g 0.8mm 0.38 g 0.38mm 0.9 g 0.6mm 1.0 g 0.5mm 1.6 g 0.8mm 1.37 g 1.0mm 2.0 g 1.25mm 2.8 g 2.8mm 3.2 g 1.6mm 3.2 g 2.5mm 4.5 g 2.0mm 4.5 g 3.2mm 5.7 g 2.8mm 5.7 g 5.0mm dimensions (l g w) 01005 0201 0202 0303 015015 0302 0402 0603 0504 0805 1111 1206 1210 1808 1812 2211 2220 eia 02 03 05 08 0d 0m 15 18 1m 21 22 31 32 42 43 52 55 a b c d e f m n q r s x 1.0mm 1.25mm 1.6mm 2.0mm 2.5mm 3.2mm 1.15mm 1.35mm 1.5mm 1.8mm 2.8mm depends on individual standards. r dimension (t) (except gnm ) code 2 3 5 6 7 8 9 0.2mm 0.3mm 0.5mm 0.6mm 0.7mm 0.8mm 0.85mm dimension (t) r elements ( gnm only) code 2 4 2-elements 4-elements elements continued on the following page. o part numbering o part numbering
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . c o n t i n u e d o n t h e f o l l o w i n g p a g e . 2 5 t o 8 5 c 2 5 t o 8 5 c 2 5 t o 8 5 c 2 5 t o 1 2 5 c * 6 - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 0 5 c - 2 2 0 6 0 p p m / c - 3 3 0 6 0 p p m / c - 4 7 0 6 0 p p m / c - 7 5 0 1 2 0 p p m / c 1 0 % 1 0 % 2 2 % 2 2 % r 2 h * 1 s 2 h * 1 t 2 h * 1 u 2 j * 1 b * 2 b x 7 s x 6 s 6 r 6 s 6 t 7 u b 1 b 3 c 7 c 8 - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 0 5 c t t e m p e r a t u r e c h a r a c t e r i s t i c s c o d e t e m p e r a t u r e c h a r a c t e r i s t i c c o d e s t e m p e r a t u r e c h a r a c t e r i s t i c s 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 8 5 c 2 0 t o 1 2 5 c 2 5 t o 1 2 5 c 2 5 t o 1 5 0 c 2 5 t o 1 2 5 c 2 5 t o 8 5 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 0 c 2 5 c 2 5 c 2 5 c 2 5 c t e m p e r a t u r e r a n g e r e f e r e n c e t e m p e r a t u r e + 3 5 0 t o - 1 0 0 0 p p m / c 0 6 0 p p m / c - 1 5 0 6 0 p p m / c - 2 2 0 6 0 p p m / c - 3 3 0 6 0 p p m / c - 4 7 0 6 0 p p m / c 0 1 2 0 p p m / c - 1 5 0 1 2 0 p p m / c - 2 2 0 1 2 0 p p m / c - 3 3 0 1 2 0 p p m / c - 4 7 0 1 2 0 p p m / c - 7 5 0 1 2 0 p p m / c 0 2 5 0 p p m / c 0 3 0 p p m / c 0 3 0 p p m / c 0 6 0 p p m / c - 1 5 0 6 0 p p m / c c a p a c i t a n c e c h a n g e o r t e m p e r a t u r e c o e f f i c i e n t s l * 1 c h * 1 p h * 1 r h * 1 s h * 1 t h * 1 c j * 1 p j * 1 r j * 1 s j * 1 t j * 1 u j * 1 c k * 1 c 0 g * 1 x 8 g * 1 c 0 h * 1 p 2 h * 1 j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s j i s e i a e i a e i a e i a 2 5 c 2 5 c 2 5 c 2 5 c 2 0 c 2 0 c 2 5 c 2 5 c e i a e i a e i a e i a j i s j i s e i a e i a - 2 5 t o 8 5 c - 3 0 t o 8 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c + 3 0 , - 8 0 % + 2 2 , - 8 2 % + 1 5 , - 4 0 % 1 5 % 1 5 % 1 5 % 1 5 % 1 5 % 1 0 % * 4 + 2 2 , - 3 3 % * 5 f * 2 y 5 v x 8 l r * 2 r x 5 r x 7 r x 8 r - f 1 f 5 l 8 r 1 r 3 r 6 r 7 r 9 w 0 - 2 5 t o 8 5 c - 3 0 t o 8 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c 2 0 c 2 5 c 2 5 c 2 0 c 2 0 c 2 5 c 2 5 c 2 5 c 2 5 c j i s e i a * 3 j i s j i s e i a e i a e i a - - 5 5 t o 1 2 5 c + 2 2 , - 3 3 % x 7 t d 7 - 5 5 t o 1 2 5 c 2 5 c e i a - 5 5 t o 1 0 5 c + 2 2 , - 3 3 % x 6 t d 8 - 5 5 t o 1 0 5 c 2 5 c e i a - 5 5 t o 1 2 5 c + 2 2 , - 5 6 % x 7 u e 7 - 5 5 t o 1 2 5 c 2 5 c e i a p u b l i c s t d c o d e 1 x 2 c 2 p 2 r 2 s 2 t 3 c 3 p 3 r 3 s 3 t 3 u 4 c 5 c 5 g 6 c 6 p - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 2 5 t o 8 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c - 5 5 t o 1 5 0 c - 5 5 t o 1 2 5 c - 5 5 t o 1 2 5 c o p e r a t i n g t e m p e r a t u r e r a n g e * 1 p l e a s e r e f e r t o t a b l e f o r c a p a c i t a n c e c h a n g e u n d e r r e f e r e n c e t e m p e r a t u r e . * 2 c a p a c i t a n c e c h a n g e i s s p e c i f i e d w i t h 5 0 % r a t e d v o l t a g e a p p l i e d . * 3 m u r a t a t e m p e r a t u r e c h a r a c t e r i s t i c c o d e . * 4 a p p l y d c 3 5 0 v b i a s . * 5 n o d c b i a s . * 6 r a t e d v o l t a g e 1 0 0 v d c m a x : 2 5 t o 8 5 c
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . m u r a t a c o d e c a p a c i t a n c e c h a n g e f r o m 2 5 c ( % ) 5 5 c 3 0 c 1 0 c m a x . m i n . m a x . m i n . m a x . m i n . 5 c / 5 g 0 . 5 8 0 . 2 4 0 . 4 0 0 . 1 7 0 . 2 5 0 . 1 1 6 c 0 . 8 7 0 . 4 8 0 . 5 9 0 . 3 3 0 . 3 8 0 . 2 1 6 p 2 . 3 3 0 . 7 2 1 . 6 1 0 . 5 0 1 . 0 2 0 . 3 2 6 r 3 . 0 2 1 . 2 8 2 . 0 8 0 . 8 8 1 . 3 2 0 . 5 6 6 s 4 . 0 9 2 . 1 6 2 . 8 1 1 . 4 9 1 . 7 9 0 . 9 5 6 t 5 . 4 6 3 . 2 8 3 . 7 5 2 . 2 6 2 . 3 9 1 . 4 4 7 u 8 . 7 8 5 . 0 4 6 . 0 4 3 . 4 7 3 . 8 4 2 . 2 1 e i a c o d e 4 c 2 . 5 6 1 . 8 8 1 . 5 4 1 . 1 3 1 . 0 2 0 . 7 5 3 p 1 . 6 5 0 . 1 4 1 . 1 0 0 . 0 9 3 r 2 . 0 3 0 . 4 5 1 . 3 5 0 . 3 0 3 s 2 . 6 3 0 . 9 5 1 . 7 6 0 . 6 3 3 t 3 . 4 0 1 . 5 8 2 . 2 7 1 . 0 5 3 u 4 . 9 4 2 . 8 4 3 . 2 9 1 . 8 9 3 c 1 . 3 7 0 . 9 0 0 . 8 2 0 . 5 4 0 . 5 5 0 . 3 6 m u r a t a c o d e c a p a c i t a n c e c h a n g e f r o m 2 0 c ( % ) 5 5 c 2 5 c 1 0 c m a x . m i n . m a x . m i n . m a x . m i n . 2 c 0 . 8 2 0 . 4 5 0 . 4 9 0 . 2 7 0 . 3 3 0 . 1 8 2 p 1 . 3 2 0 . 4 1 0 . 8 8 0 . 2 7 2 r 1 . 7 0 0 . 7 2 1 . 1 3 0 . 4 8 2 s 2 . 3 0 1 . 2 2 1 . 5 4 0 . 8 1 2 t 3 . 0 7 1 . 8 5 2 . 0 5 1 . 2 3 1 x o c a p a c i t a n c e c h a n g e f r o m e a c h t e m p e r a t u r e j i s c o d e u c a p a c i t a n c e e x p r e s s e d b y t h r e e - d i g i t a l p h a n u m e r i c s . t h e u n i t i s p i c o f a r a d ( p f ) . t h e f i r s t a n d s e c o n d f i g u r e s a r e s i g n i f i c a n t d i g i t s , a n d t h e t h i r d f i g u r e e x p r e s s e s t h e n u m b e r o f z e r o s w h i c h f o l l o w t h e t w o n u m b e r s . i f t h e r e i s a d e c i m a l p o i n t , i t i s e x p r e s s e d b y t h e c a p i t a l l e t t e r " r . " i n t h i s c a s e , a l l f i g u r e s a r e s i g n i f i c a n t d i g i t s . r 5 0 1 r 0 1 0 0 1 0 3 e x . ) 0 . 5 p f 1 . 0 p f 1 0 p f 1 0 0 0 0 p f c o d e c a p a c i t a n c e y r a t e d v o l t a g e 0 e 0 g 0 j 1 a 1 c 1 e y a 1 h 2 a 2 d 2 e y d d c 2 . 5 v d c 4 v d c 6 . 3 v d c 1 0 v d c 1 6 v d c 2 5 v d c 3 5 v d c 5 0 v d c 1 0 0 v d c 2 0 0 v d c 2 5 0 v d c 3 0 0 v c o d e r a t e d v o l t a g e 2 w 2 h 2 j 3 a 3 d 3 f b b e 2 g c g f g d g b d c 4 5 0 v d c 5 0 0 v d c 6 3 0 v d c 1 k v d c 2 k v d c 3 . 1 5 k v d c 3 5 0 v ( f o r c a m e r a f l a s h c i r c u i t ) a c 2 5 0 v x 1 / y 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d c e r t i f i e d t y p e g c ) y 2 , x 1 / y 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d c e r t i f i e d t y p e g f ) y 3 ; a c 2 5 0 v ( s a f e t y s t a n d a r d c e r t i f i e d t y p e g d ) x 2 ; a c 2 5 0 v ( s a f e t y s t a n d a r d c e r t i f i e d t y p e g b ) c o d e r a t e d v o l t a g e c o n t i n u e d o n t h e f o l l o w i n g p a g e .
c o n t i n u e d f r o m t h e p r e c e d i n g p a g e . e x p r e s s e d b y t h r e e f i g u r e s . o i n d i v i d u a l s p e c i f i c a t i o n c o d e ( e x c e p t l l r ) i c a p a c i t a n c e t o l e r a n c e c o d e w g r m / g j m s e r i e s c ? t c 0 . 0 5 p f c a p a c i t a n c e t o l e r a n c e v 9 . 9 p f 0 . 1 p f b g r m / g j m g q m c ? 0 . 1 p f v 9 . 9 p f v 1 p f 1 . 1 t o 9 . 9 p f 0 . 1 p f 0 . 1 p f 1 p f s t e p a n d e 2 4 s e r i e s c g r m / g j m g r m g q m c ? e x c e p t c ? c ? 0 . 2 5 p f v 9 . 9 p f v 5 p f v 1 p f 1 . 1 t o 9 . 9 p f 0 . 1 p f * 1 p f 0 . 1 p f 1 p f s t e p a n d e 2 4 s e r i e s d g r m / g j m g r m g q m c ? e x c e p t c ? c ? 0 . 5 p f 5 . 1 t o 9 . 9 p f 5 . 1 t o 9 . 9 p f 5 . 1 t o 9 . 9 p f 0 . 1 p f * 1 p f 1 p f s t e p a n d e 2 4 s e r i e s g g j m g q m c ? c ? 2 % u 1 0 p f u 1 0 p f e 1 2 s e r i e s e 2 4 s e r i e s j g r m / g a 3 g q m / g j m c ? , s l , u 2 j c ? 5 % u 1 0 p f u 1 0 p f e 1 2 s e r i e s e 2 4 s e r i e s c a p a c i t a n c e s t e p k g r j / g r m / g r 3 / g r 7 / g a 3 g n m g r 4 , g m d b , r , x 7 r , x 7 t , x 5 r , z l m c 0 g b , r , x 7 r , x 5 r , z l m 1 0 % e 6 s e r i e s e 6 s e r i e s e 1 2 s e r i e s m g r m / g m a g n m g a 2 l l l / l l r / l l a / l l m b , r , x 7 r , x 7 s x 5 r , x 7 r , x 7 s x 7 r x 5 r , x 7 r , x 7 s , x 6 s 2 0 % e 6 s e r i e s e 3 s e r i e s e 3 s e r i e s e 3 s e r i e s z g r m f , y 5 v + 8 0 % , - 2 0 % e 3 s e r i e s r d e p e n d s o n i n d i v i d u a l s t a n d a r d s . * e 2 4 s e r i e s i s a l s o a v a i l a b l e . o e s r ( l l r o n l y ) c o d e e 0 1 e 0 3 e 0 5 e 0 7 1 0 0 m 2 2 0 m 4 7 0 m 1 0 0 0 m e s r ! 0 p a c k a g i n g c o d e l d e k j f b c t 1 8 0 m m e m b o s s e d t a p i n g 1 8 0 m m p a p e r t a p i n g 1 8 0 m m p a p e r t a p i n g ( l l l 1 5 ) 3 3 0 m m e m b o s s e d t a p i n g 3 3 0 m m p a p e r t a p i n g 3 3 0 m m p a p e r t a p i n g ( l l l 1 5 ) b u l k b u l k c a s e b u l k t r a y p a c k a g i n g
capacitance - temperature characteristics measuring condition 1khz measuring condition 1khz capacitance - dc voltage characteristics measuring condition 1khz measuring condition 1khz impedance/esr - frequency characteristics the data herein are given in typical values, not guaranteed ratings. grm series data - 100 - 80 - 60 - 40 - 20 0 20 40 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 capacitance change (%) dc voltage (vdc) 0.001 0.01 0.1 1 10 100 1 10 100 impedance / esr ( ) frequency (mhz) - 100 - 80 - 60 - 40 - 20 0 20 40 - 75 - 50 - 25 0 25 50 75 100 125 150 capacitance change (%) temperature ( ) no bias - 40 - 30 - 20 - 10 0 10 20 10 100 1000 10000 capacitance change (%) time (hr) c b1,r b3 - 100 - 80 - 60 - 40 - 20 0 20 40 0.0 0.5 1.0 1.5 2.0 2.5 capacitance change (%) ac voltage (vr.m.s.) 0.15uf 0.22uf


▲Up To Search▲   

 
Price & Availability of GR303M1X0ER50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X