Part Number Hot Search : 
13012 SR520 MAX15034 2001280 MSM67 DUR100C AD5346 BPJR03AU
Product Description
Full Text Search
 

To Download FQP34N20J69Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? advanced new design ? avanced rugged technology ? rugged gate oxide technology ? very low intrinsic capacitances ? excellent switching characteristics ? unrivalled gate charge: 60nc (typ.) ? extended safe operating area ?lower r ds(on) : 0.06 w (typ.) absolute maximum ratings thermal resistance s y mbol characteristics value units v dss drain-to-source voltage 200 v i d continuous drain current (t c = 25 c) 31 a continuous drain current (t c = 100 c) 20 i dm drain current-pulsed ? 124 v v gs gate-to-source voltage 30 j e as single pulsed avalanche energy - 640 mj i ar avalanche current ? 31 a e ar repetitive avalanche energy ? 18 mj dv/dt peak diode recovery dv/dt ? 5.5 v/ns p d total power dissipation (t c = 25 c) linear derating factor 180 1.43 w w/ c t j , t stg operating junction and storage temperature range - 55 to +150 c t l maximum lead temp. for soldering purposes, 1/8 from case for 5-seconds 300 symbol characteristics typ. max. units r q jc junction-to-case - 0.7 c/w r q cs case-to-sink 0.5 - r q ja junction-to-ambient - 62.5 bv dss = 200v r ds(on) = 0.075 w i d = 31a to-220 1. gate 2. drain 3. source 3 2 1 qfet n-channel fqp34n20 ? 1999 fairchild semiconductor corporation rev. b
fqp34n20 qfet n-channel 2 electrical characteristics (t c = 25 c unless otherwise specified) source-drain diode ratings and characteristics notes: ? repetitive ratin g : pulse width limited by maximum junction temperature - l=1mh, i as =31a, v dd =50v, r g =25 w , startin g t j =25 c ? i sd 34a, di/dt 300 m s, v dd bv dss , startin g t j =25 c pulse test: pulse width 300 m s, duty cycle 2% essentially independent of operatin g temperature symbol characteristics min. typ. max. units test conditions bv dss drain-source breakdown votlage 200 -- vv gs =0v, i d =250 m a d bv/ d t j breskdown voltage temp. coeff. - 0.2 - v/ ci d =250 m a, see fig 7 v gs(th) gate threshold voltage 3.0 - 5.0 v v ds =5v, i d =250 m a i gss gate-source leakage, forward -- 100 na v gs =30v gate-source leakage, reverse --- 100 v gs = - 30v i dss drain-to-source leakage current -- 1 m a v ds =200v -- 10 v ds =160v, t c =125 c r ds(on) static drain-source on-state resistance - 0.06 0.75 w v gs =10v, i d =16a g fs forward transconductance - 25 - sv ds =40v, i d =16a c iss input capacitance - 2400 3100 pf v gs =0v, v ds =25v f=1mhz see fig 5 c oss output capacitance - 430 560 c rss reverse transfer capacitance - 55 70 t d(on) turn-on delay time - 40 90 ns v dd =100v, i d =34a r g =50 w see fig 13 t r rise time - 280 570 t d(off) turn-off delay time - 125 260 t f fall time - 115 240 q g total gate charge - 60 78 nc v ds =160v, v gs =10v i d =34a see fig 6 & fig 12 q gs gate-source charge - 17 - q gd gate-drain (miller) charge - 27 - symbol characteristics min. typ. max. units test conditions i s continuous source current -- 31 a integral reverse pn-diode in the mosfet i sm pulsed-source current ? -- 124 v sd diode forward voltage -- 1.5 v t j =25 c, i s =31a, v gs =0v q rr reverse resovery time - 150 - ns t j =25 c, i f =34a, v dd =160v di f /dt=100a/ m s reverse resovery charge - 0.95 -m c
3 fig 1. output characteristics fig 2. transfer characteristics fig 6. gate charge vs. gate-source voltage fig 5. capacitance vs. drain-source voltage fig 4. source-drain diode forward voltage fig 3. on-resistance vs. drain current 246810 10 -1 10 0 10 1 10 2 ?? note 1. v ds = 40v 2. 250s pulse test -55? 150? 25? i d , drain current [a] v gs , gate-source voltage [v] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 10 -1 10 0 10 1 10 2 25? 150? ?? not e : 1. v gs = 0v 2. 250s pulse test i dr , reverse drain current [a] v sd , source-drain voltage [v] 10 -1 10 0 10 1 10 0 10 1 10 2 v gs top : 15 v 10 v 8.0 v 7.0 v 6.5 v 6.0 v bottom : 5.5 v ?? note : 1. 250s pulse test 2. t c = 25? i d , drain current [a] v ds , drain-source voltage [v] 10 -1 10 0 10 1 0 1000 2000 3000 4000 5000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd ?? note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v] 0 10203040506070 0 2 4 6 8 10 12 v ds = 100v v ds = 40v v ds = 160v ?? note : i d = 34 a v gs , gate-source voltage [v] q g , total gate charge [nc] 0 20 40 60 80 100 120 140 0.00 0.05 0.10 0.15 0.20 0.25 0.30 ?? note : t j = 25? v gs = 20v v gs = 10v r ds(on) , [ w ] drain-source on-resistance i d , drain current [a] qfet n-channel fqp34n20
fqp34n20 qfet n-channel 4 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 dc 10 ms 1 ms 100 m s operation in this area is limited by r ds(on) ?? notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source volta g e [v] p dm t 1 t 2 fig 7. breakdown voltage vs. temperature fig 8. on-resistance vs. temperature fig 11. thermal response fig 10. max. drain current vs. case temperature fig 9. max. safe operating area p dm t 1 t 2 -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 ?? not e : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 ?? note : 1. v gs = 10 v 2. i d = 17 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 ?? n o te s : 1 . z jc (t) = 0.7 ?/w max. 2. duty factor, d=t 1 /t 2 3 . t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), therm al response t 1 , square w ave pulse duration [sec] 25 50 75 100 125 150 0 5 10 15 20 25 30 35 i d , drain current [a] t c , case temperature [?] [ c]
5 fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as =l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut 10v dut r g l i d qfet n-channel fqp34n20
fqp34n20 qfet n-channel 6 fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same t y pe as dut v gs ? dv/dt controlled by r g ? i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward volta g e drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
trademarks acexa coolfeta crossvolta e 2 cmosa facta fact quiet seriesa fast fastra gtoa hiseca the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: isoplanara microwirea popa powertrencha qsa quiet seriesa supersota-3 supersota-6 supersota-8 tinylogica 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. uhca vcxa


▲Up To Search▲   

 
Price & Availability of FQP34N20J69Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X