Part Number Hot Search : 
78M12CDT F1000 MX365A SR10150S M38022E8 APT75G UBA3070 C2412
Product Description
Full Text Search
 

To Download FCX789A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd type transistors features 2w power dissipation. 8a peak pulse current. excellent h fe characteristicsupto10amps. extremely low saturation voltage e.g. 10mv typ. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -25 v collector-emitter voltage v ceo -25 v emitter-base voltage v ebo -5 v continuous collector current i cm -8 a peak pulse current i c -3 a power dissipation p tot 1w operating and storage temperature range t j, t stg -55to+150 sales@twtysemi.com 1 of 2 http://www.twtysemi.com smd type transistors FCX789A smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors s m d ty p e i c t r a n s i s t o r s s m d ty p e smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors product specification 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage v (br)cbo i c =-100a -25 v collector-emitter breakdown voltage * v (br)ceo i c =-10ma -25 v emitter-base breakdown voltage v (br)ebo i e =-100a -5 v collector cut-off current i cbo v cb =-10v 0.1 a emitter cut-off current i ebo v eb =-4v 0.1 a collector-emitter saturation voltage * v ce( sat) i c =-1a, i b =-10ma i c =-2a, i b =-20ma i c =-3a, i b =-100ma -190 -400 -320 mv base-emitter saturation voltage * v be( sat) i c =-1a, i b =-10ma -0.9 v base-emitter on voltage * v be(on ) i c =-1a, v ce =-2v -0.8 v static forward current transfer ratio * h fe i c =-10ma,v ce =-2v i c =-1a,v ce =-2v i c =-2a,v ce =-2v i c =-6a,v ce =-2v 300 230 180 75 800 transitional frequency f t i c =-50ma, v ce =-5v, f=50mhz 100 mhz input capacitance c ibo v eb =-0.5v, f=1mhz 225 pf output capacitance c obo v cb =-10v, f=1mhz 25 pf turn-on time t (on) i c =-500ma, v cc =-10v 35 ns turn-off time t (off) i b1 =i b2 =-50ma 400 ns * pulse test: tp = 300 s; d 0.02. FCX789A marking marking 789 sales@twtysemi.com 2 of 2 http://www.twtysemi.com smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors s m d ty p e i c t r a n s i s t o r s s m d ty p e smd type transistors smd type transistors smd type transistors smd type transistors smd type transistors product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of FCX789A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X