e l e c t r o n i c s i n c . 10base-t interface module with common mode choke tel: (818) 892-0761 fax: (818) 894-5791 http://www.pca.com pca electronics, inc. 16799 schoenborn st. north hills, ca 91343 ? complies with or exceed ieee802.3, 10base- t standards ? add ?rc?after part number for rohs compliant ? packaged in tubes or tape and reel ? 2000 vrms isolation EPE6062S & EPE6062S-rc product performance is limited to specified parameters. data is subject to change without prior notice. electrical parameters @ 25?c unless otherwise specified dimensions are in inches /mm ?.010 /.25 cse6062s & -rc rev. 1 11/17/05 jgd leakage inductance (? max.) 0.30 @100 khz, 20m vrms pins 1-3 & pins 6-8 interwinding capacitance (pf max.) 20 @100 khz, 20m vrms pri. to sec dcr ( w max.) 0.90 pins 1-3 & pins 6-8 primary ocl (uh min. ) @100 khz, 20m vrms pins 1-3 & pins 6-8 200 schematic 1ct:1ct 1 2 3 16 15 14 6 7 8 11 10 9 pins # 4, 5, 12, 13 n/c 1ct:1.4ct rcv xmit pri. sec. package .050 (1.27) .016/.022 (.406/.559) .225 (5.71) .005/.015 (.127/.381) .375 (9.53) 0?8 .040 (1.02) .008/.012 (.203/.305) pca EPE6062S(-rc) date code .450 (11.43) .250 (6.35) .050 (1.27) .350 (8.89) solder pad layout .420 (10.67) .050 (1.27) .025 (.635) .090 (2.29) pin 1 i.d. notes : 1. assembly process (solder composition) 2. peak solder rating (per ipc/jedec j-std-020c) 3. moisture sensitive levels (msl) (per ipc/jedec j-std-020c) 4. weight 5. packaging information (*add ?r?to end of part number when placing order) (tube) (tape & reel) msl = 4 (72 hours, 30?/60%rh) EPE6062S-rc pb-free + (rohs exemption 7a) 260? 0.84 grams 39 pieces/tube 600 pieces/13?reel (*EPE6062S-rctr) EPE6062S 225? msl = 3 (168 hours, 30?/60%rh) 0.84 grams 39 pieces/tube 600 pieces/13?reel (*EPE6062S-tr) snpb www..net
|