Part Number Hot Search : 
A5800732 LVC74 EP3SL70 BRS2A16G TK20D60 A30NY C3500 200000
Product Description
Full Text Search
 

To Download EEETK1E101P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tk ? ee73 ? 1000 capacitance ( f) rated voltage mark series mark for lead-free products black dot (square) lot number negative polarity marking (? atk a 0.2 w () reference size l d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. pressure relief ( 10 and larger) features endurance: 2000 h at 125 c vibration- proof product is available upon request. rohs directiv e compliant speci? cations category temp. range 40 c to +125 c rated w.v. range 10 v.dc to 100 v.dc nomi nal cap. range 47 f to 4700 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv after 2 minutes tan please see the attached high temperature lead-free re ow products list. characteristics at low temperature w.v. (v) 10 16 25 35 50 63 80 100 (impedance ratio at 120 hz) z(25 c)/z(+2 0 c) 3 2 2 22222 z(40 c)/z(+2 0 c) 6 4 4 33333 endurance after applying rated workin g voltage for 2000 hours at +125 c2 c and then being stabilized at +20 c, capacitors shall meet the followin g limits. capacitance change 3 0 % of initial measured value (miniaturization product : within 35 %) tan < 300 % of initial speci ed value (miniaturization product : within 350 %) dc leakag e current < initial speci ed value shelf life after storag e for 1000 hours at +125 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance.(with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value di men sions in mm (not to scale) marking (mm) example:10 v 1000 f marking colo r: black surface mo unt type series: medium-size tk type: v tk high temper ature lead-free re? ow(suf? x:a ? ) rated volt age mark a10 v c16 v e25 v v35 v h50 v j63 v k80 v 2a 10 0 v size code dl a, b h i w p k h13 12.5 13.5?.5 13.5 15.0 max. 4.7 0.90?.3 4.4 0.70?.3 j16 16.0 16.5?.5 17.0 19.0 max. 5.5 1.20?.3 6.7 0.70?.3 k16 18.0 16.5?.5 19.0 21.0 max. 6.7 1.20?.3 6.7 0.70?.3 frequency (hz) 120 1 k 1 0 k 100 k to correction factor 0.75 0.90 0.95 1.00 frequency correction factor for ripple current sep. 2011 02
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tk ? ee74 ? high temperature lead-free re? ow products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+125 ?) esr (  ) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) +20 c ?0 c (pcs) 10 1 000 12.5 13.5 h13 800 0.120 1.80 0.30 eeetk1a102aq (9) 200 1500 12.5 13 .5 (h13) 800 0.12 0 1.80 0.30 eeetka152uaq (9) 200 2200 16 16.5 j16 110 0 0.080 1.20 0.32 eeetk1a222am (9) 125 3300 16 16.5 (j16) 1100 0.080 1.20 0.34 eeetka332uam (9) 125 18 16.5 k16 1 300 0.075 1.10 0.36 eeetk1a332am (9) 125 4700 18 16.5 k16 1300 0.075 1.10 0.38 eeetk1a472am (9) 125 16 330 12.5 13.5 h13 800 0.120 1.80 0.23 eeetk1c331aq (9) 200 470 12.5 13.5 h13 800 0.120 1.80 0.23 eeetk1c471aq (9) 200 680 12.5 13.5 h13 800 0.120 1.80 0.23 eeetk1c681aq (9) 200 1 000 12.5 13 .5 (h13) 800 0.12 0 1.80 0.23 eeetkc102uaq (9) 200 16 16.5 j16 1100 0.0 80 1.20 0.25 eeetk1c102am (9) 125 2200 16 16.5 (j16) 1100 0.080 1.20 0.27 eeetkc222uam (9) 125 18 16.5 k16 1 300 0.075 1.10 0.27 eeetk1c222am (9) 125 3300 18 16.5 k16 1300 0.075 1.10 0.29 eeetk1c332am (9) 125 25 330 12.5 13.5 h13 800 0.120 1.80 0.18 eeetk1e331aq (9) 200 470 12.5 13.5 h13 800 0.120 1.80 0.18 eeetk1e471aq (9) 200 680 12.5 13 .5 (h13) 800 0.12 0 1.80 0.18 eeetke681uaq (9) 200 16 16.5 j16 1100 0.0 80 1.20 0.18 eeetk1e681am (9) 125 1 000 16 16.5 (j16) 1100 0.080 1.20 0.18 eeetke102uam (9) 125 18 16.5 k16 1 300 0.075 1.10 0.18 eeetk1e102am (9) 125 2200 18 16.5 k16 1300 0.075 1.10 0.20 eeetk1e222am (9) 125 35 330 12.5 13.5 h13 800 0.120 1.80 0.16 eeetk1v331aq (9) 200 470 12.5 13 .5 (h13) 800 0.12 0 1.80 0.16 eeetkv471uaq (9) 200 16 16.5 j16 1100 0.080 1.20 0.16 eeetk1v471am (9) 125 680 16 16.5 (j16) 1100 0.080 1.20 0.16 eeetkv681uam (9) 125 18 16.5 k16 1 300 0.075 1.10 0.16 eeetk1v681am (9) 125 1 000 18 16.5 k16 1300 0.075 1.10 0.16 eeetk1v102am (9) 125 50 220 12.5 13.5 h13 600 0 .230 3.40 0.14 eeetk1h221aq (10) 200 330 12.5 13.5 h13 600 0 .230 3.40 0.14 eeetk1h331aq (10) 200 470 16 16.5 j16 900 0.150 2.20 0.14 eeetk1h471am (10) 125 680 16 16.5 (j16) 900 0.150 2.20 0.14 eeetkh681uam (10) 125 18 16.5 k16 950 0. 140 2.10 0.14 eeetk1h681am (10) 125 1 000 18 16.5 k16 950 0. 140 2.10 0.14 eeetk1h102am (10) 125 63 100 12.5 13.5 h13 350 0.260 5.20 0.12 eeetk1j101aq (11) 200 220 12.5 13.5 h13 350 0.260 5.20 0.12 eeetk1j221aq (11) 200 330 16 16.5 j16 500 0.180 3.60 0.12 eeetk1j331am (11) 125 470 16 16.5 j16 500 0.180 3.60 0.12 eeetk1j471am (11) 125 80 47 12.5 13 .5 h13 250 0.42 0 8.40 0.12 eeetk1k470aq (11) 200 100 12.5 13 .5 (h13) 250 0.42 0 8.40 0.12 eeetkk101uaq (11) 200 16 16.5 j16 350 0.300 6.00 0.12 eeetk1k101am (11) 125 220 16 16.5 (j16) 350 0.300 6.00 0.12 eeetkk221uam (11) 125 18 16.5 k16 400 0. 280 5.60 0.12 eeetk1k221am (11) 125 330 16 16.5 (j16) 350 0.300 6.00 0.12 eeetkk331uam (11) 125 18 16.5 k16 400 0. 280 5.60 0.12 eeetk1k331am (11) 125 470 18 16.5 k16 400 0.280 5.60 0.12 eeetk1k471am (11) 125 100 47 12.5 13 .5 h13 250 0.42 0 8.40 0.10 eeetk2a470aq (11) 200 100 16 16.5 j16 350 0 .300 6. 00 0.10 eeetk2a101am (11) 125 220 18 16.5 k16 400 0.280 5.60 0.10 eeetk2a221am (11) 125 330 18 16.5 k16 400 0.280 5.60 0.10 eeetk2a331am (11) 125 ? size code( ):miniaturization product the taping dimensions are explained on ee188 of our catalog. please use it as a ref er ence guide. re? ow pro? le(fig-1 to fig-11) listed on ee186 of our catalog. endurance : 125 ? 2000 h sep. 2010 00


▲Up To Search▲   

 
Price & Availability of EEETK1E101P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X